Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCFT000167 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # MCFT000167
Description  Wound Chip Ferrite Inductors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MCFT000167 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button MCFT000167 Datasheet HTML 2Page - List of Unclassifed Manufacturers MCFT000167 Datasheet HTML 3Page - List of Unclassifed Manufacturers MCFT000167 Datasheet HTML 4Page - List of Unclassifed Manufacturers MCFT000167 Datasheet HTML 5Page - List of Unclassifed Manufacturers MCFT000167 Datasheet HTML 6Page - List of Unclassifed Manufacturers MCFT000167 Datasheet HTML 7Page - List of Unclassifed Manufacturers MCFT000167 Datasheet HTML 8Page - List of Unclassifed Manufacturers MCFT000167 Datasheet HTML 9Page - List of Unclassifed Manufacturers MCFT000167 Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Wound Chip Ferrite Inductors
Page <8>
18/05/09 V1.1
http://www.farnell.com
http://www.newark.com
http://www.cpc.co.uk
Item
Specification
Test Method
Vibration
Appearance
: no damage
L change
: within ±10%
Q change
: within ±30%
RDC
: within specification
Test device shall be soldered on the substrate
Oscillation frequency: 10 to 55 to 10Hz for 1 minute
Amplitude: 1.5mm
Time: 2 hours for each axis (X, Y & Z), total 6 hours
Resistance to soldering
heat
Appearance: no damage
Pre-heating
: 150
°C, 1 minute
Solder temperature
: 260 ±5
°C
Immersion time
: 10 ±1 second
Solderability
The electrodes shall be at least
90% covered with new solder
coating
Lead-free inductor: after fluxing (alpha 100 or equiv), inductor
shall be dipped in a melted solder bath at 245 ±5
°C, 5 ±0.5
seconds.
Environmental Characteristics
Mechanical Performance
Item
Specification
Test Method
Temperature cycle
Appearance: no damage
L change: within ±10%
Q change: within ±30%
RDC: within specification
One cycle:
Total: 100 cycles
Measured after exposure in the room condition for 24 hours
Humidity resistance
Temperature
: 40 ±2
°C
Relative Humidity
: 90 to 95%
Time
: 1000 hours
Measured after exposure in the room condition for 24 hours
High temperature
Storage
Temperature
: 85 ±3
°C
Relative humidity
: 20%
Applied current
: rated Current
Time
: 1000 hours
Measured after exposure in the room condition for 24 hours
Low temperature
storage
Temperature
: -25 ±3
°C
Relative humidity
: 0%
Time
: 1000 hours
Measured after exposure in the room condition for 24 hours
Environmental Performance
Step
Temperature
(
°°C)
Time
(minute)
1
-25 ±3
30
2
25 ±2
3
3
85 ±3
30
4
25 ±2
3


Similar Part No. - MCFT000167

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MCFT000100 ETC2-MCFT000100 Datasheet
622Kb / 10P
   Wire Wound Chip Inductor
MCFT000101 ETC2-MCFT000101 Datasheet
622Kb / 10P
   Wire Wound Chip Inductor
MCFT000102 ETC2-MCFT000102 Datasheet
622Kb / 10P
   Wire Wound Chip Inductor
MCFT000103 ETC2-MCFT000103 Datasheet
622Kb / 10P
   Wire Wound Chip Inductor
MCFT000104 ETC2-MCFT000104 Datasheet
622Kb / 10P
   Wire Wound Chip Inductor
More results

Similar Description - MCFT000167

ManufacturerPart #DatasheetDescription
logo
WALSIN TECHNOLOGY CORPO...
WLFW1608 WALSIN-WLFW1608 Datasheet
280Kb / 6P
   Wire Wound Ferrite Chip Inductors
WLFW2012 WALSIN-WLFW2012 Datasheet
246Kb / 6P
   Wire Wound Ferrite Chip Inductors
WLFW2520 WALSIN-WLFW2520 Datasheet
291Kb / 6P
   Wire Wound Ferrite Chip Inductors
logo
Frontier Electronics.
0805F-78NK FRONTIER-0805F-78NK Datasheet
86Kb / 2P
   SMD Wire Wound Ferrite Chip Inductors
logo
List of Unclassifed Man...
SQC ETC2-SQC Datasheet
463Kb / 7P
   SMD Wire Wound Ferrite Chip Inductors
logo
Frontier Electronics.
CF322522 FRONTIER-CF322522 Datasheet
57Kb / 3P
   Molded Wire Wound Ferrite Chip Inductors
1008F-47NM FRONTIER-1008F-47NM Datasheet
72Kb / 3P
   SMD Wire Wound Ferrite Chip Inductors
0603LS FRONTIER-0603LS Datasheet
242Kb / 3P
   SMD WIRE WOUND FERRITE CHIP INDUCTORS
0805F FRONTIER-0805F_15 Datasheet
179Kb / 2P
   SMD WIRE WOUND FERRITE CHIP INDUCTORS
0805F FRONTIER-0805F Datasheet
79Kb / 2P
   SMD Wire Wound Ferrite Chip Inductors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com