Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCFT000169 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # MCFT000169
Description  Wound Chip Ferrite Inductors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MCFT000169 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button MCFT000169 Datasheet HTML 2Page - List of Unclassifed Manufacturers MCFT000169 Datasheet HTML 3Page - List of Unclassifed Manufacturers MCFT000169 Datasheet HTML 4Page - List of Unclassifed Manufacturers MCFT000169 Datasheet HTML 5Page - List of Unclassifed Manufacturers MCFT000169 Datasheet HTML 6Page - List of Unclassifed Manufacturers MCFT000169 Datasheet HTML 7Page - List of Unclassifed Manufacturers MCFT000169 Datasheet HTML 8Page - List of Unclassifed Manufacturers MCFT000169 Datasheet HTML 9Page - List of Unclassifed Manufacturers MCFT000169 Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Wound Chip Ferrite Inductors
Page <7>
18/05/09 V1.1
http://www.farnell.com
http://www.newark.com
http://www.cpc.co.uk
Standard Electrical Specifications
1812 Wound Chip Inductors (Ferrite) Large Current
Inductance
(
µµH)
Tolerance
(±%)
Q
Minimum
Test
Frequency
(MHz)
Self Resonant
Minimum Frequency
(MHz)
Maximum
DC Resistance
(
Ω)
Rated Current
(mA)
1.0
K
10
7.960
200.0
0.11
1050
1.5
130.0
0.15
950
2.2
80.0
0.18
850
3.3
45.0
0.22
750
4.7
35.0
0.27
650
6.8
28.0
0.35
600
10.0
2.520
22.0
0.50
550
15.0
20.0
0.70
450
22.0
18.0
0.90
370
33.0
14.0
1.40
300
47.0
11.5
1.90
260
68.0
10.0
2.60
220
100.0
20
0.796
8.0
4.00
180
150.0
7.0
6.50
140
220.0
5.5
9.00
120
330.0
4.0
13.00
90
470.0
3.5
26.00
75
680.0
2.6
40.00
65
DC current at which the inductance drops 10% (typical) from its value without current.
Operating temperature range
: -25
°C to 85°C.
Tolerance
: K = ±10%.
L , Q
: HP4291 for 0.18
µH to 82µH.
HP4284 for 100
µH to 820µH.
SRF
: HP4291.
RDC
: AX-1152B.


Similar Part No. - MCFT000169

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MCFT000100 ETC2-MCFT000100 Datasheet
622Kb / 10P
   Wire Wound Chip Inductor
MCFT000101 ETC2-MCFT000101 Datasheet
622Kb / 10P
   Wire Wound Chip Inductor
MCFT000102 ETC2-MCFT000102 Datasheet
622Kb / 10P
   Wire Wound Chip Inductor
MCFT000103 ETC2-MCFT000103 Datasheet
622Kb / 10P
   Wire Wound Chip Inductor
MCFT000104 ETC2-MCFT000104 Datasheet
622Kb / 10P
   Wire Wound Chip Inductor
More results

Similar Description - MCFT000169

ManufacturerPart #DatasheetDescription
logo
WALSIN TECHNOLOGY CORPO...
WLFW1608 WALSIN-WLFW1608 Datasheet
280Kb / 6P
   Wire Wound Ferrite Chip Inductors
WLFW2012 WALSIN-WLFW2012 Datasheet
246Kb / 6P
   Wire Wound Ferrite Chip Inductors
WLFW2520 WALSIN-WLFW2520 Datasheet
291Kb / 6P
   Wire Wound Ferrite Chip Inductors
logo
Frontier Electronics.
0805F-78NK FRONTIER-0805F-78NK Datasheet
86Kb / 2P
   SMD Wire Wound Ferrite Chip Inductors
logo
List of Unclassifed Man...
SQC ETC2-SQC Datasheet
463Kb / 7P
   SMD Wire Wound Ferrite Chip Inductors
logo
Frontier Electronics.
CF322522 FRONTIER-CF322522 Datasheet
57Kb / 3P
   Molded Wire Wound Ferrite Chip Inductors
1008F-47NM FRONTIER-1008F-47NM Datasheet
72Kb / 3P
   SMD Wire Wound Ferrite Chip Inductors
0603LS FRONTIER-0603LS Datasheet
242Kb / 3P
   SMD WIRE WOUND FERRITE CHIP INDUCTORS
0805F FRONTIER-0805F_15 Datasheet
179Kb / 2P
   SMD WIRE WOUND FERRITE CHIP INDUCTORS
0805F FRONTIER-0805F Datasheet
79Kb / 2P
   SMD Wire Wound Ferrite Chip Inductors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com