Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCFT000171 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # MCFT000171
Description  Wound Chip Ferrite Inductors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MCFT000171 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button MCFT000171 Datasheet HTML 2Page - List of Unclassifed Manufacturers MCFT000171 Datasheet HTML 3Page - List of Unclassifed Manufacturers MCFT000171 Datasheet HTML 4Page - List of Unclassifed Manufacturers MCFT000171 Datasheet HTML 5Page - List of Unclassifed Manufacturers MCFT000171 Datasheet HTML 6Page - List of Unclassifed Manufacturers MCFT000171 Datasheet HTML 7Page - List of Unclassifed Manufacturers MCFT000171 Datasheet HTML 8Page - List of Unclassifed Manufacturers MCFT000171 Datasheet HTML 9Page - List of Unclassifed Manufacturers MCFT000171 Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
Wound Chip Ferrite Inductors
Page <10>
18/05/09 V1.1
http://www.farnell.com
http://www.newark.com
http://www.cpc.co.uk
Disclaimer This data sheet and its contents (the "Information") belong to the Premier Farnell Group (the "Group") or are licensed to it. No licence is granted for the use of it other than for information purposes
in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change without notice and replaces all data sheets previously supplied.
The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness, any error in or omission from it or for any use made of it. Users of this data
sheet should check for themselves the Information and the suitability of the products for their purpose and not make any assumptions based on information included or omitted. Liability for loss or damage
resulting from any reliance on the Information or use of it (including liability resulting from negligence or where the Group was aware of the possibility of such loss or damage arising) is excluded.
This will not operate to limit or restrict the Group's liability for death or personal injury resulting from its negligence. SPC Multicomp is the registered trademark of the Group. © Premier Farnell plc 2009.
Part Number Table
Description
Part Number
Inductor, Ferrite, 1210, 4.7uH
MCFT000186
Inductor, Ferrite, 1210, 6.8uH
MCFT000187
Inductor, Ferrite, 1210, 10uH
MCFT000188
Inductor, Ferrite, 1210, 15uH
MCFT000189
Inductor, Ferrite, 1210, 22uH
MCFT000190
Inductor, Ferrite, 1210, 33uH
MCFT000191
Inductor, Ferrite, 1210, 47uH
MCFT000192
Inductor, Ferrite, 1210, 68uH
MCFT000193
Inductor, Ferrite, 1210, 100uH
MCFT000194
Inductor, Ferrite, 1210, 150uH
MCFT000195
Inductor, Ferrite, 1210, 220uH
MCFT000196
Inductor, Ferrite, 1812, 1uH
MCFT000197
Inductor, Ferrite, 1812, 1.5uH
MCFT000198
Inductor, Ferrite, 1812, 2.2uH
MCFT000199
Inductor, Ferrite, 1812, 3.3uH
MCFT000200
Inductor, Ferrite, 1812, 4.7uH
MCFT000201
Inductor, Ferrite, 1812, 6.8uH
MCFT000202
Inductor, Ferrite, 1812, 10uH
MCFT000203
Inductor, Ferrite, 1812, 15uH
MCFT000204
Inductor, Ferrite, 1812, 22uH
MCFT000205
Inductor, Ferrite, 1812, 33uH
MCFT000206
Inductor, Ferrite, 1812, 47uH
MCFT000207
Inductor, Ferrite, 1812, 68uH
MCFT000208
Inductor, Ferrite, 1812, 100uH
MCFT000209
Inductor, Ferrite, 1812, 150uH
MCFT000210
Inductor, Ferrite, 1812, 220uH
MCFT000211
Inductor, Ferrite, 1812, 330uH
MCFT000212
Inductor, Ferrite, 1812, 470uH
MCFT000213
Inductor, Ferrite, 1812, 680uH
MCFT000214


Similar Part No. - MCFT000171

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MCFT000100 ETC2-MCFT000100 Datasheet
622Kb / 10P
   Wire Wound Chip Inductor
MCFT000101 ETC2-MCFT000101 Datasheet
622Kb / 10P
   Wire Wound Chip Inductor
MCFT000102 ETC2-MCFT000102 Datasheet
622Kb / 10P
   Wire Wound Chip Inductor
MCFT000103 ETC2-MCFT000103 Datasheet
622Kb / 10P
   Wire Wound Chip Inductor
MCFT000104 ETC2-MCFT000104 Datasheet
622Kb / 10P
   Wire Wound Chip Inductor
More results

Similar Description - MCFT000171

ManufacturerPart #DatasheetDescription
logo
WALSIN TECHNOLOGY CORPO...
WLFW1608 WALSIN-WLFW1608 Datasheet
280Kb / 6P
   Wire Wound Ferrite Chip Inductors
WLFW2012 WALSIN-WLFW2012 Datasheet
246Kb / 6P
   Wire Wound Ferrite Chip Inductors
WLFW2520 WALSIN-WLFW2520 Datasheet
291Kb / 6P
   Wire Wound Ferrite Chip Inductors
logo
Frontier Electronics.
0805F-78NK FRONTIER-0805F-78NK Datasheet
86Kb / 2P
   SMD Wire Wound Ferrite Chip Inductors
logo
List of Unclassifed Man...
SQC ETC2-SQC Datasheet
463Kb / 7P
   SMD Wire Wound Ferrite Chip Inductors
logo
Frontier Electronics.
CF322522 FRONTIER-CF322522 Datasheet
57Kb / 3P
   Molded Wire Wound Ferrite Chip Inductors
1008F-47NM FRONTIER-1008F-47NM Datasheet
72Kb / 3P
   SMD Wire Wound Ferrite Chip Inductors
0603LS FRONTIER-0603LS Datasheet
242Kb / 3P
   SMD WIRE WOUND FERRITE CHIP INDUCTORS
0805F FRONTIER-0805F_15 Datasheet
179Kb / 2P
   SMD WIRE WOUND FERRITE CHIP INDUCTORS
0805F FRONTIER-0805F Datasheet
79Kb / 2P
   SMD Wire Wound Ferrite Chip Inductors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com