Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP1804T-3302IDB Datasheet(PDF) 10 Page - Microchip Technology

Part # MCP1804T-3302IDB
Description  150 mA, 28V LDO Regulator With Shutdown
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1804T-3302IDB Datasheet(HTML) 10 Page - Microchip Technology

Back Button MCP1804T-3302IDB Datasheet HTML 6Page - Microchip Technology MCP1804T-3302IDB Datasheet HTML 7Page - Microchip Technology MCP1804T-3302IDB Datasheet HTML 8Page - Microchip Technology MCP1804T-3302IDB Datasheet HTML 9Page - Microchip Technology MCP1804T-3302IDB Datasheet HTML 10Page - Microchip Technology MCP1804T-3302IDB Datasheet HTML 11Page - Microchip Technology MCP1804T-3302IDB Datasheet HTML 12Page - Microchip Technology MCP1804T-3302IDB Datasheet HTML 13Page - Microchip Technology MCP1804T-3302IDB Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 38 page
background image
MCP1804
DS22200B-page 10
© 2009 Microchip Technology Inc.
Note: Unless otherwise indicated: COUT = 1 µF Ceramic (X7R), CIN = 1 µF Ceramic (X7R), TA = +25°C, VIN = VR + 2.0V.
FIGURE 2-19:
Supply Current vs. Input
Voltage.
FIGURE 2-20:
Supply Current vs. Input
Voltage.
FIGURE 2-21:
Supply Current vs. Input
Voltage.
FIGURE 2-22:
Output Voltage vs. Ambient
Temperature.
FIGURE 2-23:
Output Voltage vs. Ambient
Temperature.
FIGURE 2-24:
Output Voltage vs. Ambient
Temperature.
0
10
20
30
40
50
60
70
-40
-20
0
20406080
100
Ambient Temperature (°C)
VR=1.8V
0
10
20
30
40
50
60
70
-40
-20
0
20406080
100
Ambient Temperature (°C)
VR=5V
0
10
20
30
40
50
60
70
-40
-20
0
204060
80
100
Ambient Temperature (°C)
VR=12V
1.60
1.65
1.70
1.75
1.80
1.85
1.90
1.95
2.00
-50
-25
0
255075
100
Ambient Temperature (°C)
IOUT=1mA
IOUT=10mA
IOUT=20mA
VR=1.8V
4.80
4.85
4.90
4.95
5.00
5.05
5.10
5.15
5.20
-50
-25
0
255075
100
Ambient Temperature (°C)
IOUT=1mA
IOUT=10mA
IOUT=20mA
V
R=5V
11.5
11.6
11.7
11.8
11.9
12.0
12.1
12.2
12.3
12.4
12.5
-50
-25
0
25
50
75
100
Ambient Temperature (°C)
IOUT=1mA
IOUT=10mA
IOUT=20mA
VR=12V


Similar Part No. - MCP1804T-3302IDB

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP1804T-3302I/DB MICROCHIP-MCP1804T-3302I/DB Datasheet
2Mb / 36P
   150 mA, 28V LDO Regulator With Shutdown
08/20/13
MCP1804T-3302I/DM MICROCHIP-MCP1804T-3302I/DM Datasheet
649Kb / 38P
   150 mA, 28V LDO Regulator With Shutdown
2009
MCP1804T-3302I/MB MICROCHIP-MCP1804T-3302I/MB Datasheet
649Kb / 38P
   150 mA, 28V LDO Regulator With Shutdown
2009
MCP1804T-3302I/MB MICROCHIP-MCP1804T-3302I/MB Datasheet
2Mb / 36P
   150 mA, 28V LDO Regulator With Shutdown
08/20/13
MCP1804T-3302I/MT MICROCHIP-MCP1804T-3302I/MT Datasheet
649Kb / 38P
   150 mA, 28V LDO Regulator With Shutdown
2009
More results

Similar Description - MCP1804T-3302IDB

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP1804 MICROCHIP-MCP1804_13 Datasheet
2Mb / 36P
   150 mA, 28V LDO Regulator With Shutdown
08/20/13
MCP1804 MICROCHIP-MCP1804 Datasheet
649Kb / 38P
   150 mA, 28V LDO Regulator With Shutdown
2009
TC1017 MICROCHIP-TC1017 Datasheet
450Kb / 22P
   150 mA, Tiny CMOS LDO With Shutdown
2003
TC1017 MICROCHIP-TC1017_13 Datasheet
595Kb / 26P
   150 mA, Tiny CMOS LDO With Shutdown
11/29/12
TC1017R-3VLTTR MICROCHIP-TC1017R-3VLTTR Datasheet
299Kb / 22P
   150 mA, Tiny CMOS LDO With Shutdown
03/01/05
logo
ON Semiconductor
CAT6217 ONSEMI-CAT6217 Datasheet
165Kb / 9P
   150 mA CMOS LDO Regulator
December, 2009 ??Rev. 5
CAT6217 ONSEMI-CAT6217_11 Datasheet
156Kb / 9P
   150 mA CMOS LDO Regulator
January, 2011 ??Rev. 6
FAN2502 ONSEMI-FAN2502 Datasheet
972Kb / 14P
   150 mA CMOS LDO Regulator
May 2013 Rev. 1.1.0
logo
Texas Instruments
LP2985 TI-LP2985_10 Datasheet
650Kb / 27P
[Old version datasheet]   150-mA LOW-NOISE LOW-DROPOUT REGULATOR WITH SHUTDOWN
logo
Microchip Technology
MIC5205 MICROCHIP-MIC5205 Datasheet
1Mb / 20P
   150 mA Low-Noise LDO Regulator
09/14/21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com