Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP6295 Datasheet(PDF) 1 Page - Microchip Technology

Part # MCP6295
Description  1.0 mA, 10 MHz Rail-to-Rail Op Amp
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6295 Datasheet(HTML) 1 Page - Microchip Technology

  MCP6295 Datasheet HTML 1Page - Microchip Technology MCP6295 Datasheet HTML 2Page - Microchip Technology MCP6295 Datasheet HTML 3Page - Microchip Technology MCP6295 Datasheet HTML 4Page - Microchip Technology MCP6295 Datasheet HTML 5Page - Microchip Technology MCP6295 Datasheet HTML 6Page - Microchip Technology MCP6295 Datasheet HTML 7Page - Microchip Technology MCP6295 Datasheet HTML 8Page - Microchip Technology MCP6295 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
© 2007 Microchip Technology Inc.
DS21812E-page 1
MCP6291/1R/2/3/4/5
Features
• Gain Bandwidth Product: 10 MHz (typical)
• Supply Current: IQ = 1.0 mA
• Supply Voltage: 2.4V to 6.0V
• Rail-to-Rail Input/Output
• Extended Temperature Range: -40°C to +125°C
• Available in Single, Dual and Quad Packages
• Single with CS (
MCP6293)
• Dual with CS (
MCP6295)
Applications
• Automotive
• Portable Equipment
• Photodiode Amplifier
• Analog Filters
• Notebooks and PDAs
• Battery-Powered Systems
Design Aids
• SPICE Macro Models
• FilterLab® Software
• Mindi™ Simulation Tool
• MAPS (Microchip Advanced Part Selector)
• Analog Demonstration and Evaluation Boards
• Application Notes
Description
The Microchip Technology Inc. MCP6291/1R/2/3/4/5
family of operational amplifiers (op amps) provide wide
bandwidth for the current. This family has a 10 MHz
Gain Bandwidth Product (GBWP) and a 65° phase
margin. This family also operates from a single supply
voltage as low as 2.4V, while drawing 1 mA (typical)
quiescent current. In addition, the MCP6291/1R/2/3/4/5
supports rail-to-rail input and output swing, with a
common mode input voltage range of VDD + 300 mV to
VSS – 300 mV. This family of operational amplifiers is
designed with Microchip’s advanced CMOS process.
The MCP6295 has a Chip Select (CS) input for dual op
amps in an 8-pin package. This device is manufactured
by cascading the two op amps, with the output of
op amp A being connected to the non-inverting input of
op amp B. The CS input puts the device in a Low-power
mode.
The MCP6291/1R/2/3/4/5 family operates over the
Extended Temperature Range of -40°C to +125°C. It
also has a power supply range of 2.4V to 6.0V.
Package Types
1
2
3
4
VIN
_
MCP6291
VDD
1
2
3
4
8
7
6
5
-
+
NC
NC
NC
VIN+
VSS
MCP6292
PDIP, SOIC, MSOP
MCP6294
1
2
3
4
14
13
12
11
-
+ -
+
10
9
8
5
6
7
+
-
-
+
PDIP, SOIC, TSSOP
1
2
3
4
8
7
6
5
-
+ -
+
VOUT
MCP6293
8
7
6
5
-
+
VINA
_
VINA+
VSS
VOUTA
VOUTB
VDD
VINB
_
VINB+
VSS
VIN+
VIN
_
NC
CS
VDD
VOUT
NC
VOUTA
VINA
_
VINA+
VDD
VSS
VOUTB
VINB
_
VINB+
VOUTC
VINC
_
VINC+
VOUTD
VIND
_
VIND+
PDIP, SOIC, MSOP
PDIP, SOIC, MSOP
MCP6295
PDIP, SOIC, MSOP
1
2
3
4
8
7
6
5
+ -
VINA
_
VINA+
VSS
VOUTA/VINB+
VOUTB
VDD
VINB
_
CS
- +
MCP6291
SOT-23-5
4
1
2
3
-
5 VDD
VIN
VOUT
VSS
VIN+
MCP6291R
SOT-23-5
4
1
2
3
-
5 VSS
VIN
VOUT
VDD
VIN+
MCP6293
SOT-23-6
4
1
2
3
-
6
5
VSS
VIN+
VOUT
CS
VDD
VIN
1.0 mA, 10 MHz Rail-to-Rail Op Amp


Similar Part No. - MCP6295

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP6295 MICROCHIP-MCP6295 Datasheet
589Kb / 32P
   1.0 mA, 10 MHz Rail-to-Rail Op Amp
2007
MCP6295 MICROCHIP-MCP6295 Datasheet
689Kb / 36P
   1.0 mA, 10 MHz Rail-to-Rail Op Amp
2007
MCP6295-E/MS MICROCHIP-MCP6295-E/MS Datasheet
589Kb / 32P
   1.0 mA, 10 MHz Rail-to-Rail Op Amp
2007
MCP6295-E/P MICROCHIP-MCP6295-E/P Datasheet
589Kb / 32P
   1.0 mA, 10 MHz Rail-to-Rail Op Amp
2007
MCP6295-E/SN MICROCHIP-MCP6295-E/SN Datasheet
589Kb / 32P
   1.0 mA, 10 MHz Rail-to-Rail Op Amp
2007
More results

Similar Description - MCP6295

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP6291 MICROCHIP-MCP6291 Datasheet
689Kb / 36P
   1.0 mA, 10 MHz Rail-to-Rail Op Amp
2007
MCP6291 MICROCHIP-MCP6291 Datasheet
589Kb / 32P
   1.0 mA, 10 MHz Rail-to-Rail Op Amp
2007
MCP6281 MICROCHIP-MCP6281 Datasheet
580Kb / 32P
   450 UA, 5 MHz Rail-to-Rail Op Amp
2004
MCP6271 MICROCHIP-MCP6271 Datasheet
596Kb / 34P
   170 UA, 2 MHz Rail-to-Rail Op Amp
2004
logo
Analog Devices
AD8675 AD-AD8675_15 Datasheet
303Kb / 12P
   Rail-to-Rail Output Op Amp
Rev. E
logo
KODENSHI_AUK CORP.
S33201M KODENSHI-S33201M Datasheet
231Kb / 6P
   Rail to Rail Single OP AMP
logo
AUK corp
S33201M AUK-S33201M Datasheet
369Kb / 6P
   Rail to Rail Single OP AMP
logo
Intersil Corporation
ISL28190_0808 INTERSIL-ISL28190_0808 Datasheet
1Mb / 16P
   Rail-to-Rail Output, Op Amp
logo
Silicon Laboratories
TS1005 SILABS-TS1005 Datasheet
1Mb / 13P
   RAIL-TO-RAIL SINGLE OP AMP
logo
Micrel Semiconductor
MIC7122 MICREL-MIC7122_05 Datasheet
54Kb / 8P
   Rail-to-Rail Dual Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com