Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP6041-IP Datasheet(PDF) 4 Page - Microchip Technology

Part # MCP6041-IP
Description  600 nA, Rail-to-Rail Input/Output Op Amps
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6041-IP Datasheet(HTML) 4 Page - Microchip Technology

  MCP6041-IP Datasheet HTML 1Page - Microchip Technology MCP6041-IP Datasheet HTML 2Page - Microchip Technology MCP6041-IP Datasheet HTML 3Page - Microchip Technology MCP6041-IP Datasheet HTML 4Page - Microchip Technology MCP6041-IP Datasheet HTML 5Page - Microchip Technology MCP6041-IP Datasheet HTML 6Page - Microchip Technology MCP6041-IP Datasheet HTML 7Page - Microchip Technology MCP6041-IP Datasheet HTML 8Page - Microchip Technology MCP6041-IP Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
MCP6041/2/3/4
DS21669C-page 4
© 2008 Microchip Technology Inc.
TEMPERATURE CHARACTERISTICS
1.1
Test Circuits
The test circuits used for the DC and AC tests are
shown in Figure 1-2 and Figure 1-3. The bypass
capacitors are laid out according to the rules discussed
in
Section 4.6 “Supply Bypass”.
FIGURE 1-2:
AC and DC Test Circuit for
Most Non-Inverting Gain Conditions.
FIGURE 1-3:
AC and DC Test Circuit for
Most Inverting Gain Conditions.
Electrical Characteristics: Unless otherwise indicated, V
DD = +1.4V to +5.5V, VSS =GND.
Parameters
Sym
Min
Typ
Max Units
Conditions
Temperature Ranges
Specified Temperature Range
TA
-40
+85
°C
Industrial Temperature parts
TA
-40
+125
°C
Extended Temperature parts
Operating Temperature Range
TA
-40
+125
°C
(Note 1)
Storage Temperature Range
TA
-65
+150
°C
Thermal Package Resistances
Thermal Resistance, 5L-SOT-23
θ
JA
256
°C/W
Thermal Resistance, 6L-SOT-23
θ
JA
230
°C/W
Thermal Resistance, 8L-PDIP
θ
JA
—85—
°C/W
Thermal Resistance, 8L-SOIC
θ
JA
163
°C/W
Thermal Resistance, 8L-MSOP
θ
JA
206
°C/W
Thermal Resistance, 14L-PDIP
θ
JA
—70—
°C/W
Thermal Resistance, 14L-SOIC
θ
JA
120
°C/W
Thermal Resistance, 14L-TSSOP
θ
JA
100
°C/W
Note 1:
The MCP6041/2/3/4 family of Industrial Temperature op amps operates over this extended range, but with reduced
performance. In any case, the internal Junction Temperature (TJ) must not exceed the Absolute Maximum specification
of +150°C.
VDD
MCP604X
RG
RF
RN
VOUT
VIN
VDD/2
1µF
CL
RL
VL
0.1 µF
VDD
MCP604X
RG
RF
RN
VOUT
VDD/2
VIN
1µF
CL
RL
VL
0.1 µF


Similar Part No. - MCP6041-IP

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP6041-IP MICROCHIP-MCP6041-IP Datasheet
507Kb / 34P
   600 nA, Rail-to-Rail Input/Output Op Amps
01/02/08
MCP6041-IP MICROCHIP-MCP6041-IP Datasheet
507Kb / 34P
   600 nA, Rail-to-Rail Input/Output Op Amps
01/02/08
MCP6041-IP MICROCHIP-MCP6041-IP Datasheet
507Kb / 34P
   600 nA, Rail-to-Rail Input/Output Op Amps
01/02/08
MCP6041-IP MICROCHIP-MCP6041-IP Datasheet
507Kb / 34P
   600 nA, Rail-to-Rail Input/Output Op Amps
01/02/08
More results

Similar Description - MCP6041-IP

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP6044-E MICROCHIP-MCP6044-E Datasheet
617Kb / 34P
   600 nA, Rail-to-Rail Input/Output Op Amps
01/02/08
MCP6044-I MICROCHIP-MCP6044-I Datasheet
507Kb / 34P
   600 nA, Rail-to-Rail Input/Output Op Amps
01/02/08
MCP6041 MICROCHIP-MCP6041 Datasheet
621Kb / 32P
   600 nA, Rail-to-Rail Input/Output Op Amps
2002
MCP6043T-I MICROCHIP-MCP6043T-I Datasheet
507Kb / 34P
   600 nA, Rail-to-Rail Input/Output Op Amps
01/02/08
MCP6041 MICROCHIP-MCP6041_13 Datasheet
1Mb / 40P
   600 nA, Rail-to-Rail Input/Output Op Amps
2001-2013
MCP6041T-E MICROCHIP-MCP6041T-E Datasheet
1Mb / 40P
   600 nA, Rail-to-Rail Input/Output Op Amps
11/29/12
MCP6044-I MICROCHIP-MCP6044-I Datasheet
1Mb / 34P
   600 nA, Rail-to-Rail Input/Output Op Amps
01/02/08
MCP6042-I MICROCHIP-MCP6042-I Datasheet
507Kb / 34P
   600 nA, Rail-to-Rail Input/Output Op Amps
01/02/08
MCP6044-E MICROCHIP-MCP6044-E Datasheet
507Kb / 34P
   600 nA, Rail-to-Rail Input/Output Op Amps
01/02/08
MCP6041T-I MICROCHIP-MCP6041T-I Datasheet
1Mb / 40P
   600 nA, Rail-to-Rail Input/Output Op Amps
11/29/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com