Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP6292T Datasheet(PDF) 11 Page - Microchip Technology

Part # MCP6292T
Description  1.0 mA, 10 MHz Rail-to-Rail Op Amp
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6292T Datasheet(HTML) 11 Page - Microchip Technology

Back Button MCP6292T Datasheet HTML 7Page - Microchip Technology MCP6292T Datasheet HTML 8Page - Microchip Technology MCP6292T Datasheet HTML 9Page - Microchip Technology MCP6292T Datasheet HTML 10Page - Microchip Technology MCP6292T Datasheet HTML 11Page - Microchip Technology MCP6292T Datasheet HTML 12Page - Microchip Technology MCP6292T Datasheet HTML 13Page - Microchip Technology MCP6292T Datasheet HTML 14Page - Microchip Technology MCP6292T Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
© 2007 Microchip Technology Inc.
DS21812E-page 11
MCP6291/1R/2/3/4/5
3.0
PIN DESCRIPTIONS
Descriptions of the pins are listed in Table 3-1 (single op amps) and Table 3-2 (dual and quad op amps).
TABLE 3-1:
PIN FUNCTION TABLE FOR SINGLE OP AMPS
TABLE 3-2:
PIN FUNCTION TABLE FOR DUAL AND QUAD OP AMPS
3.1
Analog Outputs
The output pins are low-impedance voltage sources.
3.2
Analog Inputs
The non-inverting and inverting inputs are high-
impedance CMOS inputs with low bias currents.
3.3
MCP6295’s VOUTA/VINB+ Pin
For the MCP6295 only, the output of op amp A is
connected directly to the non-inverting input of
op amp B; this is the VOUTA/VINB+ pin. This connection
makes it possible to provide a Chip Select pin for duals
in 8-pin packages.
3.4
Chip Select Digital Input
This is a CMOS, Schmitt-triggered input that places the
part into a low power mode of operation.
3.5
Power Supply Pins
The positive power supply (VDD) is 2.4V to 6.0V higher
than the negative power supply (VSS). For normal
operation, the other pins are between VSS and VDD.
Typically, these parts are used in a single (positive)
supply configuration. In this case, VSS is connected to
ground and VDD is connected to the supply. VDD will
need bypass capacitors
MCP6291
MCP6291R
MCP6293
Symbol
Description
PDIP, SOIC,
MSOP
SOT-23-5
PDIP, SOIC,
MSOP
SOT-23-6
61
1
6
1
VOUT
Analog Output
24
4
2
4
VIN
Inverting Input
33
3
3
3
VIN+
Non-inverting Input
75
2
7
6
VDD
Positive Power Supply
42
5
4
2
VSS
Negative Power Supply
——
8
5
CS
Chip Select
1,5,8
1,5
NC
No Internal Connection
MCP6292
MCP6294
MCP6295
Symbol
Description
11
VOUTA
Analog Output (op amp A)
22
2
VINA
Inverting Input (op amp A)
33
3
VINA+
Non-inverting Input (op amp A)
84
8
VDD
Positive Power Supply
55
VINB+
Non-inverting Input (op amp B)
66
6
VINB
Inverting Input (op amp B)
77
7
VOUTB
Analog Output (op amp B)
—8
VOUTC
Analog Output (op amp C)
—9
VINC
Inverting Input (op amp C)
—10—
VINC+
Non-inverting Input (op amp C)
4114
VSS
Negative Power Supply
—12—
VIND+
Non-inverting Input (op amp D)
—13—
VIND
Inverting Input (op amp D)
—14—
VOUTD
Analog Output (op amp D)
——
1
VOUTA/VINB+
Analog Output (op amp A)/Non-inverting Input (op amp B)
——
5
CS
Chip Select


Similar Part No. - MCP6292T

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP6292T MICROCHIP-MCP6292T Datasheet
589Kb / 32P
   1.0 mA, 10 MHz Rail-to-Rail Op Amp
2007
MCP6292T-E/SN MICROCHIP-MCP6292T-E/SN Datasheet
589Kb / 32P
   1.0 mA, 10 MHz Rail-to-Rail Op Amp
2007
More results

Similar Description - MCP6292T

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP6291 MICROCHIP-MCP6291 Datasheet
689Kb / 36P
   1.0 mA, 10 MHz Rail-to-Rail Op Amp
2007
MCP6291 MICROCHIP-MCP6291 Datasheet
589Kb / 32P
   1.0 mA, 10 MHz Rail-to-Rail Op Amp
2007
MCP6281 MICROCHIP-MCP6281 Datasheet
580Kb / 32P
   450 UA, 5 MHz Rail-to-Rail Op Amp
2004
MCP6271 MICROCHIP-MCP6271 Datasheet
596Kb / 34P
   170 UA, 2 MHz Rail-to-Rail Op Amp
2004
logo
Analog Devices
AD8675 AD-AD8675_15 Datasheet
303Kb / 12P
   Rail-to-Rail Output Op Amp
Rev. E
logo
KODENSHI_AUK CORP.
S33201M KODENSHI-S33201M Datasheet
231Kb / 6P
   Rail to Rail Single OP AMP
logo
AUK corp
S33201M AUK-S33201M Datasheet
369Kb / 6P
   Rail to Rail Single OP AMP
logo
Intersil Corporation
ISL28190_0808 INTERSIL-ISL28190_0808 Datasheet
1Mb / 16P
   Rail-to-Rail Output, Op Amp
logo
Silicon Laboratories
TS1005 SILABS-TS1005 Datasheet
1Mb / 13P
   RAIL-TO-RAIL SINGLE OP AMP
logo
Micrel Semiconductor
MIC7122 MICREL-MIC7122_05 Datasheet
54Kb / 8P
   Rail-to-Rail Dual Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com