Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP73855-MF Datasheet(PDF) 11 Page - Microchip Technology

Part # MCP73855-MF
Description  USB Compatible Li-Ion/Li-Polymer Charge Management Controllers
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP73855-MF Datasheet(HTML) 11 Page - Microchip Technology

Back Button MCP73855-MF Datasheet HTML 7Page - Microchip Technology MCP73855-MF Datasheet HTML 8Page - Microchip Technology MCP73855-MF Datasheet HTML 9Page - Microchip Technology MCP73855-MF Datasheet HTML 10Page - Microchip Technology MCP73855-MF Datasheet HTML 11Page - Microchip Technology MCP73855-MF Datasheet HTML 12Page - Microchip Technology MCP73855-MF Datasheet HTML 13Page - Microchip Technology MCP73855-MF Datasheet HTML 14Page - Microchip Technology MCP73855-MF Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
 2004 Microchip Technology Inc.
DS21915A-page 11
MCP73853/55
4.0
DEVICE OVERVIEW
The MCP7385X devices are highly advanced linear
charge management controllers. Refer to the functional
block diagram. Figure 4-2 depicts the operational flow
algorithm from charge initiation to completion and
automatic recharge.
4.1
Charge Qualification and
Preconditioning
Upon insertion of a battery, or application of an external
supply, the MCP7385X devices automatically perform a
series of safety checks to qualify the charge. The input
source voltage must be above the Undervoltage Lock-
out (UVLO) threshold, the enable pin must be above the
logic high level, and the cell temperature monitor must
be within the upper and lower thresholds (MCP73853
only). The qualification parameters are continuously
monitored, with any deviation beyond the limits automat-
ically suspending, or terminating, the charge cycle. The
input voltage must deviate below the UVLO stop
threshold for at least one clock period to be considered
valid.
Once the qualification parameters have been met, the
MCP7385X devices initiate a charge cycle. The charge
status output is pulled low throughout the charge cycle
(see Tables 5-1 and 5-2 for charge status outputs). If
the battery voltage is below the preconditioning thresh-
old (VPTH), the MCP7385X devices precondition the
battery with a trickle charge. The preconditioning
current is set to approximately 10% of the fast charge
regulation current. The preconditioning trickle charge
safely replenishes deeply depleted cells and minimizes
heat dissipation during the initial charge cycle. If the
battery voltage has not exceeded the preconditioning
threshold before the preconditioning timer has expired,
a fault is indicated and the charge cycle is terminated.
4.2
Constant Current Regulation –
Fast Charge
Preconditioning ends and fast charging begins when
the battery voltage exceeds the preconditioning thresh-
old. Fast charge regulates to a constant current (IREG),
which is set via an external resistor connected to the
PROG pin. Fast charge continues until either the
battery voltage reaches the regulation voltage (VREG)
or the fast charge timer expires; in which case, a fault
is indicated and the charge cycle is terminated.
4.3
Constant Voltage Regulation
When the battery voltage reaches the regulation volt-
age (VREG), constant voltage regulation begins. The
MCP7385X devices monitor the battery voltage at the
VBAT pin. This input is tied directly to the positive termi-
nal of the battery. The MCP7385X devices select the
voltage regulation value based on the state of VSET.
With VSET tied to VSS, the MCP7385X devices regulate
to 4.1V. With VSET tied to VDD, the MCP7385X devices
regulate to 4.2V.
4.4
Charge Cycle Completion and
Automatic Recharge
The MCP7385X devices monitor the charging current
during the Constant-voltage Regulation mode. The
charge cycle is considered complete when either the
charge current has diminished below approximately
7% of the regulation current (IREG), or the elapsed timer
has expired.
The MCP7385X devices automatically begin a new
charge cycle when the battery voltage falls below the
recharge threshold (VRTH), assuming all the qualifica-
tion parameters are met.
4.5
Thermal Regulation
The MCP7385X devices limit the charge current based
on the die temperature. Thermal regulation optimizes
the charge cycle time while maintaining device reliabil-
ity. If thermal regulation is entered, the timer is automat-
ically slowed down to ensure that a charge cycle will
not terminate prematurely. Figure 4-1 depicts the
thermal regulation.
FIGURE 4-1:
Typical Maximum Charge
Current vs. Junction Temperature.
4.6
Thermal Shutdown
The MCP7385X devices suspend charge if the die
temperature exceeds 155°C. Charging will resume
when the die temperature has cooled by approximately
10°C. The thermal shutdown is a secondary safety
feature in the event that there is a failure within the
thermal regulation circuitry.
0
50
100
150
200
250
300
350
400
450
0
20
40
60
80
100
120
140
Junction Temperature (C)
Minimum
Maximum


Similar Part No. - MCP73855-MF

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP73855 MICROCHIP-MCP73855 Datasheet
362Kb / 24P
   USB Compatible Li-Ion/Li-Polymer Charge Management Controllers
2004
MCP73855 MICROCHIP-MCP73855 Datasheet
799Kb / 32P
   USB Compatible Li-Ion/Li-Polymer Charge Management Controllers
11/29/11 2004-2013
MCP73855IMF MICROCHIP-MCP73855IMF Datasheet
362Kb / 24P
   USB Compatible Li-Ion/Li-Polymer Charge Management Controllers
2004
MCP73855IML MICROCHIP-MCP73855IML Datasheet
362Kb / 24P
   USB Compatible Li-Ion/Li-Polymer Charge Management Controllers
2004
MCP73855T MICROCHIP-MCP73855T Datasheet
362Kb / 24P
   USB Compatible Li-Ion/Li-Polymer Charge Management Controllers
2004
More results

Similar Description - MCP73855-MF

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP73853 MICROCHIP-MCP73853 Datasheet
362Kb / 24P
   USB Compatible Li-Ion/Li-Polymer Charge Management Controllers
2004
MCP73853 MICROCHIP-MCP73853_13 Datasheet
799Kb / 32P
   USB Compatible Li-Ion/Li-Polymer Charge Management Controllers
11/29/11 2004-2013
MCP73831 MICROCHIP-MCP73831_13 Datasheet
1Mb / 32P
   Miniature Single-Cell, Fully Integrated Li-Ion, Li-Polymer Charge Management Controllers
11/29/12 2005-2013
MCP73831 MICROCHIP-MCP73831_08 Datasheet
847Kb / 28P
   Miniature Single-Cell, Fully Integrated Li-Ion, Li-Polymer Charge Management Controllers
2008
MCP73831 MICROCHIP-MCP73831 Datasheet
696Kb / 24P
   Miniature Single-Cell, Fully Integrated Li-Ion, Li-Polymer Charge Management Controllers
2006
MCP73831 MICROCHIP-MCP73831_V01 Datasheet
1Mb / 29P
   Miniature Single-Cell, Fully Integrated Li-Ion, Li-Polymer Charge Management Controllers
Revision H June 2020
MCP73831 MICROCHIP-MCP73831_14 Datasheet
682Kb / 28P
   Miniature Single-Cell, Fully Integrated Li-Ion, Li-Polymer Charge Management Controllers
03/25/14
MCP73811 MICROCHIP-MCP73811 Datasheet
1Mb / 22P
   Simple, Miniature Single-Cell, Fully Integrated Li-Ion / Li-Polymer Charge Management Controllers
2007
MCP73830 MICROCHIP-MCP73830_V01 Datasheet
1Mb / 24P
   Single-Cell Li-Ion/Li-Polymer Battery Charge Management Controllers in 2x2 TDFN
Revision E August 2019
MCP73830 MICROCHIP-MCP73830 Datasheet
516Kb / 22P
   Single-Cell Li-Ion/Li-Polymer Battery Charge Management Controllers in 2x2 TDFN
03/25/14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com