Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC10F222-EOT Datasheet(PDF) 7 Page - Microchip Technology

Part # PIC10F222-EOT
Description  High-Performance Microcontrollers with 8-bit A/D
Download  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC10F222-EOT Datasheet(HTML) 7 Page - Microchip Technology

Back Button PIC10F222-EOT Datasheet HTML 3Page - Microchip Technology PIC10F222-EOT Datasheet HTML 4Page - Microchip Technology PIC10F222-EOT Datasheet HTML 5Page - Microchip Technology PIC10F222-EOT Datasheet HTML 6Page - Microchip Technology PIC10F222-EOT Datasheet HTML 7Page - Microchip Technology PIC10F222-EOT Datasheet HTML 8Page - Microchip Technology PIC10F222-EOT Datasheet HTML 9Page - Microchip Technology PIC10F222-EOT Datasheet HTML 10Page - Microchip Technology PIC10F222-EOT Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 86 page
background image
© 2007 Microchip Technology Inc.
DS41270E-page 5
PIC10F220/222
1.0
GENERAL DESCRIPTION
The
PIC10F220/222
devices
from
Microchip
Technology are low-cost, high-performance, 8-bit, fully-
static Flash-based CMOS microcontrollers. They
employ a RISC architecture with only 33 single-word/
single-cycle instructions. All instructions are single-
cycle (1
μs) except for program branches, which take
two cycles. The PIC10F220/222 devices deliver perfor-
mance in an order of magnitude higher than their com-
petitors in the same price category. The 12-bit wide
instructions are highly symmetrical, resulting in a
typical 2:1 code compression over other 8-bit
microcontrollers in its class. The easy-to-use and easy
to remember instruction set reduces development time
significantly.
The PIC10F220/222 products are equipped with spe-
cial features that reduce system cost and power
requirements. The Power-on Reset (POR) and Device
Reset Timer (DRT) eliminates the need for the external
Reset circuitry. INTOSC Internal Oscillator mode is pro-
vided, thereby, preserving the limited number of I/O
available. Power-Saving Sleep mode, Watchdog Timer
and code protection features improve system cost,
power and reliability.
The PIC10F220/222 devices are available in cost-
effective Flash, which is suitable for production in any
volume. The customer can take full advantage of
Microchip’s price leadership in Flash programmable
microcontrollers while benefiting from the Flash
programmable flexibility.
The PIC10F220/222 products are supported by a full-
featured macro assembler, a software simulator, an in-
circuit
debugger,
a
‘C’
compiler,
a
low-cost
development programmer and a full featured program-
mer. All the tools are supported on IBM® PC and
compatible machines.
1.1
Applications
The PIC10F220/222 devices fit in applications ranging
from personal care appliances and security systems to
low-power remote transmitters/receivers. The Flash
technology makes customizing application programs
(transmitter codes, appliance settings, receiver fre-
quencies, etc.) extremely fast and convenient. The
small footprint packages, for through hole or surface
mounting, make these microcontrollers well suited for
applications with space limitations. Low-cost, low-
power, high-performance, ease-of-use and I/O flexibil-
ity make the PIC10F220/222 devices very versatile,
even in areas where no microcontroller use has been
considered before (e.g., timer functions, logic and
PLDs in larger systems and coprocessor applications).
TABLE 1-1:
PIC10F220/222 DEVICES(1), (2)
PIC10F220
PIC10F222
Clock
Maximum Frequency of Operation (MHz)
8
8
Memory
Flash Program Memory
256
512
Data Memory (bytes)
16
23
Peripherals
Timer Module(s)
TMR0
TMR0
Wake-up from Sleep on pin change
Yes
Yes
Analog inputs
2
2
Features
I/O Pins
3
3
Input Only Pins
1
1
Internal Pull-ups
Yes
Yes
In-Circuit Serial Programming™
Yes
Yes
Number of instructions
33
33
Packages
6-pin SOT-23,
8-pin DIP, DFN
6-pin SOT-23,
8-pin DIP, DFN
Note 1:
The PIC10F220/222 devices have Power-on Reset, selectable Watchdog Timer, selectable code-protect, high I/O
current capability and precision internal oscillator.
2:
The PIC10F220/222 devices use serial programming with data pin GP0 and clock pin GP1.


Similar Part No. - PIC10F222-EOT

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC10F222-EOT MICROCHIP-PIC10F222-EOT Datasheet
970Kb / 86P
   High-Performance Microcontrollers with 8-bit A/D
06/25/07
More results

Similar Description - PIC10F222-EOT

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC10F222T-E MICROCHIP-PIC10F222T-E Datasheet
970Kb / 86P
   High-Performance Microcontrollers with 8-bit A/D
06/25/07
PIC10F220T-I-OT MICROCHIP-PIC10F220T-I-OT Datasheet
861Kb / 86P
   High-Performance Microcontrollers with 8-bit A/D
06/25/07
PIC10F222T-I-OT MICROCHIP-PIC10F222T-I-OT Datasheet
861Kb / 86P
   High-Performance Microcontrollers with 8-bit A/D
06/25/07
PIC10F220-I MICROCHIP-PIC10F220-I Datasheet
861Kb / 86P
   High-Performance Microcontrollers with 8-bit A/D
06/25/07
PIC10F220 MICROCHIP-PIC10F220_1 Datasheet
861Kb / 86P
   High-Performance Microcontrollers with 8-bit A/D
2007
PIC17C7XX MICROCHIP-PIC17C7XX_00 Datasheet
4Mb / 304P
   High-Performance 8-bit CMOS EPROM Microcontrollers with 10-bit A/D
2000
PIC17C7XX MICROCHIP-PIC17C7XX Datasheet
1Mb / 328P
   High-Performance 8-Bit CMOS EPROM Microcontrollers with 10-bit A/D
1998 - 1999
PIC17C7XX MICROCHIP-PIC17C7XX_13 Datasheet
4Mb / 306P
   High-Performance 8-bit CMOS EPROM Microcontrollers with 10-bit A/D
11/29/12 1998-2013
PIC18CXX2 MICROCHIP-PIC18CXX2_13 Datasheet
4Mb / 304P
   High Performance Microcontrollers with 10-bit A/D
11/29/12 1999-2013
PIC18CXX2 MICROCHIP-PIC18CXX2 Datasheet
5Mb / 296P
   High-Performance Microcontrollers with 10-Bit A/D
1999
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com