Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MEV1D1212SC Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # MEV1D1212SC
Description  3kVDC Isolated 1W Single & Dual Output DC/DC Converters
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

MEV1D1212SC Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  MEV1D1212SC Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. MEV1D1212SC Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. MEV1D1212SC Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. MEV1D1212SC Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. MEV1D1212SC Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. MEV1D1212SC Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. MEV1D1212SC Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. MEV1D1212SC Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. MEV1D1212SC Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
MEV1 Series
3kVDC Isolated 1W Single & Dual Output DC/DC Converters
KDC_MEV1.F02 Page 1 of 10
All enquiries: www.murata-ps.com/support
www.murata-ps.com
For full details go to
www.murata-ps.com/rohs
 
www.murata-ps.com
SELECTION GUIDE - SINGLE OUTPUT1
Order Code
V
V
mA
%
mVp-p
%
pF
kHrs
MEV1S0505SC
5
5
200
233
5.4
6.2
20
30
81
84
38
7684
SIP
MEV1S0509SC
5
9
111
227
4.2
5.5
12
20
83.5
86.5
42
7698
SIP
MEV1S0512SC
5
12
84
226
4.6
5.5
10
20
84
87
40
7175
SIP
MEV1S0515SC
5
15
67
225
4.5
5
8
15
85
87.5
39
6496
SIP
MEV1S1205SC
12
5
200
98
4.5
5
12
15
80
84
28
7569
SIP
MEV1S1209SC
12
9
111
96
3
3.3
8
15
83
86
50
7317
SIP
MEV1S1212SC
12
12
84
94
3
3.6
7
15
85.5
88
70
6647
SIP
MEV1S1215SC
12
15
67
94
2.5
2.9
7
15
83.5
88
59
6279
SIP
MEV1S1505SC
15
5
200
79
4
5
10
20
80
83.5
32
7167
SIP
MEV1S1509SC
15
9
111
77
2.5
3.5
8
20
82.5
86.5
52
6906
SIP
MEV1S1512SC
15
12
84
76
2.3
3.5
6
15
83.5
87.5
63
6523
SIP
MEV1S1515SC
15
15
67
76
2.5
3.5
6
15
85
89
87
5916
SIP
MEV1S2405SC
24
5
200
50
3.3
5
12
20
79
84
38
7391
SIP
MEV1S2409SC
24
9
111
48
2.2
3.5
8
20
81
86.5
56
6490
SIP
MEV1S2412SC
24
12
84
48
2
3.5
7
15
82
87.5
72
6772
SIP
MEV1S2415SC
24
15
67
48
1.8
3
7
15
82
87.5
83
5957
SIP
MEV1S4805SC
48
5
200
26
3.3
5
19
35
75.5
79.5
34
7354
SIP
MEV1S4809SC
48
9
111
25
2.4
3.5
13
25
78.5
82
54
7120
SIP
MEV1S4812SC
48
12
84
26
2
3
10
20
78
82
63
7088
SIP
MEV1S4815SC
48
15
67
26
1.9
3
9
20
79
82.5
74
7238
SIP
MEV1S0505DC
5
5
200
234
5.4
6.5
15
30
81
84
39
6884
DIP
MEV1S0509DC
5
9
111
228
4.2
5.5
9
20
83
86.5
40
6732
DIP
MEV1S0512DC
5
12
84
228
5.0
5.7
8
15
84
87
39
6153
DIP
MEV1S0515DC
5
15
67
226
4.4
5.5
8
15
84
87.5
38
5419
DIP
MEV1S1205DC
12
5
200
98
4.6
5.5
11
20
80
84
34
6644
DIP
MEV1S1209DC
12
9
111
96
3
3.5
8
15
82
86
50
6434
DIP
MEV1S1212DC
12
12
84
93
3.1
3.7
7
15
84
88
52
5653
DIP
MEV1S1215DC
12
15
67
94
2.5
3.3
6
15
83
88
60
5267
DIP
MEV1S1505DC
15
5
200
79
4
5.2
11
25
79
83.5
32
6332
DIP
MEV1S1509DC
15
9
111
77
2.6
3.3
7
20
81
86.5
52
6114
DIP
MEV1S1512DC
15
12
84
76
2.3
3
6
15
83
87.5
63
5767
DIP
MEV1S1515DC
15
15
67
75
2.5
3.2
6
15
84
89
87
5002
DIP
MEV1S2405DC
24
5
200
50
3.4
4.5
16
30
79
84
38
6488
DIP
MEV1S2409DC
24
9
111
48
2.3
3.3
9
20
82
86.5
55
5693
DIP
MEV1S2412DC
24
12
84
48
2
3
7
15
83
87.5
73
5736
DIP
MEV1S2415DC
24
15
67
48
1.8
3
6
15
83
87.5
84
4915
DIP
1. For dual output variants, see page 2.
2. See Ripple & Noise characterisation method.
3. Calculated using MIL-HDBK-217F FN2 with nominal input voltage at full load.
All specifications typical at TA=25°C, nominal input voltage and rated output current unless otherwise specified.
PRODUCT OVERVIEW
The MEV series is the new high performance
version of our 1W NMV series. The MEV series
is more efficient and offers improved regulation
performance from 1.8% for applications where a
wide output voltage variation can not be tolerated.
They are ideally suited for providing local supplies
on control system boards with the added benefit
of 3kVDC galvanic isolation to reduce switching
noise. The MEV series is currently available in an
industry SIP 7 or DIP 14 package.
FEATURES
UL 60950 Recognized
RoHS compliant
Efficiency to 89% (Typ.)
Power density to 0.85W/cm3
Wide temperature performance at full
1 Watt load, –40°C to 85°C
UL 94V-0 package material
No heatsink required
Industry standard pinout
3kVDC isolation (1 minute)
5V, 12V, 15V, 24V, & 48V inputs
5V, 9V, 12V, & 15V output
Fully encapsulated with toroidal
magnetics
No external components required
No electrolytic or tantalum capacitors


Similar Part No. - MEV1D1212SC

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
MEV1D1212SC MURATA-PS-MEV1D1212SC Datasheet
274Kb / 10P
   3kVDC Isolated 1W Single & Dual Output DC/DC Converters
More results

Similar Description - MEV1D1212SC

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
NMV-1 CANDD-NMV-1 Datasheet
121Kb / 2P
   3kVDC Isolated 1W Single & Dual Output DC-DC Converters
logo
Toppower Electronic Tec...
TPV24V TOPPOWER-TPV24V Datasheet
677Kb / 3P
   1W 3KVDC Isolated Single & Dual Output DC/DC Converters
logo
Murata Manufacturing Co...
NMV0505DAC MURATA-NMV0505DAC Datasheet
227Kb / 6P
   3kVDC Isolated 1W Single & Dual Output DC/DC Converters
logo
Murata Power Solutions ...
MEV1 MURATA-PS-MEV1 Datasheet
274Kb / 10P
   3kVDC Isolated 1W Single & Dual Output DC/DC Converters
logo
C&D Technologies
NMV CANDD-NMV Datasheet
119Kb / 2P
   3kVDC Isolated 1W Single & Dual Output DC-DC Converters
logo
Murata Manufacturing Co...
MEV1S0505SC MURATA-MEV1S0505SC Datasheet
209Kb / 10P
   3kVDC Isolated 1W Single & Dual Output DC/DC Converters
NMV2415SC MURATA-NMV2415SC Datasheet
216Kb / 4P
   3kVDC Isolated 1W Single Dual Output DC/DC Converters
logo
Toppower Electronic Tec...
TPV TOPPOWER-TPV_19 Datasheet
234Kb / 3P
   1W 3KVDC Isolated Single & Dual Output DC/DC Converters
TPV15V TOPPOWER-TPV15V Datasheet
659Kb / 3P
   1W 3KVDC Isolated Single & Dual Output DC/DC Converters
logo
Murata Power Solutions ...
NMV0505DAC MURATA-PS-NMV0505DAC_V01 Datasheet
360Kb / 11P
   3kVDC Isolated 1W Single & Dual Output DC-DC Converters
2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com