Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G2R-1A Datasheet(PDF) 6 Page - Omron Electronics LLC

Part # G2R-1A
Description  1General purpose power Relays of single-pole10 A and double-pole 5 A.
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G2R-1A Datasheet(HTML) 6 Page - Omron Electronics LLC

Back Button G2R-1A Datasheet HTML 2Page - Omron Electronics LLC G2R-1A Datasheet HTML 3Page - Omron Electronics LLC G2R-1A Datasheet HTML 4Page - Omron Electronics LLC G2R-1A Datasheet HTML 5Page - Omron Electronics LLC G2R-1A Datasheet HTML 6Page - Omron Electronics LLC G2R-1A Datasheet HTML 7Page - Omron Electronics LLC G2R-1A Datasheet HTML 8Page - Omron Electronics LLC G2R-1A Datasheet HTML 9Page - Omron Electronics LLC G2R-1A Datasheet HTML 10Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
6
G2R
PCB Power Relay
G
2
R
■Characteristics
● Standard Relays
Note: The values here are initial values.
*1.
Measurement conditions: 5 VDC, 1 A, voltage-drop method.
*2.
Measurement conditions: Rated operating voltage applied, not including
contact bounce.
*3.
Measurement conditions: The insulation resistance was measured with a
500 VDC megohmmeter at the same locations as the dielectric strength
was measured.
*4.
Value for quick-connect terminals.
Double-winding Latching Relays
Note: The values here are initial values.
*1.
Measurement conditions: 5 VDC, 1 A, voltage-drop method.
*2.
Measurement conditions: Rated operating voltage applied, not including
contact bounce.
*3.
Measurement conditions: The insulation resistance was measured with a
500 VDC megohmmeter at the same locations as the dielectric strength
was measured.
■Engineering Data
Item
Number of poles
1-pole
2-pole
Contact resistance *1
30 m
Ω max.
50 m
Ω max.
Operate time *2
15 ms max.
Release time *2
AC: 10 ms max.; DC: 5 ms max.
Max.
operating
frequency
Mechanical
18,000 operations/hr
Electrical
1,800 operations/hr
Insulation resistance *3
1,000 M
Ω min.
Dielectric
strength
Between coil and
contacts
5,000 VAC, 50/60 Hz for 1 min
Between contacts
of different polarity
-
3,000 VAC, 50/60 Hz
for 1 min
Between contacts
of the same
polarity
1,000 VAC, 50/60 Hz for 1 min
Vibration
resistance
Destruction
10 to 55 to 10 Hz, 0.75 mm single
amplitude (1.5 mm double amplitude)
Malfunction
10 to 55 to 10 Hz, 0.75 mm single
amplitude (1.5 mm double amplitude)
Shock
resistance
Destruction
1,000 m/s2
Malfunction
200 m/s2 when energized;
100m/s2 when no energized
Durability
Mechanical
AC coil: 10,000,000 operations min.;
DC coil: 20,000,000 operations min.
(at 18,000 operations/hr)
Electrical
100,000 operations min.
(at 1,800 operations/hr under rated load)
Ambient operating temperature
-40°C to 70°C (with no icing)
Ambient operating humidity
5% to 85%
Weight
Approx. 17 g (Approx. 20 g *4)
Item
Number of poles
1-pole
2-pole
Contact resistance *1
30 m
Ω max.
50 m
Ω max.
Set
Time *2
20 ms max.
Min. set pulse width
30 ms
Reset
Time *2
20 ms max.
Min. reset pulse
width
30 ms
Max. operating
frequency
Mechanical
18,000 operations/hr
Electrical
1,800 operations/hr
Insulation resistance *3
1,000 M
Ω min. (at 500 VDC)
Dielectric
strength
Between coil and
contacts
5,000 VAC, 50/60 Hz for 1 min
Between contacts
of different polarity
3,000 VAC,
50/60 Hz for 1 min
Between contacts
of the same
polarity
1,000 VAC, 50/60 Hz for 1 min
Between set and
reset coils
1,000 VAC, 50/60 Hz for 1 min
Vibration
resistance
Destruction
10 to 55 to 10 Hz, 0.75 mm single
amplitude (1.5 mm double amplitude)
Malfunction
10 to 55 to 10 Hz, 0.75 mm single
amplitude (1.5 mm double amplitude)
Shock
resistance
Destruction
1,000 m/s2
Malfunction
Set: 500m/s2 Armature OFF
Reset: 200m/s2 Contact OFF
Durability
Mechanical
10,000,000 operations min
(at 18,000 operations/hr)
Electrical
100,000 operations min. (at 1,800
operations/hr under rated load)
Ambient operating temperature
-40°C to 70°C (with no icing or
condensation)
Ambient operating humidity
5% to 85%
Weight
Approx. 17 g
● Maximum Switching Capacity
G2R-1, G2R-1A, G2R-1-T, G2R-1A-T
G2R-1-E, G2R-1A-E
G2R-1Z, G2R-1AZ
G2R-1-H, G2R-1A-H, G2R-2, G2R-2A
G2R-2-H, G2R-2A-H
Flux Protection/Plug-in Relays
Switching voltage (V)
50
10
5
1
0.5
0.1
0
5
10
20 30 50
100
500
AC resistive load
DC resistive load
AC
inductive load
(cos
φ = 0.4)
DC inductive load
(L/R = 7 ms)
AC
inductive load
(cos
φ = 0.4)
Switching voltage (V)
50
10
5
1
0.5
0.1
0
5
10
20 30 50
100
500
16
DC resistive load
AC resistive load
DC inductive load
(L/R = 7 ms)
Switching voltage (V)
50
10
5
1
0.5
0.1
0
5
10
20 30 50
100
500
AC resistive load
DC resistive load
DC inductive load
(L/R = 7 ms)
AC
inductive load
(cos
φ = 0.4)
Switching voltage (V)
50
10
5
1
0.5
0.1
0
5
10
20 30 50
100
500
AC
inductive load
(cos
φ = 0.4)
DC inductive load
(L/R = 7 ms)
DC resistive load
AC resistive load
Switching voltage (V)
50
10
5
1
0.5
0.1
0
5
10
20 30 50
100
500
AC resistive load
AC
inductive load
(cos
φ = 0.4)
DC resistive load
DC inductive load
(L/R = 7 ms)


Similar Part No. - G2R-1A

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G2R-1A OMRON-G2R-1A Datasheet
1Mb / 19P
   PCB Relay A Power Relay for a Variety of Purposes with Various Models
G2R-1A OMRON-G2R-1A Datasheet
562Kb / 14P
   Power PCB Relay
G2R-1A OMRON-G2R-1A Datasheet
1Mb / 15P
   A POWER RELAY FOR A VARIETY OF PURPOSES WITH VARIOUS MODELS
G2R-1A OMRON-G2R-1A Datasheet
656Kb / 12P
   Creepage distance of 8.0 mm min. between coil and con tact.
G2R-1A OMRON-G2R-1A Datasheet
656Kb / 12P
   Power PCB Relay
More results

Similar Description - G2R-1A

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G2R-1-E-DC5 OMRON-G2R-1-E-DC5 Datasheet
2Mb / 14P
   1General purpose power Relays of single-pole10 A and double-pole 5 A.
logo
Honeywell Solid State E...
CO-78498 HONEYWELL-CO-78498 Datasheet
210Kb / 4P
   SINGLE POLE AND DOUBLE POLE
logo
ZF Friedrichshafen AG
D413-R1AA-G2 ZFSWITCHES-D413-R1AA-G2 Datasheet
306Kb / 2P
   Single and Double Pole
logo
Omron Electronics LLC
G3NA240BDC524 OMRON-G3NA240BDC524 Datasheet
1Mb / 18P
   Wide Lineup of General-purpose Solid State Relays with Applicable Loads of 5 to 90 A
G5LE-14-DC24 OMRON-G5LE-14-DC24 Datasheet
751Kb / 6P
   A Cubic, Single-pole 10-A Power Relay
G3NA225BAC100120 OMRON-G3NA225BAC100120 Datasheet
1Mb / 18P
   Wide Lineup of General-purpose Solid State Relays with Applicable Loads of 5 to 90 A
G5LE14DC12 OMRON-G5LE14DC12 Datasheet
751Kb / 6P
   A Cubic, Single-pole 10-A Power Relay
logo
National Instruments Co...
PXI-2564 NI-PXI-2564 Datasheet
132Kb / 3P
   16-Channel, 5 A SPST (Form A) Relays
logo
Cherry Semiconductor Co...
E1901A CHERRY-E1901A Datasheet
158Kb / 3P
   GENERAL PURPOSE ??SINGLE & DOUBLE POLE ESeries
logo
Omron Electronics LLC
P2CF-08 OMRON-P2CF-08 Datasheet
685Kb / 28P
   General-purpose Relays and Power Relays Sockets
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com