Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IP3253 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # IP3253
Description  Integrated 4-, 6- and 8-channel passive EMI-filter network with high-level ESD protection
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IP3253 Datasheet(HTML) 4 Page - NXP Semiconductors

  IP3253 Datasheet HTML 1Page - NXP Semiconductors IP3253 Datasheet HTML 2Page - NXP Semiconductors IP3253 Datasheet HTML 3Page - NXP Semiconductors IP3253 Datasheet HTML 4Page - NXP Semiconductors IP3253 Datasheet HTML 5Page - NXP Semiconductors IP3253 Datasheet HTML 6Page - NXP Semiconductors IP3253 Datasheet HTML 7Page - NXP Semiconductors IP3253 Datasheet HTML 8Page - NXP Semiconductors IP3253 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
IP3253_IP3254-TTL
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 1 — 5 May 2011
4 of 13
NXP Semiconductors
IP3253/IP3254-TTL
Integrated 4-, 6- and 8-channel passive EMI-filter network
5.
Characteristics
[1]
Guaranteed by design.
[1]
Measured at 6 dB attenuation.
Table 4.
Channel characteristics
Tamb =25 °C unless otherwise specified.
Symbol Parameter
Conditions
Min
Typ
Max
Unit
Ls(ch)
channel series inductance
-
18
-
nH
Cch
channel capacitance
for the total channel;
fi = 100 kHz
[1]
IP3253CZx-y-TTL
Vbias(DC) = 2.5 V
20
25
28.2
pF
Vbias(DC) = 0 V
344348pF
IP3254CZx-y-TTL
Vbias(DC) = 2.5 V
253340pF
Vbias(DC) = 0 V
385060pF
ILR
reverse leakage current
per channel; VI = 3.5 V
-
-
0.1
μA
VBR
breakdown voltage
positive clamp; II = 1 mA
5.8
-
10
V
VF
forward voltage
negative clamp;
IF = −1mA
−1.5
-
−0.4
V
R(ch-ch)
resistance between
channels
VI = 3.5 V
10
--M
Ω
Rs(ch)
channel series resistance
-
8
-
Ω
Table 5.
Frequency characteristics
Tamb =25 °C unless otherwise specified.
Symbol Parameter
Conditions
Min
Typ
Max
Unit
α
il
insertion loss
Rsource =50 Ω; RL =50 Ω;
1GHz < fi <4GHz
-30
-
dB
f−3dB
cut-off frequency
Rsource =50 Ω; RL =50 Ω;
VI =0V
IP3253CZx-y-TTL
-
175
-
MHz
IP3254CZx-y-TTL
-
145
-
MHz
frolloff
roll-off frequency
Rsource =50 Ω; RL =50 Ω;
VI =0V
[1]
IP3253CZx-y-TTL
-
350
-
MHz
IP3254CZx-y-TTL
-
315
-
MHz


Similar Part No. - IP3253

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IP325 ETC2-IP325 Datasheet
336Kb / 1P
   6x PCI-E Gigabit LAN ports, up to 8 ports
IP325 ETC2-IP325 Datasheet
588Kb / 1P
   4x SATA II, 4x COM, 4x USB 2.0, 1x IDE
More results

Similar Description - IP3253

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
IP4251-TTL NEXPERIA-IP4251-TTL Datasheet
907Kb / 18P
   Integrated 4-, 6- and 8-channel passive filter network with ESD protection
PEMIXCSP NEXPERIA-PEMIXCSP Datasheet
250Kb / 17P
   Integrated 4-, 6- and 8-channel passive filter network with ESD protection
logo
NXP Semiconductors
IP4252CZ12-6-TTL PHILIPS-IP4252CZ12-6-TTL Datasheet
327Kb / 18P
   Integrated 4-, 6- and 8-channel passive filter network with ESD protection
Rev. 2-5 May 2011
logo
Nexperia B.V. All right...
IP3053CX5 NEXPERIA-IP3053CX5 Datasheet
609Kb / 16P
   Integrated 2, 4, 6 and 8-channel passive EMI-filter network with high-level ESD protection to IEC 61000-4-2 level 4
PEMIXQFN NEXPERIA-PEMIXQFN Datasheet
1Mb / 30P
   Integrated 1-, 2-, 4-, 6- and 8-channel passive filter network with ESD protection
logo
NXP Semiconductors
IP4253CZ8 NXP-IP4253CZ8 Datasheet
59Kb / 10P
   Integrated 4-, 6- and 8-channel passive filter network with ESD protection to IEC 61000-4-2, level 4
Rev. 02-8 November 2007
IP4251 NXP-IP4251 Datasheet
100Kb / 16P
   Integrated 4-, 6- and 8-channel passive filter network with ESD protection to IEC 61000-4-2, level 4
Rev. 03-6 May 2009
IP3088CX5 NXP-IP3088CX5 Datasheet
292Kb / 15P
   Integrated 2, 4, 6 and 8-channel passive LC-filter network with ESD protection to IEC 61000-4-2 level 4
Rev. 01-12 February 2010
logo
Nexperia B.V. All right...
IP4047CX6 NEXPERIA-IP4047CX6 Datasheet
329Kb / 12P
   Dual channel integrated passive filter network with ESD protection
logo
ON Semiconductor
CM1636 ONSEMI-CM1636 Datasheet
880Kb / 22P
   4-, 6- and 8-Channel EMI Filter Arrays with ESD Protection
May 2010 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com