Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G2R-1A-E Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # G2R-1A-E
Description  1General purpose power Relays of single-pole10 A and double-pole 5 A.
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G2R-1A-E Datasheet(HTML) 4 Page - Omron Electronics LLC

  G2R-1A-E Datasheet HTML 1Page - Omron Electronics LLC G2R-1A-E Datasheet HTML 2Page - Omron Electronics LLC G2R-1A-E Datasheet HTML 3Page - Omron Electronics LLC G2R-1A-E Datasheet HTML 4Page - Omron Electronics LLC G2R-1A-E Datasheet HTML 5Page - Omron Electronics LLC G2R-1A-E Datasheet HTML 6Page - Omron Electronics LLC G2R-1A-E Datasheet HTML 7Page - Omron Electronics LLC G2R-1A-E Datasheet HTML 8Page - Omron Electronics LLC G2R-1A-E Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4
G2R
PCB Power Relay
G
2
R
■Ratings
● Coil
Note 1. The rated current and coil resistance are measured at a coil temperature of 23°C with a tolerance of+15%/-20% (AC rated current) or ±10% (DC coil resistance).
2. AC coil resistances shown above are only reference values.
3. The operating characteristics are measured at a coil temperature of 23°C.
4. The “Max. voltage” is the maximum voltage that can be applied to the relay coil.
● Coil: Double-winding Latching Relays
Note 1. The rated current and coil resistance are measured at a coil temperature of 23°C with a tolerance of ±10%.
2. The operating characteristics are measured at a coil temperature of 23°C.
3. The “Max. voltage” is the maximum voltage that can be applied to the relay coil.
Classification
Item
Rated current (mA)
Coil resistance
(
Ω)
Must operate
voltage (V)
Must release
voltage (V)
Max. voltage
(V)
Power
consumption
(VA, W)
Rated voltage
50 Hz
60 Hz
% of rated voltage
• General-purpose
• Quick-connect
• Fully sealed
• High-capacity
12 VAC
93
75
65
80% max.
30% min.
140%
(at 23°C)
Approx. 0.9
(60 Hz)
24 VAC
46.5
37.5
260
100/(110) VAC
11
9/(10.6)
4,600
200/(220) VAC
5.5
4.5/(5.3)
20,200
• General-purpose
• High-capacity
• Bifurcated contact
• Quick-connect
• Fully sealed
5 VDC
106
47
70% max.
15% min.
170%
(at 23°C)
Approx. 0.53
6 VDC
88.2
68
12 VDC
43.6
275
24 VDC
21.8
1,100
48 VDC
11.5
4,170
100 VDC
5.3
18,860
• High-sensitivity
5 VDC
71.4
70
70% max.
15% min.
170%
(at 23°C)
Approx. 0.36
6 VDC
60
100
12 VDC
30
400
24 VDC
15
1,600
48 VDC
7.5
6,400
Item
Set Coil
Reset coil
Must set
voltage (V)
Must reset
voltage (V)
Max. voltage
(V)
Power consumption
Rated voltage
Rated current
(mA)
Coil resistance
(
Ω)
Rated current
(mA)
Coil resistance
(
Ω)
% of rated voltage
Set Coil
(mW)
Reset coil
(mW)
5 VDC
167
30
119
42
70% max.
70% max.
140%
(at 23°C)
Approx.
850
Approx.
600
6 VDC
138
43.5
100
60
12 VDC
70.6
170
50
240
24 VDC
34.6
694
25
960


Similar Part No. - G2R-1A-E

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G2R-1A-E OMRON-G2R-1A-E Datasheet
1Mb / 19P
   PCB Relay A Power Relay for a Variety of Purposes with Various Models
G2R-1A-E OMRON-G2R-1A-E Datasheet
562Kb / 14P
   Power PCB Relay
G2R-1A-E OMRON-G2R-1A-E Datasheet
1Mb / 15P
   A POWER RELAY FOR A VARIETY OF PURPOSES WITH VARIOUS MODELS
G2R-1A-E OMRON-G2R-1A-E Datasheet
656Kb / 12P
   Creepage distance of 8.0 mm min. between coil and con tact.
G2R-1A-E OMRON-G2R-1A-E Datasheet
656Kb / 12P
   Power PCB Relay
More results

Similar Description - G2R-1A-E

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G2R-1-E-DC5 OMRON-G2R-1-E-DC5 Datasheet
2Mb / 14P
   1General purpose power Relays of single-pole10 A and double-pole 5 A.
logo
Honeywell Solid State E...
CO-78498 HONEYWELL-CO-78498 Datasheet
210Kb / 4P
   SINGLE POLE AND DOUBLE POLE
logo
ZF Friedrichshafen AG
D413-R1AA-G2 ZFSWITCHES-D413-R1AA-G2 Datasheet
306Kb / 2P
   Single and Double Pole
logo
Omron Electronics LLC
G3NA240BDC524 OMRON-G3NA240BDC524 Datasheet
1Mb / 18P
   Wide Lineup of General-purpose Solid State Relays with Applicable Loads of 5 to 90 A
G5LE-14-DC24 OMRON-G5LE-14-DC24 Datasheet
751Kb / 6P
   A Cubic, Single-pole 10-A Power Relay
G3NA225BAC100120 OMRON-G3NA225BAC100120 Datasheet
1Mb / 18P
   Wide Lineup of General-purpose Solid State Relays with Applicable Loads of 5 to 90 A
G5LE14DC12 OMRON-G5LE14DC12 Datasheet
751Kb / 6P
   A Cubic, Single-pole 10-A Power Relay
logo
National Instruments Co...
PXI-2564 NI-PXI-2564 Datasheet
132Kb / 3P
   16-Channel, 5 A SPST (Form A) Relays
logo
Cherry Semiconductor Co...
E1901A CHERRY-E1901A Datasheet
158Kb / 3P
   GENERAL PURPOSE ??SINGLE & DOUBLE POLE ESeries
logo
Omron Electronics LLC
P2CF-08 OMRON-P2CF-08 Datasheet
685Kb / 28P
   General-purpose Relays and Power Relays Sockets
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com