Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MEV1D1205DC Datasheet(PDF) 6 Page - Murata Manufacturing Co., Ltd.

Part # MEV1D1205DC
Description  3kVDC Isolated 1W Single & Dual Output DC/DC Converters
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

MEV1D1205DC Datasheet(HTML) 6 Page - Murata Manufacturing Co., Ltd.

Back Button MEV1D1205DC Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. MEV1D1205DC Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. MEV1D1205DC Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. MEV1D1205DC Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. MEV1D1205DC Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. MEV1D1205DC Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. MEV1D1205DC Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. MEV1D1205DC Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. MEV1D1205DC Datasheet HTML 10Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
MEV1 Series
3kVDC Isolated 1W Single & Dual Output DC/DC Converters
KDC_MEV1.F02 Page 6 of 10
All enquiries: www.murata-ps.com/support
www.murata-ps.com
APPLICATION NOTES (continued)
Output Ripple Reduction
By using the values of inductance and capacitance stated, the output ripple at the rated load is lowered to 5mV p-p max.
Component selection
Capacitor: It is required that the ESR (Equivalent Series Resistance) should be as low as possible, ceramic types are recommended.
The voltage rating should be at least twice (except for 15V output), the rated output voltage of the DC/DC converter.
Inductor: The rated current of the inductor should not be less than that of the output of the DC/DC converter. At the rated current, the DC resistance of the inductor
should be such that the voltage drop across the inductor is <2% of the rated voltage of the DC/DC converter. The SRF (Self Resonant Frequency) should be
>20MHz.
DC
DC
L
C
Load
Power
Source
Inductor
Capacitor
L, μH
SMD
Through Hole
C, μF
MEV1x0505xC
10
82103C
11R103C
4.7
MEV1x0509xC
22
82223C
11R223C
2.2
MEV1x0512xC
47
82473C
11R473C
1
MEV1x0515xC
47
82473C
11R473C
1
MEV1x1205xC
10
82103C
11R103C
4.7
MEV1x1209xC
22
82223C
11R223C
2.2
MEV1x1212xC
47
82473C
11R473C
1
MEV1x1215xC
47
82473C
11R473C
1
MEV1x1505xC
10
82103C
11R103C
4.7
MEV1x1509xC
22
82223C
11R223C
2.2
MEV1x1512xC
47
82473C
11R473C
1
MEV1x1515xC
47
82473C
11R473C
1
MEV1x2405xC
10
82103C
11R103C
4.7
MEV1x2409xC
22
82223C
11R223C
2.2
MEV1x2412xC
47
82473C
11R473C
1
MEV1x2415xC
47
82473C
11R473C
1
MEV1x4805SC
10
82103C
11R103C
4.7
MEV1x4809SC
22
82223C
11R223C
2.2
MEV1x4812SC
47
82473C
11R473C
1
MEV1x4815SC
47
82473C
11R473C
1


Similar Part No. - MEV1D1205DC

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
MEV1D1205DC MURATA-PS-MEV1D1205DC Datasheet
274Kb / 10P
   3kVDC Isolated 1W Single & Dual Output DC/DC Converters
More results

Similar Description - MEV1D1205DC

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
NMV-1 CANDD-NMV-1 Datasheet
121Kb / 2P
   3kVDC Isolated 1W Single & Dual Output DC-DC Converters
logo
Toppower Electronic Tec...
TPV24V TOPPOWER-TPV24V Datasheet
677Kb / 3P
   1W 3KVDC Isolated Single & Dual Output DC/DC Converters
logo
Murata Manufacturing Co...
NMV0505DAC MURATA-NMV0505DAC Datasheet
227Kb / 6P
   3kVDC Isolated 1W Single & Dual Output DC/DC Converters
logo
Murata Power Solutions ...
MEV1 MURATA-PS-MEV1 Datasheet
274Kb / 10P
   3kVDC Isolated 1W Single & Dual Output DC/DC Converters
logo
C&D Technologies
NMV CANDD-NMV Datasheet
119Kb / 2P
   3kVDC Isolated 1W Single & Dual Output DC-DC Converters
logo
Murata Manufacturing Co...
MEV1S0505SC MURATA-MEV1S0505SC Datasheet
209Kb / 10P
   3kVDC Isolated 1W Single & Dual Output DC/DC Converters
NMV2415SC MURATA-NMV2415SC Datasheet
216Kb / 4P
   3kVDC Isolated 1W Single Dual Output DC/DC Converters
logo
Toppower Electronic Tec...
TPV TOPPOWER-TPV_19 Datasheet
234Kb / 3P
   1W 3KVDC Isolated Single & Dual Output DC/DC Converters
TPV15V TOPPOWER-TPV15V Datasheet
659Kb / 3P
   1W 3KVDC Isolated Single & Dual Output DC/DC Converters
logo
Murata Power Solutions ...
NMV0505DAC MURATA-PS-NMV0505DAC_V01 Datasheet
360Kb / 11P
   3kVDC Isolated 1W Single & Dual Output DC-DC Converters
2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com