Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G2R-2A Datasheet(PDF) 5 Page - Omron Electronics LLC

Part # G2R-2A
Description  1General purpose power Relays of single-pole10 A and double-pole 5 A.
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G2R-2A Datasheet(HTML) 5 Page - Omron Electronics LLC

  G2R-2A Datasheet HTML 1Page - Omron Electronics LLC G2R-2A Datasheet HTML 2Page - Omron Electronics LLC G2R-2A Datasheet HTML 3Page - Omron Electronics LLC G2R-2A Datasheet HTML 4Page - Omron Electronics LLC G2R-2A Datasheet HTML 5Page - Omron Electronics LLC G2R-2A Datasheet HTML 6Page - Omron Electronics LLC G2R-2A Datasheet HTML 7Page - Omron Electronics LLC G2R-2A Datasheet HTML 8Page - Omron Electronics LLC G2R-2A Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
5
G2R
PCB Power Relay
G
2
R
● Contacts
* This value was measured at a switching frequency of 120 operations/min.
● Contacts: Fully Sealed Models
* This value was measured at a switching frequency of 120 operations/min.
● Contacts: Latching Models
* This value was measured at a switching frequency of 120 operations/min.
Classification
General-purpose
Quick-connect Terminal (1single-pole type)
High-capacity
Bifurcated contact
High-sensitivity
Number of poles
1-pole
2-pole
1-pole
2-pole
1-pole
2-pole
Item
Load
Resistive
load
Inductive
load
(cos
φ = 0.4;
L/R = 7 ms)
Resistive
load
Inductive
load
(cos
φ = 0.4;
L/R = 7 ms)
Resistive
load
Inductive
load
(cos
φ = 0.4;
L/R = 7 ms)
Resistive
load
Inductive
load
(cos
φ = 0.4;
L/R = 7 ms)
Resistive
load
Inductive
load
(cos
φ = 0.4;
L/R = 7 ms)
Resistive
load
Inductive
load
(cos
φ = 0.4;
L/R = 7 ms)
Contact type
Single
Single
Bifurcated
Single
Contact material
Ag-alloy (Cd free)
Rated load
10 A at
250 VAC
10 A at 30
VDC
7.5 A at
250 VAC
5 A at 30
VDC
5 A at 250
VAC
5 A at 30
VDC
2 A at 250
VAC
3 A at 30
VDC
16 A at
250 VAC
16 A at 30
VDC
8 A at 250
VAC
8 A at 30
VDC
5 A at 250
VAC
5 A at 30
VDC
2 A at 250
VAC
3 A at 30
VDC
5 A at 250
VAC
5 A at 30
VDC
2 A at 250
VAC
3 A at 30
VDC
3 A at 250
VAC
3 A at 30
VDC
1 A at 250
VAC
1.5 A at
30 VDC
Rated carry current
10 A
5 A
16 A
5 A
5 A
3 A
Max. switching voltage
380 VAC, 125 VDC
380 VAC, 125 VDC
380 VAC, 125 VDC
Max. switching current
10 A
5 A
16 A
5 A
5 A
3 A
Failure rate (P level)
(reference value) *
100 mA at 5 VDC
10 mA at 5 VDC
100 mA at 5 VDC
1 mA at 5 VDC
100 mA at 5 VDC
10 mA at 5 VDC
Classification
General-purpose (Single contact)
Bifurcated contact
Number of poles
1-pole
2-pole
1-pole
Item
Load
Resistive load
(cos
φ = 1)
Inductive load
(cos
φ = 0.4; L/R = 7 ms)
Resistive load
(cos
φ = 1)
Inductive load
(cos
φ = 0.4; L/R = 7 ms)
Resistive load
(cos
φ = 1)
Inductive load
(cos
φ = 0.4; L/R = 7 ms)
Contact type
Single
Single
Bifurcated
Contact material
Ag-alloy (Cd free)
Rated load
8 A at 250 VAC
8 A at 30 VDC
6 A at 250 VAC
4 A at 30 VDC
4 A at 250 VAC
4 A at 30 VDC
1.5 A at 250 VAC
2.5 A at 30 VDC
5 A at 250 VAC
5 A at 30 VDC
2 A at 250 VAC
3 A at 30 VDC
Rated carry current
8 A
4 A
5 A
Max. switching voltage
380 VAC, 125 VDC
380 VAC, 125 VDC
380 VAC, 125 VDC
Max. switching current
8 A
4 A
5 A
Failure rate (P level)
(reference value) *
100 mA at 5 VDC
10 mA at 5 VDC
1 mA at 5 VDC
Number of poles
1-pole
2-pole
Item
Load
Resistive load
(cos
φ = 1)
Inductive load
(cos
φ = 0.4; L/R = 7 ms)
Resistive load
(cos
φ = 1)
Inductive load
(cos
φ = 0.4; L/R = 7 ms)
Contact type
Single
Single
Contact material
Ag-alloy (Cd free)
Rated load
5 A at 250 VAC
5 A at 30 VDC
3.5 A at 250 VAC
2.5 A at 30 VDC
3 A at 250 VAC
3 A at 30 VDC
1.5 A at 250 VAC
2 A at 30 VDC
Rated carry current
5 A
3 A
Max. switching voltage
380 VAC, 125 VDC
380 VAC, 125 VDC
Max. switching current
5 A
3 A
Failure rate (P level)
(reference value) *
100 mA at 5 VDC
10 mA at 5 VDC


Similar Part No. - G2R-2A

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G2R-2A OMRON-G2R-2A Datasheet
1Mb / 19P
   PCB Relay A Power Relay for a Variety of Purposes with Various Models
G2R-2A OMRON-G2R-2A Datasheet
562Kb / 14P
   Power PCB Relay
G2R-2A OMRON-G2R-2A Datasheet
1Mb / 15P
   A POWER RELAY FOR A VARIETY OF PURPOSES WITH VARIOUS MODELS
G2R-2A OMRON-G2R-2A Datasheet
656Kb / 12P
   Creepage distance of 8.0 mm min. between coil and con tact.
G2R-2A OMRON-G2R-2A Datasheet
656Kb / 12P
   Power PCB Relay
More results

Similar Description - G2R-2A

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G2R-1-E-DC5 OMRON-G2R-1-E-DC5 Datasheet
2Mb / 14P
   1General purpose power Relays of single-pole10 A and double-pole 5 A.
logo
Honeywell Solid State E...
CO-78498 HONEYWELL-CO-78498 Datasheet
210Kb / 4P
   SINGLE POLE AND DOUBLE POLE
logo
ZF Friedrichshafen AG
D413-R1AA-G2 ZFSWITCHES-D413-R1AA-G2 Datasheet
306Kb / 2P
   Single and Double Pole
logo
Omron Electronics LLC
G3NA240BDC524 OMRON-G3NA240BDC524 Datasheet
1Mb / 18P
   Wide Lineup of General-purpose Solid State Relays with Applicable Loads of 5 to 90 A
G5LE-14-DC24 OMRON-G5LE-14-DC24 Datasheet
751Kb / 6P
   A Cubic, Single-pole 10-A Power Relay
G3NA225BAC100120 OMRON-G3NA225BAC100120 Datasheet
1Mb / 18P
   Wide Lineup of General-purpose Solid State Relays with Applicable Loads of 5 to 90 A
G5LE14DC12 OMRON-G5LE14DC12 Datasheet
751Kb / 6P
   A Cubic, Single-pole 10-A Power Relay
logo
National Instruments Co...
PXI-2564 NI-PXI-2564 Datasheet
132Kb / 3P
   16-Channel, 5 A SPST (Form A) Relays
logo
Cherry Semiconductor Co...
E1901A CHERRY-E1901A Datasheet
158Kb / 3P
   GENERAL PURPOSE ??SINGLE & DOUBLE POLE ESeries
logo
Omron Electronics LLC
P2CF-08 OMRON-P2CF-08 Datasheet
685Kb / 28P
   General-purpose Relays and Power Relays Sockets
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com