Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP640R5-A3 Datasheet(PDF) 1 Page - Alpha Industries

Part # AP640R5-A3
Description  23-34 GHz Surface Mount SPDT Switch
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHA [Alpha Industries]
Direct Link  http://www.alphaind.com
Logo ALPHA - Alpha Industries

AP640R5-A3 Datasheet(HTML) 1 Page - Alpha Industries

  AP640R5-A3 Datasheet HTML 1Page - Alpha Industries AP640R5-A3 Datasheet HTML 2Page - Alpha Industries AP640R5-A3 Datasheet HTML 3Page - Alpha Industries AP640R5-A3 Datasheet HTML 4Page - Alpha Industries AP640R5-A3 Datasheet HTML 5Page - Alpha Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Alpha Industries, Inc. [781] 241-7000
• Fax [978] 241-7906 • Email sales@alphaind.com • www.alphaind.com
1
Specifications subject to change without notice. 12/01A
23–34 GHz Surface Mount
SPDT Switch
Features
■ Surface Mount Package
■ Low Loss, 1.3 dB
■ High Isolation, 33 dB
■ High Power Handling, +33 dBm CW
■ Fast Switching Speed, 2 nS
■ 100% RF and DC Testing
AP640R5-A3
Patent Pending
Description
The AP640R5-A3 is a broadband millimeterwave single-
pole double-throw (SPDT) switch in a rugged surface
mount package which is compatible with high-volume
solder installation. Based on PIN diode MMIC technology,
the switch is designed for use in millimeterwave
communication and sensor systems when low loss and
high linearity are required. Typical applications are
transmit/receive function for TDD systems or switching
between signal paths. The robust ceramic surface mount
package provides excellent electrical performance and a
high degree of environmental protection for long-term
reliability. All switches are screened at the operating
frequencies
prior
to
shipment
for
guaranteed
performance. Switch is targeted for high-volume
broadband applications such as satellite and fixed wireless
systems.
Pin Out
AP640R5-A3
YYWW
J1
Orientation
Indicated by
Missing
Castellations
J3
J2
B2
B1
Preliminary
Parameter
Symbol
Min.
Typ.
Max.
Unit
Operating Bandwidth
BW
23
34
GHz
Insertion Loss
IL
1.3
2
dB
Isolation
ISO
28
33
dBm
Return Loss
RL
9
dB
Leakage Current @ VR = -50 V
IDD
110
µA
Switching Speed1
tswitch
2ns
Output Power at 1 dB Compression1
P1 dB
33
dBm
Electrical Specifications at 25°C
1. Not measured on a 100% basis.


Similar Part No. - AP640R5-A3

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
AP640R5-00 ALPHA-AP640R5-00 Datasheet
66Kb / 2P
   24-40 GHz GaAs MMIC SPDT Reflective PIN Switch
More results

Similar Description - AP640R5-A3

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASWSM0002 MACOM-MASWSM0002 Datasheet
50Kb / 4P
   5.2 GHz SPDT Switch
logo
List of Unclassifed Man...
RTC6608OSP ETC1-RTC6608OSP Datasheet
149Kb / 7P
   0.1 GHz ??6.0 GHz SPDT Switch
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-2008 AVAGO-AMMC-2008 Datasheet
224Kb / 7P
   DC??0 GHz SPDT Switch
logo
Broadcom Corporation.
AMMC-2008 BOARDCOM-AMMC-2008 Datasheet
224Kb / 7P
   DC??0 GHz SPDT Switch
logo
Custom MMIC Design Serv...
CMD230 MMIC-CMD230 Datasheet
252Kb / 9P
   DC-26 GHz SPDT Switch
logo
Analog Devices
ADGM1001 AD-ADGM1001 Datasheet
2Mb / 33P
   0 Hz/DC to 34 GHz, SPDT MEMS Switches
Rev. 0
logo
M/A-COM Technology Solu...
MASW-002103-1363 MA-COM-MASW-002103-1363_14 Datasheet
1Mb / 10P
   Silicon SPDT Surface Mount HMIC PIN Diode Switch
MASW-002103-1363 MA-COM-MASW-002103-1363 Datasheet
558Kb / 8P
   Silicon SPDT Surface Mount HMIC PIN Diode Switch
logo
Cynergy3 Co
SH-3 CYNERGY3-SH-3 Datasheet
1Mb / 1P
   NPT mount SPDT switch
logo
NEC
UPG2185T6R NEC-UPG2185T6R Datasheet
83Kb / 9P
   SPDT SWITCH FOR 2 GHz TO 6 GHz
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com