Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RCWE0603 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # RCWE0603
Description  Thick Film Surface Mount Chip Resistors, Wraparound, Extremely Low Value (0.01 Ohm to 0.976 Ohm)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RCWE0603 Datasheet(HTML) 2 Page - Vishay Siliconix

  RCWE0603 Datasheet HTML 1Page - Vishay Siliconix RCWE0603 Datasheet HTML 2Page - Vishay Siliconix RCWE0603 Datasheet HTML 3Page - Vishay Siliconix RCWE0603 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
RCWE
www.vishay.com
Vishay Dale
Revision: 18-Nov-13
2
Document Number: 20019
For technical questions, contact: ff2cresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DERATING
TECHNICAL SPECIFICATIONS
PARAMETER
UNIT
RCWE0402
RCWE0603
RCWE0805
RCWE1206
RCWE1210
RCWE2010
RCWE2512
Operating temperature range
°C
- 55 to + 155
Maximum operating voltage
V
(P x R)1/2
Insulation voltage Uins (1 min)
V
> 75
> 100
> 200
> 300
> 300
> 300
> 300
Insulation resistance
> 109
Weight/1000 pieces (typical)
g
0.7
3
5.5
10.5
17.5
26
40.5
DIMENSIONS
MODEL
DIMENSIONS in millimeters
SOLDER PAD DIMENSIONS in millimeters
RESISTANCE
RANGE
LW
H
T1
T2
a
b
l
RCWE0402
0.033 to 0.976 1.05 ± 0.05 0.55 ± 0.05 0.35 ± 0.1 0.3 ± 0.15 0.25 ± 0.1
0.7
0.7
0.3
RCWE0603
0.01 to 0.03
1.6 ± 0.1
0.85 ± 0.1
0.5 ± 0.1
0.5 ± 0.2
0.3 ± 0.2
0.9
1.0
0.4
0.033 to 0.976
0.3 ± 0.2
0.7
1.0
0.8
RCWE0805
0.01 to 0.03
2.0 ± 0.15
1.3 ± 0.1
0.55 ± 0.1
0.6 ± 0.2
0.35 ± 0.2
1.0
1.4
0.6
0.033 to 0.976
0.4 ± 0.2
0.8
1.4
1.0
RCWE1206
0.01 to 0.03
3.1 ± 0.15
1.6 ± 0.15
0.6 ± 0.1
0.9 ± 0.2
0.45 ± 0.2
1.3
1.8
1.0
0.033 to 0.05
0.8 ± 0.2
1.2
1.8
1.2
0.051 to 0.976
0.45 ± 0.2
1.0
1.8
1.6
RCWE1210
0.01 to 0.03
3.1 ± 0.2
2.5 ± 0.2
0.6 ± 0.1
0.8 ± 0.2
0.4 ± 0.2
1.3
2.6
1.1
0.033 to 0.976
0.4 ± 0.2
0.9
2.6
2.0
RCWE2010
0.01 to 0.03
5.0 ± 0.2
2.5 ± 0.15
0.6 ± 0.1
1.6 ± 0.3
0.6 ± 0.2
2.3
3.0
1.4
0.033 to 0.05
0.7 ± 0.3
1.4
3.0
3.2
0.051 to 0.976
0.7 ± 0.3
1.4
3.0
3.2
RCWE2512
0.01 to 0.03
6.3 ± 0.2
3.15 ± 0.15
0.6 ± 0.1
2.0 ± 0.3
0.6 ± 0.2
2.8
3.6
1.4
0.033 to 0.05
0.8 ± 0.3
1.6
3.6
3.8
0.051 to 0.976
0.8 ± 0.3
1.6
3.6
3.8
l
b
a
70
120
100
80
60
40
20
0
- 55
175
Ambient Temperature in °C
- 25
0
25
75
100
125
155


Similar Part No. - RCWE0603

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
RCWE0603 VISHAY-RCWE0603 Datasheet
85Kb / 4P
   Thick Film Surface Mount Chip Resistors, Wraparound, Extremely Low Value (0.01 Ohm to 0.976 Ohm)
Revision: 07-Mar-13
RCWE0603 VISHAY-RCWE0603 Datasheet
86Kb / 4P
   Thick Film Surface Mount Chip Resistors
Revision: 18-Nov-13
RCWE0603 VISHAY-RCWE0603 Datasheet
93Kb / 4P
   Thick Film Surface Mount Chip Resistors,
Revision: 07-Oct-15
RCWE060310L0DKEA VISHAY-RCWE060310L0DKEA Datasheet
85Kb / 4P
   Thick Film Surface Mount Chip Resistors, Wraparound, Extremely Low Value
Revision: 07-Mar-13
RCWE060310L0DMEA VISHAY-RCWE060310L0DMEA Datasheet
85Kb / 4P
   Thick Film Surface Mount Chip Resistors, Wraparound, Extremely Low Value
Revision: 07-Mar-13
More results

Similar Description - RCWE0603

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
RCWE0805R910FKEA VISHAY-RCWE0805R910FKEA Datasheet
85Kb / 4P
   Thick Film Surface Mount Chip Resistors, Wraparound, Extremely Low Value (0.01 Ohm to 0.976 Ohm)
Revision: 07-Mar-13
RCWH VISHAY-RCWH Datasheet
86Kb / 3P
   Thick Film Surface Mount Chip Resistors, Wraparound, Extremely Low Value (0.01 ohm to 0.976 ohm)
Revision: 21-Jul-16
RCWE VISHAY-RCWE_V01 Datasheet
115Kb / 5P
   Thick Film Surface Mount Chip Resistors,Wraparound, Extremely Low Value (0.01 Ω to 0.976 Ω)
01-Jan-2022
RCWE0603R330FKEA VISHAY-RCWE0603R330FKEA Datasheet
85Kb / 4P
   Thick Film Surface Mount Chip Resistors, Wraparound, Extremely Low Value
Revision: 07-Mar-13
RCWL VISHAY-RCWL Datasheet
90Kb / 4P
   Thick Film Surface Mount Chip Resistors, Wraparound, Low Value (0.1 ??to 0.91 ??
RCWL VISHAY-RCWL_V01 Datasheet
90Kb / 4P
   Thick Film Surface Mount Chip Resistors, Wraparound, Low Value (0.1  to 0.91 )
01-Jan-2022
logo
WALSIN TECHNOLOGY CORPO...
WW10P WALSIN-WW10P Datasheet
221Kb / 7P
   Thick Film Low ohm chip resistors
WWXXX WALSIN-WWXXX Datasheet
326Kb / 8P
   Thick Film Low ohm chip resistors
WW10X WALSIN-WW10X Datasheet
221Kb / 7P
   Thick Film Low ohm chip resistors
WW25C WALSIN-WW25C Datasheet
174Kb / 7P
   Thick Film Power Low Ohm Chip Resistors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com