Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI1315DL Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SI1315DL
Description  P-Channel 8 V (D-S) MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI1315DL Datasheet(HTML) 2 Page - Vishay Siliconix

  SI1315DL Datasheet HTML 1Page - Vishay Siliconix SI1315DL Datasheet HTML 2Page - Vishay Siliconix SI1315DL Datasheet HTML 3Page - Vishay Siliconix SI1315DL Datasheet HTML 4Page - Vishay Siliconix SI1315DL Datasheet HTML 5Page - Vishay Siliconix SI1315DL Datasheet HTML 6Page - Vishay Siliconix SI1315DL Datasheet HTML 7Page - Vishay Siliconix SI1315DL Datasheet HTML 8Page - Vishay Siliconix SI1315DL Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
www.vishay.com
2
Document Number: 67193
S10-2765-Rev. A, 29-Nov-10
Vishay Siliconix
Si1315DL
New Product
Notes:
a. Surface mounted on 1" x 1" FR4 board.
b. Maximum under steady state conditions is 430 °C/W.
Notes:
a. Pulse test; pulse width
 300 µs, duty cycle  2 %.
b. Guaranteed by design, not subject to production testing.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Maximum Junction-to-Ambienta, b
t
10 s
RthJA
315
375
°C/W
Maximum Junction-to-Foot (Drain)
Steady State
RthJF
285
340
SPECIFICATIONS (TJ = 25 °C, unless otherwise noted)
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0 V, ID = - 250 µA
- 8
V
VDS Temperature Coefficient
V
DS/TJ
ID = - 250 µA
- 7.6
mV/°C
VGS(th) Temperature Coefficient
V
GS(th)/TJ
2.0
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS, ID = - 250 µA
- 0.4
- 0.8
V
Gate-Source Leakage
IGSS
VDS = 0 V, VGS = ± 8 V
± 100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = - 8 V, VGS = 0 V
- 1
µA
VDS = - 8 V, VGS = 0 V, TJ = 55 °C
- 10
On-State Drain Currenta
ID(on)
VDS  - 5 V, VGS = - 4.5 V
- 2
A
Drain-Source On-State Resistancea
RDS(on)
VGS = - 4.5 V, ID = - 0.8 A
0.280
0.336
VGS = - 2.5 V, ID = - 0.5 A
0.375
0.450
VGS = - 1.8 V, ID = - 0.3 A
0.500
0.650
Forward Transconductancea
gfs
VDS = - 5 V, ID = - 0.8 A
3S
Dynamicb
Input Capacitance
Ciss
VDS = - 4 V, VGS = 0 V, f = 1 MHz
112
pF
Output Capacitance
Coss
54
Reverse Transfer Capacitance
Crss
40
Total Gate Charge
Qg
VDS = - 4 V, VGS = - 4.5 V, ID = - 0.8 A
1.7
3.4
nC
VDS = - 4 V, VGS = - 2.5 V, ID = - 0.8 A
12
Gate-Source Charge
Qgs
0.3
Gate-Drain Charge
Qgd
0.4
Gate Resistance
Rg
f = 1 MHz
1.4
7
14
Turn-On Delay Time
td(on)
VDD = - 4 V, RL = 5.7 
ID  - 0.7 A, VGEN = - 4.5 V, Rg = 1 
10
20
ns
Rise Time
tr
15
23
Turn-Off DelayTime
td(off)
14
21
Fall Time
tf
816
Turn-On Delay Time
td(on)
VDD = - 4 V, RL = 5.7 
ID  - 0.7 A, VGEN = - 8 V, Rg = 1 
510
Rise Time
tr
10
20
Turn-Off DelayTime
td(off)
12
20
Fall Time
tf
714
Drain-Source Body Diode Characteristics
Continuous Source-Drain Diode Current
IS
TC = 25 °C
- 0.3
A
Pulse Diode Forward Currenta
ISM
- 3
Body Diode Voltage
VSD
IF = - 0.7 A
- 0.8
- 1.2
V
Body Diode Reverse Recovery Time
trr
IF = - 0.7 A, dI/dt = 100 A/µs, TJ = 25 °C
14
21
ns
Body Diode Reverse Recovery Charge
Qrr
48
nC
Reverse Recovery Fall Time
ta
8
ns
Reverse Recovery Rise Time
tb
6


Similar Part No. - SI1315DL

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI1317DL VISHAY-SI1317DL Datasheet
67Kb / 4P
   P-Channel 20 V (D-S) MOSFET
Rev. A, 14-Mar-11
SI1317DL VISHAY-SI1317DL Datasheet
248Kb / 11P
   P-Channel 20 V (D-S) MOSFET
01-Jan-2022
SI1317DL-T1-GE3 VISHAY-SI1317DL-T1-GE3 Datasheet
248Kb / 11P
   P-Channel 20 V (D-S) MOSFET
01-Jan-2022
SI1317DL VISHAY-SI1317DL_V01 Datasheet
248Kb / 11P
   P-Channel 20 V (D-S) MOSFET
01-Jan-2022
More results

Similar Description - SI1315DL

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIA427ADJ VISHAY-SIA427ADJ Datasheet
231Kb / 9P
   P-Channel 8 V (D-S) MOSFET
Rev. B, 21-May-12
SI8439DB VISHAY-SI8439DB Datasheet
252Kb / 11P
   P-Channel 8 V (D-S) MOSFET
Rev. C, 20-Jul-15
SI2305CDS VISHAY-SI2305CDS Datasheet
105Kb / 5P
   P-Channel 8 V (D-S) MOSFET
Rev. A, 07-Sep-09
SI2305CDS VISHAY-SI2305CDS_13 Datasheet
229Kb / 10P
   P-Channel 8 V (D-S) MOSFET
Rev. C, 29-Mar-10
SI8469DB VISHAY-SI8469DB Datasheet
107Kb / 8P
   P-Channel 8 V (D-S) MOSFET
Rev. A, 08-Nov-10
SI2305CD VISHAY-SI2305CD_V01 Datasheet
195Kb / 9P
   P-Channel 8 V (D-S) MOSFET
09-Jul-2021
SI2329DS VISHAY-SI2329DS Datasheet
178Kb / 4P
   P-Channel 8 V (D-S) MOSFET
Rev. A, 04-Jul-11
SI2305ADS VISHAY-SI2305ADS Datasheet
139Kb / 7P
   P-Channel 8-V (D-S) MOSFET
Rev. C, 10-Nov-08
SIB437EDKT VISHAY-SIB437EDKT Datasheet
177Kb / 8P
   P-Channel 8 V (D-S) MOSFET
Rev. A, 14-Feb-11
SI1051X VISHAY-SI1051X Datasheet
138Kb / 6P
   P-Channel 8-V (D-S) MOSFET
Rev. B, 24-Mar-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com