Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16LF818 Datasheet(PDF) 7 Page - Microchip Technology

Part # PIC16LF818
Description  Enhanced Flash Microcontrollers with nanoWatt Technology
Download  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LF818 Datasheet(HTML) 7 Page - Microchip Technology

Back Button PIC16LF818 Datasheet HTML 3Page - Microchip Technology PIC16LF818 Datasheet HTML 4Page - Microchip Technology PIC16LF818 Datasheet HTML 5Page - Microchip Technology PIC16LF818 Datasheet HTML 6Page - Microchip Technology PIC16LF818 Datasheet HTML 7Page - Microchip Technology PIC16LF818 Datasheet HTML 8Page - Microchip Technology PIC16LF818 Datasheet HTML 9Page - Microchip Technology PIC16LF818 Datasheet HTML 10Page - Microchip Technology PIC16LF818 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 176 page
background image
 2004 Microchip Technology Inc.
DS39598E-page 5
PIC16F818/819
1.0
DEVICE OVERVIEW
This document contains device specific information for
the operation of the PIC16F818/819 devices. Additional
information may be found in the “PICmicro® Mid-Range
MCU Family Reference Manual” (DS33023) which may
be downloaded from the Microchip web site. The
Reference Manual should be considered a complemen-
tary document to this data sheet and is highly
recommended reading for a better understanding of the
device architecture and operation of the peripheral
modules.
The PIC16F818/819 belongs to the Mid-Range family
of the PICmicro® devices. The devices differ from each
other in the amount of Flash program memory, data
memory and data EEPROM (see Table 1-1). A block
diagram of the devices is shown in Figure 1-1. These
devices contain features that are new to the PIC16
product line:
• Internal RC oscillator with eight selectable
frequencies, including 31.25 kHz, 125 kHz,
250 kHz, 500 kHz, 1 MHz, 2 MHz, 4 MHz and
8 MHz. The INTRC can be configured as the
system clock via the configuration bits. Refer to
Section 4.5 “Internal Oscillator Block” and
Section 12.1 “Configuration Bits” for further
details.
• The Timer1 module current consumption has
been greatly reduced from 20
µA (previous PIC16
devices) to 1.8
µA typical (32 kHz at 2V), which is
ideal for real-time clock applications. Refer to
Section 6.0 “Timer0 Module” for further details.
• The amount of oscillator selections has increased.
The RC and INTRC modes can be selected with
an I/O pin configured as an I/O or a clock output
(FOSC/4). An external clock can be configured
with an I/O pin. Refer to Section 4.0 “Oscillator
Configurations” for further details.
TABLE 1-1:
AVAILABLE MEMORY IN
PIC16F818/819 DEVICES
There are 16 I/O pins that are user configurable on a
pin-to-pin basis. Some pins are multiplexed with other
device functions. These functions include:
• External Interrupt
• Change on PORTB Interrupt
• Timer0 Clock Input
• Low-Power Timer1 Clock/Oscillator
• Capture/Compare/PWM
• 10-bit, 5-channel Analog-to-Digital Converter
• SPI/I2C
•MCLR (RA5) can be configured as an Input
Table 1-2 details the pinout of the devices with
descriptions and details for each pin.
Device
Program
Flash
Data
Memory
Data
EEPROM
PIC16F818
1K x 14
128 x 8
128 x 8
PIC16F819
2K x14
256 x 8
256 x 8


Similar Part No. - PIC16LF818

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16LF818 MICROCHIP-PIC16LF818 Datasheet
2Mb / 178P
   18/20-Pin Enhanced Flash Microcontrollers with nanoWatt Technology
11/29/12 2001-2013
PIC16LF818 MICROCHIP-PIC16LF818 Datasheet
1Mb / 176P
   Enhanced Flash Microcontrollers
09/27/04
PIC16LF818 MICROCHIP-PIC16LF818 Datasheet
1Mb / 176P
   18/20-Pin Enhanced Flash Microcontrollers with nanoWatt Technology
09/27/04
PIC16LF818 MICROCHIP-PIC16LF818 Datasheet
1Mb / 176P
   Enhanced Flash Microcontrollers with nanoWatt Technology
09/27/04
PIC16LF818-E/ML MICROCHIP-PIC16LF818-E/ML Datasheet
3Mb / 176P
   18/20-Pin Enhanced Flash Microcontrollers with nanoWatt Technology
2004
More results

Similar Description - PIC16LF818

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16LF819-I MICROCHIP-PIC16LF819-I Datasheet
1Mb / 176P
   Enhanced Flash Microcontrollers with nanoWatt Technology
09/27/04
PIC16F818 MICROCHIP-PIC16F818_13 Datasheet
2Mb / 178P
   18/20-Pin Enhanced Flash Microcontrollers with nanoWatt Technology
11/29/12 2001-2013
PIC16F818 MICROCHIP-PIC16F818 Datasheet
3Mb / 176P
   18/20-Pin Enhanced Flash Microcontrollers with nanoWatt Technology
2004
PIC16F819T-E MICROCHIP-PIC16F819T-E Datasheet
1Mb / 176P
   18/20-Pin Enhanced Flash Microcontrollers with nanoWatt Technology
09/27/04
PIC16F819-IP MICROCHIP-PIC16F819-IP Datasheet
3Mb / 176P
   18/20-Pin Enhanced Flash Microcontrollers with nanoWatt Technology
09/27/04
PIC16F87 MICROCHIP-PIC16F87 Datasheet
3Mb / 214P
   18/20/28-Pin Enhanced FLASH Microcontrollers with nanoWatt Technology
2003
PIC16F87 MICROCHIP-PIC16F87_05 Datasheet
3Mb / 228P
   18/20/28-Pin Enhanced Flash Microcontrollers with nanoWatt Technology
2005
PIC18F2221 MICROCHIP-PIC18F2221_1 Datasheet
6Mb / 402P
   Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
2009
PIC18F2585 MICROCHIP-PIC18F2585_07 Datasheet
8Mb / 482P
   Enhanced Flash Microcontrollers with ECAN Technology, 10-Bit A/D and nanoWatt Technology
2007
PIC18F2680-I-SO MICROCHIP-PIC18F2680-I-SO Datasheet
8Mb / 482P
   Enhanced Flash Microcontrollers with ECAN??Technology, 10-Bit A/D and nanoWatt Technology
12/08/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com