Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCR18EZHJLSFS Datasheet(PDF) 2 Page - Rohm

Part # MCR18EZHJLSFS
Description  Low Ohmic Thick Film Chip Resistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

MCR18EZHJLSFS Datasheet(HTML) 2 Page - Rohm

  MCR18EZHJLSFS Datasheet HTML 1Page - Rohm MCR18EZHJLSFS Datasheet HTML 2Page - Rohm MCR18EZHJLSFS Datasheet HTML 3Page - Rohm MCR18EZHJLSFS Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2/3
www.rohm.com
c
2011 ROHM Co., Ltd. All rights reserved.
2011.12 - Rev.G
Data Sheet
MCR18 (3216 size (1206 size) : 1 / 4W)
Characteristics
Item
Test conditions (JIS C 5201-1)
Resistor type
Guaranteed value
Resistance
Variation of resistance
with temperature
Solderability
Damp heat, steady state
Endurance at 70
°C
Endurance
Rapid change of
temperature
Bend strength of
the end face plating
Component
solvent resistance
Resistance to
soldering heat
Overload
± (2.0%+0.005Ω)
± (1.0%+0.005Ω)
± (3.0%+0.005Ω)
J :
±5%
F :
±1%
See Table.1
No remarkable abnormality on the appearance.
A new uniform coating of minimum of
95% of the surface being immersed
and no soldering damage.
Without open.
JIS C 5201-1 4.5
JIS C 5201-1 4.8
Measurement :
+25 / −55 / +25 / +125°C
Load voltage : A
Measuring method : measure upper termination
by 4 proves.
JIS C 5201-1 4.18
Soldering condition : 260
±5°C
Duration of immersion : 10
±1s.
JIS C 5201-1 4.24
40
°C, 93%RH
Test time : 56days
± (3.0%+0.005Ω)
± (3.0%+0.005Ω)
± (0.5%+0.005Ω)
± (1.0%+0.005Ω)
JIS C 5201-1 4.25.1
70
°C, Rated voltage
1.5h : ON
− 0.5h : OFF
Test time : 1,000h
JIS C 5201-1 4.25.3
155
°C
Test time : 1,000h to 1,048h
JIS C 5201-1 4.29
23
°C±5°C
Solvent : 2-propanol
JIS C 5201-1 4.19
Test temp. :
−55°C to +125°C 5cyc
JIS C 5201-1 4.33
JIS C 5201-1 4.17
Rosin-Ethanol (25%WT)
Soldering condition : 235
±5°C
Duration of immersion : 2.0
±0.5s.
JIS C 5201-1 4.13
Rated voltage (current)
×2.5, 2s.
Upper termination
Prove
Dimensions (Unit : mm)
0.5
±0.25
0.5
±0.25
3.2
±0.15
No.
Material
Resistive element (Oxide metal thick film)
Silver thick film electrode
Nickel electrode
Sn electrode
Alumina substrate
Overcoating (Glass)
1
2
3
4
5
6
1
2
4
5
3
6


Similar Part No. - MCR18EZHJLSFS

ManufacturerPart #DatasheetDescription
logo
Rohm
MCR18EZHJL ROHM-MCR18EZHJL Datasheet
56Kb / 5P
   Thick film rectangular Low resistance series
MCR18EZHJL ROHM-MCR18EZHJL Datasheet
75Kb / 5P
   Low Ohmic Thick Film Chip Resistors
MCR18EZHJL9R1 ROHM-MCR18EZHJL9R1 Datasheet
137Kb / 7P
   Low Ohmic Thick Film Chip Resistors
MCR18EZHJL9R1 ROHM-MCR18EZHJL9R1 Datasheet
137Kb / 7P
   Low Ohmic Thick Film Chip Resistors
MCR18EZHJL9R10 ROHM-MCR18EZHJL9R10 Datasheet
137Kb / 7P
   Low Ohmic Thick Film Chip Resistors
More results

Similar Description - MCR18EZHJLSFS

ManufacturerPart #DatasheetDescription
logo
Rohm
MCR50 ROHM-MCR50_11 Datasheet
174Kb / 4P
   Low Ohmic Thick Film Chip Resistors
MCR25JZHFLR110 ROHM-MCR25JZHFLR110 Datasheet
137Kb / 7P
   Low Ohmic Thick Film Chip Resistors
MCR10EZHFSR056 ROHM-MCR10EZHFSR056 Datasheet
137Kb / 7P
   Low Ohmic Thick Film Chip Resistors
MCR25 ROHM-MCR25_2 Datasheet
81Kb / 5P
   Low Ohmic Thick Film Chip Resistors
MCR100 ROHM-MCR100_2 Datasheet
81Kb / 5P
   Low Ohmic Thick Film Chip Resistors
MCR03 ROHM-MCR03_2 Datasheet
70Kb / 5P
   Low Ohmic Thick Film Chip Resistors
MCR18 ROHM-MCR18_11 Datasheet
132Kb / 4P
   Low Ohmic Thick Film Chip Resistors
MCR18 ROHM-MCR18_3 Datasheet
75Kb / 5P
   Low Ohmic Thick Film Chip Resistors
MCR25 ROHM-MCR25_11 Datasheet
174Kb / 4P
   Low Ohmic Thick Film Chip Resistors
MCR100 ROHM-MCR100_11 Datasheet
175Kb / 4P
   Low Ohmic Thick Film Chip Resistors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com