Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NC7WZ07FHX Datasheet(PDF) 6 Page - Rohm

Part # NC7WZ07FHX
Description  TinyLogic UHS Dual Buffer (Open-Drain Outputs)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

NC7WZ07FHX Datasheet(HTML) 6 Page - Rohm

  NC7WZ07FHX Datasheet HTML 1Page - Rohm NC7WZ07FHX Datasheet HTML 2Page - Rohm NC7WZ07FHX Datasheet HTML 3Page - Rohm NC7WZ07FHX Datasheet HTML 4Page - Rohm NC7WZ07FHX Datasheet HTML 5Page - Rohm NC7WZ07FHX Datasheet HTML 6Page - Rohm NC7WZ07FHX Datasheet HTML 7Page - Rohm NC7WZ07FHX Datasheet HTML 8Page - Rohm NC7WZ07FHX Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
© 2000 Fairchild Semiconductor Corporation
www.fairchildsemi.com
NC7WZ07
• Rev. 1.0.7
6
Physical Dimensions
DETAIL A
SCALE: 60X
B
1.90
2.00±0.20
0.50 MIN
1.00
0.80
1.10
0.80
0.10 C
0.25
0.10
0.46
0.26
0.20
GAGE
PLANE
(R0.10)
30°
SEATING
PLANE
C
0.10
0.00
NOTES: UNLESS OTHERWISE SPECIFIED
A) THIS PACKAGE CONFORMS TO EIAJ
SC-88, 1996.
B) ALL DIMENSIONS ARE IN MILLIMETERS.
C) DIMENSIONS DO NOT INCLUDE BURRS
OR MOLD FLASH.
D) DRAWING FILENAME: MKT-MAA06AREV6
2.10±0.30
0.10
A B
0.65
1.30
(0.25)
0.30
0.15
1
1.25±0.10
3
1.30
0.40 MIN
SEE DETAIL A
LAND PATTERN RECOMMENDATION
6
A
4
C
0.65
L
SYMM
PIN ONE
Figure 8. 6-Lead, SC70, EIAJ SC88, 1.25 mm Wide
Package drawings are provided as a service to customers considering Fairchild components. Drawings may change in any manner
without notice. Please note the revision and/or date on the drawing and contact a Fairchild Semiconductor representative to verify or
obtain the most recent revision.
Package specifications do not expand the terms of Fairchild’s worldwide terms and conditions, specifically the
warranty therein, which covers Fairchild products.
Always vi
sit Fairchild Semiconductor’s online packaging area for the most recent package drawings:
http://www.fairchildsemi.com/packaging/.
Package Designator
Tape Section
Cavity Number
Cavity Status
Cover Type Status
P6X
Leader (Start End)
125 (Typical)
Empty
Sealed
Carrier
3000
Filled
Sealed
Trailer (Hub End)
75 (Typical)
Empty
Sealed


Similar Part No. - NC7WZ07FHX

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NC7WZ07FHX ONSEMI-NC7WZ07FHX Datasheet
708Kb / 11P
   TinyLogic UHS Dual Buffer
April 2013 Rev. 1.0.7
NC7WZ07FHX ONSEMI-NC7WZ07FHX Datasheet
462Kb / 11P
   TinyLogic UHS Dual Buffer (Open-Drain Outputs)
May, 2022 - Rev. 5
NC7WZ07FHX-L22175 ONSEMI-NC7WZ07FHX-L22175 Datasheet
462Kb / 11P
   TinyLogic UHS Dual Buffer (Open-Drain Outputs)
May, 2022 - Rev. 5
logo
Fairchild Semiconductor
NC7WZ07FHX FAIRCHILD-NC7WZ07FHX_11 Datasheet
650Kb / 9P
   TinyLogic짰 UHS Dual Buffer (Open Drain Outputs)
More results

Similar Description - NC7WZ07FHX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NC7WZ07 FAIRCHILD-NC7WZ07 Datasheet
92Kb / 7P
   TinyLogic UHS Dual Buffer (Open Drain Outputs)
NC7WZ07 FAIRCHILD-NC7WZ07_05 Datasheet
106Kb / 8P
   TinyLogic UHS Dual Buffer (Open Drain Outputs)
logo
ON Semiconductor
NC7WZ07 ONSEMI-NC7WZ07_V01 Datasheet
462Kb / 11P
   TinyLogic UHS Dual Buffer (Open-Drain Outputs)
May, 2022 - Rev. 5
logo
Fairchild Semiconductor
NC7WZ07 FAIRCHILD-NC7WZ07_11 Datasheet
650Kb / 9P
   TinyLogic짰 UHS Dual Buffer (Open Drain Outputs)
logo
ON Semiconductor
NC7SZ05 ONSEMI-NC7SZ05_V01 Datasheet
465Kb / 11P
   TinyLogic UHS Inverter, Open Drain Output
April, 2022 ??Rev. 5
logo
Fairchild Semiconductor
NC7SZ05 FAIRCHILD-NC7SZ05_04 Datasheet
156Kb / 8P
   TinyLogic UHS Inverter (Open Drain Output)
logo
ON Semiconductor
NC7WZ16 ONSEMI-NC7WZ16_V01 Datasheet
402Kb / 12P
   TinyLogic UHS Dual Buffer
April, 2022 - Rev. 6
NC7WZ07 ONSEMI-NC7WZ07 Datasheet
708Kb / 11P
   TinyLogic UHS Dual Buffer
April 2013 Rev. 1.0.7
NC7WZ16 ONSEMI-NC7WZ16 Datasheet
430Kb / 9P
   TinyLogic UHS Dual Buffer
October-2017, Rev . 2
NC7SZ05 ONSEMI-NC7SZ05 Datasheet
635Kb / 12P
   TinyLogic UHS Inverter, Open Drain Output
September 2009 Rev. 1.0.3
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com