Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HC540D-T Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 74HC540D-T
Description  Octal buffer/line driver; 3-state inverting
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HC540D-T Datasheet(HTML) 3 Page - NXP Semiconductors

  74HC540D-T Datasheet HTML 1Page - NXP Semiconductors 74HC540D-T Datasheet HTML 2Page - NXP Semiconductors 74HC540D-T Datasheet HTML 3Page - NXP Semiconductors 74HC540D-T Datasheet HTML 4Page - NXP Semiconductors 74HC540D-T Datasheet HTML 5Page - NXP Semiconductors 74HC540D-T Datasheet HTML 6Page - NXP Semiconductors 74HC540D-T Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
December 1990
3
Philips Semiconductors
Product specification
Octal buffer/line driver; 3-state; inverting
74HC/HCT540
PIN DESCRIPTION
PIN NO.
SYMBOL
NAME AND FUNCTION
1, 19
OE1, OE2
output enable input (active LOW)
2, 3, 4, 5, 6, 7, 8, 9
A0 to A7
data inputs
10
GND
ground (0 V)
18, 17, 16, 15, 14, 13, 12, 11
Y0 to Y7
bus outputs
20
VCC
positive supply voltage
Fig.1 Pin configuration.
Fig.2 Logic symbol.
Fig.3 IEC logic symbol.


Similar Part No. - 74HC540D-T

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74HC540D-Q100 NEXPERIA-74HC540D-Q100 Datasheet
797Kb / 16P
   Octal buffer/line driver; 3-state; inverting
74HC540D-Q100 NEXPERIA-74HC540D-Q100 Datasheet
236Kb / 13P
   Octal buffer/line driver; 3-state; inverting
Rev. 3 - 16 August 2021
More results

Similar Description - 74HC540D-T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC240 NXP-74AHC240 Datasheet
478Kb / 16P
   Octal buffer/line driver; inverting; 3-state
Rev. 2-26 November 2010
logo
Nexperia B.V. All right...
74AHCT240-Q100 NEXPERIA-74AHCT240-Q100 Datasheet
805Kb / 15P
   Octal buffer/line driver; inverting 3-state
74HC540 NEXPERIA-74HC540 Datasheet
268Kb / 15P
   Octal buffer/line driver; 3-state; inverting
Rev. 6 - 19 October 2021
74AHCT240 NEXPERIA-74AHCT240 Datasheet
238Kb / 13P
   Octal buffer/line driver; inverting; 3-state
Rev. 6 - 29 June 2020
logo
NXP Semiconductors
74LV240 PHILIPS-74LV240 Datasheet
115Kb / 12P
   Octal buffer/line driver; inverting 3-State
1998 May 20
logo
Nexperia B.V. All right...
74HC540-Q100 NEXPERIA-74HC540-Q100 Datasheet
797Kb / 16P
   Octal buffer/line driver; 3-state; inverting
74HC240-Q100 NEXPERIA-74HC240-Q100 Datasheet
256Kb / 14P
   Octal buffer/line driver; 3-state; inverting
Rev. 2 - 15 July 2020
74LV540A NEXPERIA-74LV540A Datasheet
740Kb / 14P
   Octal buffer/line driver; 3-state; inverting
Rev. 1 - 24 November 2016
logo
NXP Semiconductors
74HC240 NXP-74HC240 Datasheet
112Kb / 18P
   Octal buffer/line driver; 3-state; inverting
Rev. 03-2 August 2007
74HC540 PHILIPS-74HC540 Datasheet
51Kb / 7P
   Octal buffer/line driver; 3-state; inverting
December 1990
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com