Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP4350 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP4350
Description  2.5A, 4MHz, 20V Step-Down Converter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4350 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP4350 Datasheet HTML 1Page - Monolithic Power Systems MP4350 Datasheet HTML 2Page - Monolithic Power Systems MP4350 Datasheet HTML 3Page - Monolithic Power Systems MP4350 Datasheet HTML 4Page - Monolithic Power Systems MP4350 Datasheet HTML 5Page - Monolithic Power Systems MP4350 Datasheet HTML 6Page - Monolithic Power Systems MP4350 Datasheet HTML 7Page - Monolithic Power Systems MP4350 Datasheet HTML 8Page - Monolithic Power Systems MP4350 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
MP4350 – 2.5A, 4MHz, 20V STEP-DOWN CONVERTER
MP4350 Rev. 1.0
www.MonolithicPower.com
4
5/26/2008
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2008 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
VIN = 12V, C1 = 10µF, C2 = 22µF, L = 10µH and TA = +25°C, unless otherwise noted.
1ms/div.
Startup
IOUT = 0.1A
1ms/div.
Shutdown
IOUT = 0.1A
1ms/div.
Startup
IOUT = 1A
Shutdown
IOUT = 1A
1ms/div.
Startup
IOUT = 2A
VOUT
2V/div.
IL
1A/div.
VSW
10V/div.
VEN
5V/div.
VOUT
2V/div.
IL
1A/div.
VSW
10V/div.
VEN
5V/div.
VOUT
2V/div.
IL
1A/div.
VSW
10V/div.
VEN
5V/div.
VOUT
2V/div.
IL
1A/div.
VSW
10V/div.
VEN
5V/div.
VOUT
2V/div.
IL
2A/div.
VSW
10V/div.
VEN
5V/div.
VOUT
2V/div.
IL
1A/div.
Short Circuit Entry
IOUT = 0.1A to Short
Short Circuit Recovery
IOUT = Short to 0.1A
Shutdown
IOUT = 2A
VOUT
2V/div.
IL
1A/div.
VOUT
2V/div.
IL
2A/div.
VSW
10V/div.
VEN
5V/div.


Similar Part No. - MP4350

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
MP4301 TOSHIBA-MP4301 Datasheet
154Kb / 6P
   High Power Switching Applications Hammer Drive, Pulse Motor Drive and Inductive Load Switching
MP4303 TOSHIBA-MP4303 Datasheet
255Kb / 5P
   N CHANNEL MSO TYPE (HIGH POWER HIGH SPEED SWITCHING APPLICATIONS HAMMER DRIVE, PULSE MOTOR DRIVE AND INDUCTIVE LOAD SWITCHING)
MP4303 TOSHIBA-MP4303 Datasheet
155Kb / 6P
   High Power Switching Applications Hammer Drive, Pulse Motor Drive and Inductive Load Switching
MP4303 TOSHIBA-MP4303 Datasheet
155Kb / 6P
   High Power Switching Applications Hammer Drive, Pulse Motor Drive and Inductive Load Switching
MP4303Q TOSHIBA-MP4303Q Datasheet
155Kb / 6P
   High Power Switching Applications Hammer Drive, Pulse Motor Drive and Inductive Load Switching
More results

Similar Description - MP4350

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2565 MPS-MP2565 Datasheet
535Kb / 20P
   2.5A, 4MHz, 50V Step-Down Converter
MP2560 MPS-MP2560 Datasheet
509Kb / 19P
   2.5A, 4MHz, 42V Step-Down Converter
MP4460 MPS-MP4460 Datasheet
451Kb / 18P
   2.5A, 4MHz, 36V Step-Down Converter
MPQ4460 MPS-MPQ4460 Datasheet
411Kb / 18P
   Industrial Grade, 2.5A, 4MHz, 36V Step-Down Converter
logo
Linear Technology
LTC3412 LINER-LTC3412 Datasheet
218Kb / 20P
   2.5A, 4MHz, Monolithic Synchronous Step-Down Regulator
LTC3412 LINER-LTC3412_15 Datasheet
224Kb / 20P
   2.5A, 4MHz, Monolithic Synchronous Step-Down Regulator
logo
Monolithic Power System...
MP2562 MPS-MP2562 Datasheet
617Kb / 20P
   1A, 4MHz, 50V Step-Down Converter
MP4458 MPS-MP4458 Datasheet
390Kb / 16P
   1A, 4MHz, 36V Step-Down Converter
MP4459 MPS-MP4459 Datasheet
451Kb / 17P
   1.5A, 4MHz, 36V Step-Down Converter
MP4462 MPS-MP4462 Datasheet
482Kb / 20P
   3.5A, 4MHz, 36V Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com