Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZB84-C6V2 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # BZB84-C6V2
Description  Dual Zener diodes
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BZB84-C6V2 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button BZB84-C6V2 Datasheet HTML 4Page - NXP Semiconductors BZB84-C6V2 Datasheet HTML 5Page - NXP Semiconductors BZB84-C6V2 Datasheet HTML 6Page - NXP Semiconductors BZB84-C6V2 Datasheet HTML 7Page - NXP Semiconductors BZB84-C6V2 Datasheet HTML 8Page - NXP Semiconductors BZB84-C6V2 Datasheet HTML 9Page - NXP Semiconductors BZB84-C6V2 Datasheet HTML 10Page - NXP Semiconductors BZB84-C6V2 Datasheet HTML 11Page - NXP Semiconductors BZB84-C6V2 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
BZB84_SER_3
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 — 9 June 2009
8 of 14
NXP Semiconductors
BZB84 series
Dual Zener diodes
[1]
f = 1 MHz; VR =0V
[2]
tp = 100 µs; square wave; Tj =25 °C prior to surge
Table 11.
Characteristics per type; BZB84-C27 to BZB84-C75
Tj =25 °C unless otherwise specified.
BZB84-
Cxxx
Working voltage
VZ (V)
Differential
resistance
rdif (Ω)
Reverse current
IR (µA)
Temperature
coefficient
SZ (mV/K)
Diode
capacitance
Cd (pF)[1]
Non-repetitive
peak reverse
current
IZSM (A)[2]
IZ =2mA
IZ = 0.5 mA IZ =2mA
IZ =2mA
Min
Max
Max
Max
Max
VR (V)
Min
Max
Max
Max
27
25.1
28.9
300
80
0.05
18.9
21.4
25.3
50
1.00
30
28.0
32.0
300
80
0.05
21.0
24.4
29.4
50
1.00
33
31.0
35.0
325
80
0.05
23.1
27.4
33.4
45
0.90
36
34.0
38.0
350
90
0.05
25.2
30.4
37.4
45
0.80
39
37.0
41.0
350
130
0.05
27.3
33.4
41.2
45
0.70
43
40.0
46.0
375
150
0.05
30.1
37.6
46.6
40
0.60
47
44.0
50.0
375
170
0.05
32.9
42.0
51.8
40
0.50
51
48.0
54.0
400
180
0.05
35.7
46.6
57.2
40
0.40
56
52.0
60.0
425
200
0.05
39.2
52.2
63.8
40
0.30
62
58.0
66.0
450
215
0.05
43.4
58.8
71.6
35
0.30
68
64.0
72.0
475
240
0.05
47.6
65.6
79.8
35
0.25
75
70.0
79.0
500
255
0.05
52.5
73.4
88.6
35
0.20
(1) Tj =25 °C (prior to surge)
(2) Tj = 150 °C (prior to surge)
Tj =25 °C
Fig 1.
Per diode: Non-repetitive peak reverse power
dissipation as a function of pulse duration;
maximum values
Fig 2.
Per diode: Forward current as a function of
forward voltage; typical values
mbg801
103
1
tp (ms)
PZSM
(W)
10
102
10−1
10
1
(1)
(2)
VF (V)
0.6
1
0.8
mbg781
100
200
300
IF
(mA)
0


Similar Part No. - BZB84-C6V2

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BZB84-C6V2 NXP-BZB84-C6V2 Datasheet
90Kb / 14P
   Dual Zener diodes
Rev. 03-9 June 2009
BZB84-C6V2 NXP-BZB84-C6V2 Datasheet
90Kb / 14P
   Dual Zener diodes
Rev. 03-9 June 2009
BZB84-C6V2 PHILIPS-BZB84-C6V2 Datasheet
90Kb / 14P
   General-purpose Zener diodes in a SOT23 (TO-236AB) small Surface-Mounted Device (SMD) plastic package
Rev. 03-9 June 2009
BZB84-C6V2 NXP-BZB84-C6V2 Datasheet
90Kb / 14P
   Dual Zener diodes
Rev. 03-9 June 2009
logo
Nexperia B.V. All right...
BZB84-C6V2 NEXPERIA-BZB84-C6V2 Datasheet
2Mb / 14P
   Dual Zener diodes
Rev. 03 - 9 June 2009
More results

Similar Description - BZB84-C6V2

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PZU30DB2 NXP-PZU30DB2 Datasheet
124Kb / 12P
   Dual Zener diodes
Rev. 01-31 March 2008
PZUXDB2 NXP-PZUXDB2 Datasheet
124Kb / 12P
   Dual Zener diodes
Rev. 01-31 March 2008
BZB84-C20 NXP-BZB84-C20 Datasheet
90Kb / 14P
   Dual Zener diodes
Rev. 03-9 June 2009
PZU10DB2 NXP-PZU10DB2 Datasheet
124Kb / 12P
   Dual Zener diodes
Rev. 01-31 March 2008
logo
Nexperia B.V. All right...
BZB84_SER NEXPERIA-BZB84_SER Datasheet
2Mb / 14P
   Dual Zener diodes
Rev. 03 - 9 June 2009
logo
NXP Semiconductors
BZB84 NXP-BZB84 Datasheet
90Kb / 14P
   Dual Zener diodes
Rev. 03-9 June 2009
logo
General Semiconductor
AZ23-C2V7 GE-AZ23-C2V7 Datasheet
387Kb / 8P
   DUAL ZENER DIODES
logo
Nexperia B.V. All right...
PZUXDB2_SER NEXPERIA-PZUXDB2_SER Datasheet
238Kb / 13P
   Dual Zener diodes
Rev. 01 - 31 March 2008
logo
NXP Semiconductors
PZU7.5DB2 NXP-PZU7.5DB2 Datasheet
124Kb / 12P
   Dual Zener diodes
Rev. 01-31 March 2008
BZB84-B3V0 NXP-BZB84-B3V0 Datasheet
90Kb / 14P
   Dual Zener diodes
Rev. 03-9 June 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com