Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCR10YRTFX10R0 Datasheet(PDF) 3 Page - Rohm

Part # MCR10YRTFX10R0
Description  Thick Film Chip Resistors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

MCR10YRTFX10R0 Datasheet(HTML) 3 Page - Rohm

  MCR10YRTFX10R0 Datasheet HTML 1Page - Rohm MCR10YRTFX10R0 Datasheet HTML 2Page - Rohm MCR10YRTFX10R0 Datasheet HTML 3Page - Rohm MCR10YRTFX10R0 Datasheet HTML 4Page - Rohm MCR10YRTFX10R0 Datasheet HTML 5Page - Rohm MCR10YRTFX10R0 Datasheet HTML 6Page - Rohm MCR10YRTFX10R0 Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3/6
www.rohm.com
c
2012 ROHM Co., Ltd. All rights reserved.
2012.09 - Rev.C
Data Sheet
MCR series < Automotive >
Chip Resistor Dimensions and Markings
<Marking method>
There are three or four digits used for the calculation number
according to IEC code and “R”is used for the decimal point.
Part No.
Type Code
(mm)
(inch)
L
W
t
a
b
Marking
existence
(Unit : mm)
MCR006
YZP
0603
0201
0.6±0.03
0.3±0.03
0.23±0.03
0.1±0.05
0.15±0.05
No
MCR01
MZP
PZPI
1005
0402
1.0±0.05
0.5±0.05
0.35±0.05
0.2±0.1
No
MCR03
EZP
MZP
PZPI
1608
0603
1.6±0.1
0.8±0.1
0.45±0.1
0.3±0.2
0.3±0.2
Yes ∗
MCR10
EZP
2012
0805
2.0±0.1
1.25±0.1
0.55±0.1
0.4±0.2
0.4±0.2
Yes
MCR18
EZP
3216
1206
3.2±0.15
1.6±0.15
0.55±0.1
0.5±0.25
0.5±0.25
Yes
MCR25
JZH
3225
1210
3.2±0.15
2.5±0.15
0.55±0.15
0.5±0.25
0.5±0.25
Yes
MCR50
JZH
5025
2010
5.0±0.15
2.5±0.15
0.55±0.15
0.6±0.25
0.6±0.25
Yes
MCR100
JZH
6432
2512
6.3±0.15
3.2±0.15
0.55±0.15
0.6±0.25
0.6±0.25
Yes
0.25
+0.05
−0.1
Marking method of jumper type
Jumper type
MCR006 / 01 / 25 / 50 / 100
MCR03 / 10 / 18
No
Yes
Marking existence
Marking method of MCR03
For MCR03 series resistors, the printing process restricts the marking to three digits/characters.
Consequently, 1% tolerance resistors with values from the E24 series will be marked the same as
5% resistors with the same value, but 1% tolerance resistors with values from the E96 series will not be marked.
Examples:
MCR03EZPJ243
(5% tolerance, E24 / 24 k
)
Marking = 243
MCR03EZPFX2402
(1% tolerance, E24 / 24 k
)
Marking = 243
MCR03EZPFX2432
(1% tolerance, E96 / 24.3 k
)
No Marking
MCR18EZPJ243
(5% tolerance, E24 / 24 k
)
Marking = 243
MCR18EZPF2402
(1% tolerance, E24 / 24 k
)
Marking = 2402
MCR18EZPF2432
(1% tolerance, E96 / 24.3 k
)
Marking = 2432
Land pattern Example
B
D
A
Land
C
Dimensions
Part No.
Type Code
A
MCR006
MCR01
MCR03
MCR10
MCR18
MCR25
MCR50
MCR100
YZP
MZP
PZPI
EZP
MZP
PZPI
EZP
EZP
JZH
JZH
JZH
0.3
0.5
1.0
1.2
2.2
2.2
3.8
5.1
B
0.84
1.3
2.0
2.6
4.0
4.0
6.0
8.1
C
0.3
0.5
0.8
1.15
1.5
2.3
2.3
3.0
D
0.27
0.4
0.5
0.7
0.9
0.9
1.1
1.5
(Unit : mm)
b
b
b
103
L
L
W
W
t
t
a
a
a
MCR004 / 006 / 01 / 03
MCR10 / 18 / 25 / 50 / 100


Similar Part No. - MCR10YRTFX10R0

ManufacturerPart #DatasheetDescription
logo
Rohm
MCR10YRTFX10R0 ROHM-MCR10YRTFX10R0 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR10YRTFX10R0 ROHM-MCR10YRTFX10R0 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR10YRTFX10R0 ROHM-MCR10YRTFX10R0 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR10YRTFX10R0 ROHM-MCR10YRTFX10R0 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR10YRTFX10R0 ROHM-MCR10YRTFX10R0 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
More results

Similar Description - MCR10YRTFX10R0

ManufacturerPart #DatasheetDescription
logo
Rohm
MCR03EZPFX1002 ROHM-MCR03EZPFX1002 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR03EZPJ133 ROHM-MCR03EZPJ133 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR01MZPF1000 ROHM-MCR01MZPF1000 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR18EZPF56R0 ROHM-MCR18EZPF56R0 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
logo
Panasonic Semiconductor
ERJ-6GEYJ241V PANASONIC-ERJ-6GEYJ241V Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ-6GEYJ4R7V PANASONIC-ERJ-6GEYJ4R7V Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ-12Y0R00U PANASONIC-ERJ-12Y0R00U Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ-1TRQFR33U PANASONIC-ERJ-1TRQFR33U Datasheet
109Kb / 4P
   Thick Film Chip Resistors
ERJ-12ZYJ331U PANASONIC-ERJ-12ZYJ331U Datasheet
218Kb / 2P
   Thick Film Chip Resistors
logo
NIC-Components Corp.
NRCA NIC-NRCA Datasheet
107Kb / 5P
   Thick Film Chip Resistors
NRCE NIC-NRCE Datasheet
64Kb / 2P
   Thick Film Chip Resistors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com