Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SML-013UT Datasheet(PDF) 5 Page - Rohm

Part # SML-013UT
Description  SML-01 series
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SML-013UT Datasheet(HTML) 5 Page - Rohm

  SML-013UT Datasheet HTML 1Page - Rohm SML-013UT Datasheet HTML 2Page - Rohm SML-013UT Datasheet HTML 3Page - Rohm SML-013UT Datasheet HTML 4Page - Rohm SML-013UT Datasheet HTML 5Page - Rohm SML-013UT Datasheet HTML 6Page - Rohm SML-013UT Datasheet HTML 7Page - Rohm SML-013UT Datasheet HTML 8Page - Rohm SML-013UT Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
www.rohm.com
© 2013 ROHM Co., Ltd. All rights reserved.
Data Sheet
SML-01 series
lElectrical Characteristics Curves
 
1
10
100
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
-40 -20
0
20
40
60
80
100
0.0
0.4
0.8
1.2
1.6
0
5
10
15
20
25
30
0
10
20
30
40
-40 -20
0
20
40
60
80 100
Fig.1 Forward Current - Forward Voltages
FORWARD VOLTAGE : VF [V]
Fig.2 Luminous Intensity -
Atmosphere Temperature
ATMOSPHERE TEMPERATURE : Ta [ºC]
Fig.3 Luminous Intensity - Forward Current
FORWARD CURRENT : IF [mA]
Fig.4 Derating
AMBIENT TEMPERATURE : Ta [ºC]
Ta=25ºC
Ta=25ºC
IF=20mA
SML-012VT(A)
SML-012PT(A)
SML-012VT(A)
SML-012PT(A)
SML-012VT(A)
SML-012PT(A)
SML-012VT(A)
SML-012PT(A)
5/9
2013.08 - Rev.C


Similar Part No. - SML-013UT

ManufacturerPart #DatasheetDescription
logo
Rohm
SML-013UT ROHM-SML-013UT Datasheet
148Kb / 3P
   SML-01 Series Reflector improved the concentration of viewing angle
SML-013UT ROHM-SML-013UT Datasheet
2Mb / 5P
   Reflector type (3.0 x 2.0mm, t=1.3mm
SML-013UT ROHM-SML-013UT Datasheet
1Mb / 5P
   Reflector improved the concentration of viewing angle and luminous intensity to the front direction
SML-013UT ROHM-SML-013UT Datasheet
1Mb / 5P
   Reflector improved the concentration of viewing angle and luminous intensity to the front direction
SML-013UT ROHM-SML-013UT Datasheet
120Kb / 3P
   Chip LEDs with Reflector 1208<3.0 2.0 t=1.3mm> Medium / High Brightness Type
More results

Similar Description - SML-013UT

ManufacturerPart #DatasheetDescription
logo
Rohm
SML-012VT ROHM-SML-012VT Datasheet
148Kb / 3P
   SML-01 Series Reflector improved the concentration of viewing angle
SML-211UTT86K ROHM-SML-211UTT86K Datasheet
116Kb / 3P
   SML-211 Series
SML-311DTT86K ROHM-SML-311DTT86K Datasheet
1Mb / 4P
   SML-31 series
SML-11 ROHM-SML-11 Datasheet
110Kb / 3P
   SML-11 Series
SML-P24MUWT86 ROHM-SML-P24MUWT86 Datasheet
419Kb / 7P
   SML-P24 series
SML-P12VTT86 ROHM-SML-P12VTT86 Datasheet
644Kb / 9P
   SML-P1 series
SML-21 ROHM-SML-21 Datasheet
136Kb / 3P
   SML-21 Series
logo
Hamamatsu Corporation
S11155-2048-01 HAMAMATSU-S11155-2048-01 Datasheet
468Kb / 8P
   S11155-2048-01 S11156-2048-01
logo
Renesas Technology Corp
ICS8725B-01 RENESAS-ICS8725B-01 Datasheet
873Kb / 20P
   ICS8725B-01
JULY 16, 2009
logo
Rohm
SML-811X ROHM-SML-811X Datasheet
993Kb / 13P
   SML-811x/812x/813x Series
2022.2 - Rev.015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com