Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PDTC123TE Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PDTC123TE
Description  NPN resistor-equipped transistors; R1 = 2.2 kW, R2 = open
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PDTC123TE Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PDTC123TE Datasheet HTML 2Page - NXP Semiconductors PDTC123TE Datasheet HTML 3Page - NXP Semiconductors PDTC123TE Datasheet HTML 4Page - NXP Semiconductors PDTC123TE Datasheet HTML 5Page - NXP Semiconductors PDTC123TE Datasheet HTML 6Page - NXP Semiconductors PDTC123TE Datasheet HTML 7Page - NXP Semiconductors PDTC123TE Datasheet HTML 8Page - NXP Semiconductors PDTC123TE Datasheet HTML 9Page - NXP Semiconductors PDTC123TE Datasheet HTML 10Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
PDTC123T_SER_1
© Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Product data sheet
Rev. 01 — 10 March 2006
8 of 10
Philips Semiconductors
PDTC123T series
NPN resistor-equipped transistors; R1 = 2.2 k
Ω, R2 = open
10. Revision history
Table 10.
Revision history
Document ID
Release date
Data sheet status
Change notice
Supersedes
PDTC123T_SER_1
20060310
Product data sheet
-
-


Similar Part No. - PDTC123TE

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDTC123TE NXP-PDTC123TE Datasheet
85Kb / 10P
   NPN resistor-equipped transistors; R1 = 2.2 killoohm, R2 = open
Rev. 01-10 March 2006
logo
Nexperia B.V. All right...
PDTC123TE NEXPERIA-PDTC123TE Datasheet
585Kb / 10P
   NPN resistor-equipped transistors; R1 = 2.2 kW, R2 = open
Rev. 01 - 10 March 2006
PDTC123TE NEXPERIA-PDTC123TE Datasheet
198Kb / 11P
   PNP resistor-equipped transistors; R1 = 2.2 kW, R2 = open
Rev. 02 - 3 September 2009
More results

Similar Description - PDTC123TE

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PDTC123T_SER NEXPERIA-PDTC123T_SER Datasheet
585Kb / 10P
   NPN resistor-equipped transistors; R1 = 2.2 kW, R2 = open
Rev. 01 - 10 March 2006
logo
NXP Semiconductors
PEMH30 NXP-PEMH30_06 Datasheet
79Kb / 10P
   NPN/NPN double resistor-equipped transistors R1 = 2.2 kW, R2 = open
Rev. 01-28 March 2006
PEMH30_PUMH30 PHILIPS-PEMH30_PUMH30_15 Datasheet
79Kb / 10P
   NPN/NPN double resistor-equipped transistors R1 = 2.2 kW, R2 = open
Rev. 01-28 March 2006
logo
Nexperia B.V. All right...
PDTA123T_SER NEXPERIA-PDTA123T_SER Datasheet
198Kb / 11P
   PNP resistor-equipped transistors; R1 = 2.2 kW, R2 = open
Rev. 02 - 3 September 2009
logo
NXP Semiconductors
PEMD20_PUMD20 PHILIPS-PEMD20_PUMD20_15 Datasheet
65Kb / 10P
   NPN/PNP resistor-equipped transistors R1 = 2.2 kW, R2 = 2.2 kW
Rev. 01-2 May 2005
PDTA123T NXP-PDTA123T Datasheet
83Kb / 10P
   PNP resistor-equipped transistors; R1 = 2.2 kW, R2 = open
Rev. 02-3 September 2009
logo
Nexperia B.V. All right...
PEMD20 NEXPERIA-PEMD20_V01 Datasheet
64Kb / 10P
   NPN/PNP resistor-equipped transistors; R1 = 2.2 kW, R2 = 2.2 kW
Rev. 01 - 2 May 2005
logo
NXP Semiconductors
PEMD30 NXP-PEMD30 Datasheet
84Kb / 11P
   NPN/PNP double resistor-equipped transistors R1 = 2.2 kW, R2 = open
Rev. 01-31 March 2006
logo
Nexperia B.V. All right...
PEMD30 NEXPERIA-PEMD30_V01 Datasheet
83Kb / 11P
   NPN/PNP double resistor-equipped transistors; R1 = 2.2 kW, R2 = open
Rev. 01 - 31 March 2006
PDTC114T_SER NEXPERIA-PDTC114T_SER Datasheet
586Kb / 11P
   NPN resistor-equipped transistors; R1 = 10 kW, R2 = open
Rev. 08 - 9 February 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com