Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SML-012PT(A) Datasheet(PDF) 6 Page - Rohm

Part # SML-012PT(A)
Description  SML-01 series
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SML-012PT(A) Datasheet(HTML) 6 Page - Rohm

Back Button SML-012PT(A) Datasheet HTML 2Page - Rohm SML-012PT(A) Datasheet HTML 3Page - Rohm SML-012PT(A) Datasheet HTML 4Page - Rohm SML-012PT(A) Datasheet HTML 5Page - Rohm SML-012PT(A) Datasheet HTML 6Page - Rohm SML-012PT(A) Datasheet HTML 7Page - Rohm SML-012PT(A) Datasheet HTML 8Page - Rohm SML-012PT(A) Datasheet HTML 9Page - Rohm SML-012PT(A) Datasheet HTML 10Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
www.rohm.com
© 2013 ROHM Co., Ltd. All rights reserved.
Data Sheet
SML-01 series
lViewing Angle
lRank Reference of Brightness
SML-01 series
SCANNING ANGLE (deg)
RELATIVE INTENSITY
Sames for
both directions
Red(V,U)
(Ta=25ºC, IF=20mA)
Rank
J
K
L
M
N
P
Q
R
S
T
U
V
W
X
Iv (mcd)
2.5 to 4.0 4.0 to 6.3 6.3 to 10 10 to 16
16 to 25
25 to 40
40 to 63 63 to 100 100 to 160 160 to 250 250 to 400 400 to 630 630 to 1000 1000 to 1600
SML-012V8T
SML-013UT
SML-012U8T
SML-012UT
SML-011UT
*
Brightness on specification sheet include tolerance of within10%.
(Ta=25ºC, IF=20mA)
Rank
AG
AH
AJ
AK
AL
AM
AN
AP
AQ
AR
AS
AT
AU
AV
AW
AX
AY
AZ
Iv (mcd)
9.0 to 11.2 11.2 to 14 14 to 18 18 to 22.4 22.4 to 28 28 to 35.5 35.5 to 45 45 to 56
56 to 71
71 to 90 90 to 112 112 to 140 140 to 180 180 to 224 224 to 280 280 to 355 355 to 450 450 to 560
SML-012VT(A)
*
Please note that the brightness of some products mayfall between ranks (half rank)
Orange(D)
(Ta=25ºC, IF=20mA)
Rank
J
K
L
M
N
P
Q
R
S
T
U
V
W
X
Iv (mcd)
2.5 to 4.0 4.0 to 6.3 6.3 to 10 10 to 16
16 to 25
25 to 40
40 to 63 63 to 100 100 to 160 160 to 250 250 to 400 400 to 630 630 to 1000 1000 to 1600
SML-011DT
SML-012D8T
SML-012DT
*
Brightness on specification sheet include tolerance of within10%.
Yellow(Y)
(Ta=25ºC, IF=20mA)
Rank
J
K
L
M
N
P
Q
R
S
T
U
V
W
X
Iv (mcd)
2.5 to 4.0 4.0 to 6.3 6.3 to 10 10 to 16
16 to 25
25 to 40
40 to 63 63 to 100 100 to 160 160 to 250 250 to 400 400 to 630 630 to 1000 1000 to 1600
SML-011YT
SML-012Y8T
SML-012YT
SML-013YT
*
Brightness on specification sheet include tolerance of within10%.
Green(M,P)
(Ta=25ºC, IF=20mA)
Rank
J
K
L
M
N
P
Q
R
S
T
U
V
W
X
Iv (mcd)
2.5 to 4.0 4.0 to 6.3 6.3 to 10 10 to 16
16 to 25
25 to 40
40 to 63 63 to 100 100 to 160 160 to 250 250 to 400 400 to 630 630 to 1000 1000 to 1600
SML-012M8T
SML-012P8T
*
Brightness on specification sheet include tolerance of within10%.
(Ta=25ºC, IF=20mA)
Rank
AG
AH
AJ
AK
AL
AM
AN
AP
AQ
AR
AS
AT
AU
AV
AW
AX
AY
AZ
Iv (mcd)
9.0 to 11.2 11.2 to 14 14 to 18 18 to 22.4 22.4 to 28 28 to 35.5 35.5 to 45 45 to 56
56 to 71
71 to 90 90 to 112 112 to 140 140 to 180 180 to 224 224 to 280 280 to 355 355 to 450 450 to 560
SML-012PT(A)
*
Please note that the brightness of some products mayfall between ranks (half rank)
6/9
2013.08 - Rev.C


Similar Part No. - SML-012PT(A)

ManufacturerPart #DatasheetDescription
logo
Rohm
SML-012PT(A) ROHM-SML-012PT(A) Datasheet
1Mb / 5P
   Reflector improved the concentration of viewing angle and luminous intensity to the front direction
More results

Similar Description - SML-012PT(A)

ManufacturerPart #DatasheetDescription
logo
Rohm
SML-012VT ROHM-SML-012VT Datasheet
148Kb / 3P
   SML-01 Series Reflector improved the concentration of viewing angle
SML-211UTT86K ROHM-SML-211UTT86K Datasheet
116Kb / 3P
   SML-211 Series
SML-311DTT86K ROHM-SML-311DTT86K Datasheet
1Mb / 4P
   SML-31 series
SML-11 ROHM-SML-11 Datasheet
110Kb / 3P
   SML-11 Series
SML-P24MUWT86 ROHM-SML-P24MUWT86 Datasheet
419Kb / 7P
   SML-P24 series
SML-P12VTT86 ROHM-SML-P12VTT86 Datasheet
644Kb / 9P
   SML-P1 series
SML-21 ROHM-SML-21 Datasheet
136Kb / 3P
   SML-21 Series
logo
Hamamatsu Corporation
S11155-2048-01 HAMAMATSU-S11155-2048-01 Datasheet
468Kb / 8P
   S11155-2048-01 S11156-2048-01
logo
Renesas Technology Corp
ICS8725B-01 RENESAS-ICS8725B-01 Datasheet
873Kb / 20P
   ICS8725B-01
JULY 16, 2009
logo
Rohm
SML-811X ROHM-SML-811X Datasheet
993Kb / 13P
   SML-811x/812x/813x Series
2022.2 - Rev.015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com