Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS166-300 Datasheet(PDF) 1 Page - Alpha Industries

Part # AS166-300
Description  PHEMT GaAs IC High Power SP4T Switch 0.1-2.5 GHz
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHA [Alpha Industries]
Direct Link  http://www.alphaind.com
Logo ALPHA - Alpha Industries

AS166-300 Datasheet(HTML) 1 Page - Alpha Industries

  AS166-300 Datasheet HTML 1Page - Alpha Industries AS166-300 Datasheet HTML 2Page - Alpha Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Alpha Industries, Inc. [781] 935-5150
• Fax [617] 824-4579 • Email sales@alphaind.com • www.alphaind.com
1
Specifications subject to change without notice. 1/01A
PHEMT GaAs IC High Power
SP4T Switch 0.1–2.5 GHz
Features
s 2 TX Paths and 2 RX Paths
s Positive Voltage Control
s High IP3
s Excellent Harmonic Performance
s Handles GSM Power Levels
s Available in MLF-16 (4 x 4 mm) Package
MLF-16 (4 x 4 mm)
AS166-300
12˚
MAX.
0.148
(3.75 mm)
BSC
PIN 1
INDICATOR
16
1
2
3
0.157
(4.00 mm)
BSC
0.157 (4.00 mm) BSC
0.148
(3.75 mm)
BSC
SEATING
PLANE
0.001
(0.025 mm)
± 0.001
(0.025 mm)
0.039 (1.00 mm) MAX.
0.067 (1.70 mm)
± 0.006 (0.15 mm)
16
0.026 (0.65 mm) BSC
0.078 (1.95 mm) REF.
1
2
0.078
(1.95 mm) REF.
3
0.067 (1.70 mm)
± 0.006 (0.15 mm)
Description
The AS166-300 is a reflective SP4T switch. It is an ideal
switch for higher power applications. It can be used for
GSM dual band handset applications where both low loss,
low current and small size are critical parameters.
Parameter
Frequency
Min.
Typ.
Max.
Unit
Insertion Loss
TX-Ant
0.1–0.5 GHz
0.55
0.75
dB
0.5–1.0 GHz
0.55
0.75
dB
1.0–2.0 GHz
0.80
1.00
dB
2.0–2.5 GHz
1.00
1.20
dB
RX-Ant
0.1–0.5 GHz
0.75
0.95
dB
0.5–1.0 GHz
0.80
1.00
dB
1.0–2.0 GHz
1.20
1.40
dB
2.0–2.5 GHz
1.40
1.60
dB
Isolation
TX-Ant
0.1–0.5 GHz
20
22
dB
0.5–1.0 GHz
17
20
dB
1.0–2.0 GHz
14
16
dB
2.0–2.5 GHz
13
14.5
dB
RX-Ant
0.1–0.5 GHz
24
26
dB
0.5–1.0 GHz
23
25
dB
1.0–2.0 GHz
21
23
dB
2.0–2.5 GHz
21
23
dB
VSWR
0.1–1.0 GHz
1.4:1
1.0–2.0 GHz
1.5:1
2.0–2.5 GHz
1.55:1
Electrical Specifications at 25°C (0, +3 V)
Parameter
Condition
Frequency
Min.
Typ.
Max.
Unit
Switching Characteristics
Rise, Fall (10/90% or 90/10% RF)
50
ns
On, Off (50% CTL to 90/10% RF)
100
ns
Video Feedthru
50
mV
IP3
13 dBm/Tone
+55
dBm
2nd Harmonic
34 dBm Input 900 MHz
65
70
dBc
3rd Harmonic
34 dBm Input 900 MHz
55
65
dBc
Control Voltages
VLow = 0
VHigh = 2.7 to 5 V @ 100 µA Max.
Operating Characteristics at 25°C (0, +3 V)


Similar Part No. - AS166-300

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
AS160-86 ALPHA-AS160-86 Datasheet
50Kb / 3P
   PHEMT GaAs IC Transmit/Dual Receive Switch With Diversity Antennas 0.5-2 GHz
logo
Power-One
AS1601-7R POWER-ONE-AS1601-7R Datasheet
147Kb / 4P
   100 Watt DC-DC Converters
logo
Kinetic Technologies.
AS1602 KINETIC-AS1602 Datasheet
159Kb / 2P
   Dual Channel Active EMI & ESD Suppressor for
March 2022 - Revision 04d
logo
Austin Semiconductor
AS161 AUSTIN-AS161 Datasheet
757Kb / 8P
   High Speed Differential Comparator
AS161C014/MIL AUSTIN-AS161C014/MIL Datasheet
757Kb / 8P
   High Speed Differential Comparator
More results

Similar Description - AS166-300

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
AS192-300 ALPHA-AS192-300 Datasheet
28Kb / 2P
   PHEMT GaAs IC High Power SP4T Switch 0.1-2.5 GHz
logo
Skyworks Solutions Inc.
AS221-306 SKYWORKS-AS221-306 Datasheet
65Kb / 2P
   PHEMT GaAs IC High Power SP4T Switch 0.1 - 2.5 GHz
AS221-306 SKYWORKS-AS221-306_06 Datasheet
246Kb / 4P
   PHEMT GaAs IC High-Power SP4T Switch 0.1-2.5 GHz
AS192-000 SKYWORKS-AS192-000 Datasheet
181Kb / 4P
   PHEMT GaAs IC High-Power SP4T Switch 0.1-2.5 GHz
AS192-306 SKYWORKS-AS192-306 Datasheet
43Kb / 2P
   PHEMT GaAs IC High Power SP4T Switch 0.1-2.5 GHz
AS197-306LF SKYWORKS-AS197-306LF Datasheet
364Kb / 5P
   PHEMT GaAs IC High-Power SP2T and SP3T Switch 0.1-2.5 GHz
AS213-92 SKYWORKS-AS213-92_08 Datasheet
240Kb / 4P
   PHEMT GaAs IC SPDT Switch 0.1?? GHz
AS195-306 SKYWORKS-AS195-306 Datasheet
216Kb / 4P
   PHEMT GaAs IC High-Power SP5T Switch 0.1-2 GHz
AS218-000 SKYWORKS-AS218-000 Datasheet
129Kb / 4P
   PHEMT GaAs IC High-Power Transfer Switch 0.1-6 GHz
logo
Alpha Industries
AS195-306 ALPHA-AS195-306 Datasheet
419Kb / 2P
   PHEMT GaAs IC High Power SP5T Switch 0.1-2 GHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com