Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP4690GSD Datasheet(PDF) 9 Page - Monolithic Power Systems

Part # MP4690GSD
Description  Smart Bypass For LED Open Protection
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4690GSD Datasheet(HTML) 9 Page - Monolithic Power Systems

Back Button MP4690GSD Datasheet HTML 3Page - Monolithic Power Systems MP4690GSD Datasheet HTML 4Page - Monolithic Power Systems MP4690GSD Datasheet HTML 5Page - Monolithic Power Systems MP4690GSD Datasheet HTML 6Page - Monolithic Power Systems MP4690GSD Datasheet HTML 7Page - Monolithic Power Systems MP4690GSD Datasheet HTML 8Page - Monolithic Power Systems MP4690GSD Datasheet HTML 9Page - Monolithic Power Systems MP4690GSD Datasheet HTML 10Page - Monolithic Power Systems MP4690GSD Datasheet HTML 11Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
MP4690 – SMART BYPASS FOR LED OPEN PROTECTION
MP4690 Rev. 1.0
www.MonolithicPower.com
9
7/7/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
Figure 5 PCB Layout
The high current path (LED1 Anode, U1 Drain,
U1 Source, LED1 Cathode) should be placed
very close to the device with short, direct and
wide trace. U1 should be placed as close as
possible to the protected LED.
LED Dimming
MP4690 also work well with various brightness
control methods for LEDs. The brightness of
LEDs is best controlled by pulse width
modulation (PWM) with the switching frequency
typically between 100Hz and 1kHz. Dimming
via DC current can cause unwanted color shifts.
Either way, MP4690 will not interfere with the
dimming strategy employed.


Similar Part No. - MP4690GSD

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP4600 MPS-MP4600 Datasheet
227Kb / 8P
   High-Voltage WLED Driver For Large Panel TV Backlighting
MP4600DQ MPS-MP4600DQ Datasheet
227Kb / 8P
   High-Voltage WLED Driver For Large Panel TV Backlighting
MP4601 MPS-MP4601 Datasheet
447Kb / 16P
   White LED Driver For Large Size TV Backlighting
MP4601EF MPS-MP4601EF Datasheet
447Kb / 16P
   White LED Driver For Large Size TV Backlighting
MP4601EF MPS-MP4601EF Datasheet
222Kb / 6P
   Buck-Boost White LED Driver For TV Backlighting Applications
More results

Similar Description - MP4690GSD

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV4690GSD-00A MPS-EV4690GSD-00A Datasheet
132Kb / 4P
   Smart Bypass For LED Open Protection
logo
STMicroelectronics
LBP01-0810B STMICROELECTRONICS-LBP01-0810B Datasheet
225Kb / 8P
   LED bypass protection
LBP01-0803SC5 STMICROELECTRONICS-LBP01-0803SC5 Datasheet
225Kb / 8P
   LED bypass protection
logo
Texas Instruments
SM74611 TI-SM74611 Datasheet
709Kb / 11P
[Old version datasheet]   Smart Bypass Diode
logo
Unisonic Technologies
L4120G-AB5-R UTC-L4120G-AB5-R Datasheet
167Kb / 4P
   LED open-circuit protection
logo
STMicroelectronics
STEVAL-ILL026V1 STMICROELECTRONICS-STEVAL-ILL026V1 Datasheet
145Kb / 4P
   LED open circuit protection
December 2009 Rev 2
logo
Laird Tech Smart Techno...
WL-5000 LSTD-WL-5000 Datasheet
1,011Kb / 3P
   Bypass Valve Protection
logo
ON Semiconductor
MC33565 ONSEMI-MC33565 Datasheet
88Kb / 8P
   200 mA INTELLIGENT LDO REGULATOR WITH SMART BYPASS CONTROL
Rev 0, 6/99
logo
Texas Instruments
LM3466 TI1-LM3466_12 Datasheet
283Kb / 13P
[Old version datasheet]   Smart Linear LED Driver for Multi-Channel LED Systems
February 2, 2012
logo
Monolithic Power System...
MP3204 MPS-MP3204 Datasheet
267Kb / 8P
   1.3MHz Fixed Frequency 5 White LED Driver with Open LED Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com