Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PZU8.2DB2 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PZU8.2DB2
Description  Dual Zener diodes
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PZU8.2DB2 Datasheet(HTML) 4 Page - NXP Semiconductors

  PZU8.2DB2 Datasheet HTML 1Page - NXP Semiconductors PZU8.2DB2 Datasheet HTML 2Page - NXP Semiconductors PZU8.2DB2 Datasheet HTML 3Page - NXP Semiconductors PZU8.2DB2 Datasheet HTML 4Page - NXP Semiconductors PZU8.2DB2 Datasheet HTML 5Page - NXP Semiconductors PZU8.2DB2 Datasheet HTML 6Page - NXP Semiconductors PZU8.2DB2 Datasheet HTML 7Page - NXP Semiconductors PZU8.2DB2 Datasheet HTML 8Page - NXP Semiconductors PZU8.2DB2 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
PZUXDB2_SER_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 31 March 2008
4 of 12
NXP Semiconductors
PZUxDB2 series
Dual Zener diodes
6.
Thermal characteristics
[1]
Device mounted on an FR4 PCB, single-sided copper, tin-plated and standard footprint.
[2]
Device mounted on an FR4 PCB, single-sided copper, tin-plated, mounting pad for cathode 1 cm2.
[3]
Soldering points at pin 4 and pin 5.
7.
Characteristics
[1]
Pulse test: tp ≤ 300 µs; δ≤ 0.02.
Table 6.
Thermal characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Per device
Rth(j-a)
thermal resistance from
junction to ambient
in free air
[1] -
-
500
K/W
[2] -
-
455
K/W
Rth(j-sp)
thermal resistance from
junction to solder point
[3] -
-
200
K/W
Table 7.
Characteristics
Tj =25 °C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Per diode
VF
forward voltage
[1]
IF = 10 mA
-
-
0.9
V
IF = 100 mA
-
-
1.1
V
Table 8.
Characteristics per type; PZU2.7DB2 to PZU24DB2 and PZU2.7DB2/DG to PZU24DB2/DG
Tj =25 °C unless otherwise specified.
PZUxDB2
PZUxDB2/DG
Working
voltage
VZ (V)
Differential resistance
rdif (Ω)
Reverse
current
IR (µA)
Temperature
coefficient
SZ (mV/K)
Diode
capacitance
Cd (pF)[1]
Non-repetitive
peak reverse
current
IZSM (A)[2]
IZ =5mA
IZ = 0.5 mA IZ =5mA
IZ =5mA
Min
Max
Max
Max
Max
VR (V) Typ
Max
Max
2.7
2.65
2.9
1000
100
20
1
−2.0
440
8
3.0
2.95
3.2
1000
95
10
1
−2.1
425
8
3.3
3.25
3.5
1000
95
5
1
−2.4
410
8
3.6
3.55
3.8
1000
90
5
1
−2.4
390
8
3.9
3.87
4.1
1000
90
3
1
−2.5
370
8
4.3
4.15
4.34
1000
90
3
1
−2.5
350
8
4.7
4.55
4.75
800
80
2
1
−1.4
325
8
5.1
4.98
5.2
250
60
2
1.5
0.3
300
5.5
5.6
5.49
5.73
100
40
1
2.5
1.9
275
5.5
6.2
6.06
6.33
80
30
0.5
3
2.7
250
5.5
6.8
6.65
6.93
60
20
0.5
3.5
3.4
215
5.5
7.5
7.28
7.6
60
10
0.5
4
4.0
170
3.5


Similar Part No. - PZU8.2DB2

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PZU8.2DB2 NXP-PZU8.2DB2 Datasheet
124Kb / 12P
   Dual Zener diodes
Rev. 01-31 March 2008
PZU8.2DB2 NXP-PZU8.2DB2 Datasheet
124Kb / 12P
   Dual Zener diodes
Rev. 01-31 March 2008
logo
Nexperia B.V. All right...
PZU8.2DB2 NEXPERIA-PZU8.2DB2 Datasheet
238Kb / 13P
   Dual Zener diodes
Rev. 01 - 31 March 2008
logo
NXP Semiconductors
PZU8.2DB2/DG NXP-PZU8.2DB2/DG Datasheet
124Kb / 12P
   Dual Zener diodes
Rev. 01-31 March 2008
PZU8.2DB2/DG NXP-PZU8.2DB2/DG Datasheet
124Kb / 12P
   Dual Zener diodes
Rev. 01-31 March 2008
More results

Similar Description - PZU8.2DB2

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PZUXDB2 NXP-PZUXDB2 Datasheet
124Kb / 12P
   Dual Zener diodes
Rev. 01-31 March 2008
BZB84-C20 NXP-BZB84-C20 Datasheet
90Kb / 14P
   Dual Zener diodes
Rev. 03-9 June 2009
PZU10DB2 NXP-PZU10DB2 Datasheet
124Kb / 12P
   Dual Zener diodes
Rev. 01-31 March 2008
logo
Nexperia B.V. All right...
BZB84_SER NEXPERIA-BZB84_SER Datasheet
2Mb / 14P
   Dual Zener diodes
Rev. 03 - 9 June 2009
logo
NXP Semiconductors
BZB84 NXP-BZB84 Datasheet
90Kb / 14P
   Dual Zener diodes
Rev. 03-9 June 2009
logo
General Semiconductor
AZ23-C2V7 GE-AZ23-C2V7 Datasheet
387Kb / 8P
   DUAL ZENER DIODES
logo
Nexperia B.V. All right...
PZUXDB2_SER NEXPERIA-PZUXDB2_SER Datasheet
238Kb / 13P
   Dual Zener diodes
Rev. 01 - 31 March 2008
logo
NXP Semiconductors
PZU7.5DB2 NXP-PZU7.5DB2 Datasheet
124Kb / 12P
   Dual Zener diodes
Rev. 01-31 March 2008
BZB84-B3V0 NXP-BZB84-B3V0 Datasheet
90Kb / 14P
   Dual Zener diodes
Rev. 03-9 June 2009
CD74ACT573M NXP-CD74ACT573M Datasheet
90Kb / 14P
   Dual Zener diodes
Rev. 03-9 June 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com