Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP5010BDQ Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP5010BDQ
Description  3V-18V, 1A-5A Programmable-Current- Limit Switch with Over-Voltage Clamp
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5010BDQ Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP5010BDQ Datasheet HTML 1Page - Monolithic Power Systems MP5010BDQ Datasheet HTML 2Page - Monolithic Power Systems MP5010BDQ Datasheet HTML 3Page - Monolithic Power Systems MP5010BDQ Datasheet HTML 4Page - Monolithic Power Systems MP5010BDQ Datasheet HTML 5Page - Monolithic Power Systems MP5010BDQ Datasheet HTML 6Page - Monolithic Power Systems MP5010BDQ Datasheet HTML 7Page - Monolithic Power Systems MP5010BDQ Datasheet HTML 8Page - Monolithic Power Systems MP5010BDQ Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
MP5010B
3V-18V, 1A-5A Programmable-Current-
Limit Switch with Over-Voltage Clamp
MP5010B Rev. 1.0
www.MonolithicPower.com
1
4/3/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP5010B is a protection device designed to
protect circuitry on the output (source) from
transients on the input (VCC). It also protects the
input from undesired shorts and transients
coming from the source.
A small capacitor on the dv/dt pin controls the
slew rate that limit the inrush current at the
source. For instance, a 1nF capacitor results in a
source ramp-up time of 3ms.
The maximum load at the source is current
limited using a sense FET topology. An external
resistor between the I-Limit pin and the Source
pins controls the magnitude of the current limit.
An internal charge pump drives the gate of the
power device, allowing the DMOS power FET to
have a very low ON-resistance of just 40mΩ.
The MP5010B also protects the source from the
input being too low or too high. Under-voltage
lockout ensures that the input remains above the
minimum operating threshold before the power
device turns on. If the input rises above the high
output threshold, the MP5010B limits the source
voltage.
FEATURES
• Wide 3V-to-18V Operating Input Range
• 5.7V Output Over-Voltage Clamp
• Integrated 40mΩ Power FET
• Enable/Fault Pin
• Adjustable Output Voltage Slew Rate
• Adjustable Current Limit
• Thermal Protection
APPLICATIONS
• Hot-Swappable Devices
• Wireless Modem Data Cards
• PC Cards
• Laptops
TYPICAL APPLICATION
MP5010B
Enable/Fault
Source
Source
Source
Source
Source
VCC
dv/dt
GND
5
11
6
7
8
9
10
4
3
2
1
VIN
VOUT
EN
N/C
I-Limit
All MPS parts are lead-free and adhere to the RoHS directive. For MPS green
status, please visit MPS website under Products, Quality Assurance page.
“MPS” and “The Future of Analog IC Technology” are Registered Trademarks
of Monolithic Power Systems, Inc.


Similar Part No. - MP5010BDQ

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MP5010 MCC-MP5010 Datasheet
77Kb / 2P
   50 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
logo
CHENG-YI ELECTRONIC CO....
MP5010 CHENG-YI-MP5010 Datasheet
147Kb / 2P
   SINGLE-PHASE SILICON BRIDGE
logo
RFE international
MP5010 RFE-MP5010 Datasheet
508Kb / 2P
   BRIDGE RECTIFIERS 35 to 50 Amps
logo
Micro Commercial Compon...
MP5010 MCC-MP5010 Datasheet
199Kb / 3P
   50 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
logo
Leshan Radio Company
MP5010 LRC-MP5010 Datasheet
193Kb / 3P
   High Current Glass Passivated Molding Single-Phase Bridge Rectifier
More results

Similar Description - MP5010BDQ

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP5010A MPS-MP5010A Datasheet
808Kb / 15P
   3V-18V, 1A-5A Programmable-Current- Limit Switch with Over-Voltage Clamp
logo
Littelfuse
LS1205EXD33 LITTELFUSE-LS1205EXD33 Datasheet
1Mb / 10P
   18V, 5A eFuse with Programmable Current Limit and Output Voltage Clamp
GD. 09/20/22
logo
Monolithic Power System...
MP5018 MPS-MP5018 Datasheet
563Kb / 15P
   5V, 1A-5A Current Limit Switch with Reverse Current Blocking and Output Over-voltage Clamp
MP5017 MPS-MP5017 Datasheet
735Kb / 17P
   3V-.5.5V, 1A ??5A Current Limit Switch with Over-Voltage Clamp and Reverse Blocking in 2mmx3mm QFN Package
MP5007 MPS-MP5007 Datasheet
586Kb / 11P
   5V, 1A- 5A Programmable Current Limit Switch
MP5010S MPS-MP5010S Datasheet
782Kb / 13P
   5V, 1A- 5A Programmable Current Limit Switch
MP5010 MPS-MP5010 Datasheet
978Kb / 12P
   5V, 1A- 5A Programmable Current Limit Switch
MP5001 MPS-MP5001 Datasheet
737Kb / 12P
   5V, 1A- 5A Programmable Current Limit Switch
MP5011 MPS-MP5011 Datasheet
833Kb / 12P
   12V, 5A Switch with Programmable Current Limit
MP5016 MPS-MP5016 Datasheet
1Mb / 16P
   2.7 - 15V, 0.7 - 5A, Current Limit Switch with Over-Voltage Clamp and Reverse Blocking
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com