Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP5121 Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP5121
Description  High Speed, Rail-to-Rail Input-Output, and Single-Supply Op Amps
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5121 Datasheet(HTML) 6 Page - Monolithic Power Systems

Back Button MP5121 Datasheet HTML 2Page - Monolithic Power Systems MP5121 Datasheet HTML 3Page - Monolithic Power Systems MP5121 Datasheet HTML 4Page - Monolithic Power Systems MP5121 Datasheet HTML 5Page - Monolithic Power Systems MP5121 Datasheet HTML 6Page - Monolithic Power Systems MP5121 Datasheet HTML 7Page - Monolithic Power Systems MP5121 Datasheet HTML 8Page - Monolithic Power Systems MP5121 Datasheet HTML 9Page - Monolithic Power Systems MP5121 Datasheet HTML 10Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
MP5121_MP5221_MP5421 –High Speed, single-supply Rail-to-Rail Input-Output Op Amps
MP5121_MP5221_MP5421 Rev. 0.91
www.MonolithicPower.com
6
12/9/2009
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2009 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS (continued)
VS = 20V, VCM = 10V, VOUT = 10V, RL = 10kΩ and CL = 10pF, TA = 25°C, unless otherwise noted.
Parameter
Symbol
Condition
Min
Typ
Max Units
INPUT CHARACTERISTICS
Input Offset Voltage
VOS
2
20
mV
Average Offset Voltage
Drift
TCVOS
5
µ/°C
Input Bias Current
IB
0.5
2
µA
Input Impedance
RIN
1
GΩ
Input Capacitance
CIN
1.35
pF
Common-Mode
Input
Range
CMIR
±8
V
Common-Mode
Rejection Ratio
CMRR
for VIN from -8V to +8V
60
85
dB
Open Loop Gain
AVOL
-9V ≤ VOUT ≤ +9V
50
60
dB
OUTPUT CHARACTERISTICS
Output Swing Low
VOL
IL = -5mA
-4.95
V
Output Swing High
VOH
IL = -5mA
4.82
V
Short Circuit Current
ISC
Sourcing
70
mA
POWER SUPPLY PERFORMANCE
Power Supply Rejection
Ratio
PSRR
VS is moved from ±2.25V to
±7.75V
70
95
dB
Supply
Current
(Per
Amplifier)
IS
No load
1.6
mA
DYNAMIC PERFORMANCE
Slew Rate
SR
-4.0V ≤ VOUT ≤ +4.0V, 20%
to 80%
45
V/µs
Settling to +0.1% (AV =
+1)
tS
(AV = +1), VO = 2V step
500
ns
-3dB Bandwidth
BW
RL = 10kΩ, CL = 10pF
20
MHz
Gain-Bandwidth
Product
GBWP
RL = 10kΩ, CL = 10pF
14
MHz
Phase Margin
PM
RL = 10kΩ, CL = 10pF
50
Channel Separation
CS
f = 5MHz (MP5221 &
MP5421 only)
70
dB


Similar Part No. - MP5121

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP5120 MPS-MP5120 Datasheet
470Kb / 10P
   High Speed, /-9V, Rail-to-Rail Input-Output Op Amps
MP5120DJ MPS-MP5120DJ Datasheet
470Kb / 10P
   High Speed, /-9V, Rail-to-Rail Input-Output Op Amps
More results

Similar Description - MP5121

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP291 AD-OP291_15 Datasheet
562Kb / 24P
   Micropower Single-Supply Rail-to-Rail Input/Output Op Amps
OP191 AD-OP191_06 Datasheet
605Kb / 24P
   Micropower Single-Supply Rail-to-Rail Input/Output Op Amps
Rev. D
OP191 AD-OP191_15 Datasheet
562Kb / 24P
   Micropower Single-Supply Rail-to-Rail Input/Output Op Amps
OP491 AD-OP491_15 Datasheet
562Kb / 24P
   Micropower Single-Supply Rail-to-Rail Input/Output Op Amps
OP191 AD-OP191 Datasheet
479Kb / 20P
   Micropower Single-Supply Rail-to-Rail Input/Output Op Amps
REV. 0
logo
Monolithic Power System...
MP5120 MPS-MP5120 Datasheet
470Kb / 10P
   High Speed, /-9V, Rail-to-Rail Input-Output Op Amps
logo
Linear Technology
LT1218 LINER-LT1218_15 Datasheet
327Kb / 16P
   Precision Rail-to-Rail Input and Output Op Amps
LT1218 LINER-LT1218 Datasheet
375Kb / 16P
   Precision Rail-to-Rail Input and Output Op Amps
LT1219 LINER-LT1219_15 Datasheet
327Kb / 16P
   Precision Rail-to-Rail Input and Output Op Amps
logo
Intersil Corporation
ISL28276 INTERSIL-ISL28276 Datasheet
530Kb / 12P
   Dual Precision Micropower Single Supply Rail-to-Rail Input and Output Precision Op-Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com