Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS176-59 Datasheet(PDF) 1 Page - Alpha Industries

Part # AS176-59
Description  GaAs IC High Isolation Positive Control SPDT Switch DC-3.0 GHz
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHA [Alpha Industries]
Direct Link  http://www.alphaind.com
Logo ALPHA - Alpha Industries

AS176-59 Datasheet(HTML) 1 Page - Alpha Industries

  AS176-59 Datasheet HTML 1Page - Alpha Industries AS176-59 Datasheet HTML 2Page - Alpha Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Alpha Industries, Inc. [781] 935-5150
• Fax [617] 824-4579 • Email sales@alphaind.com • www.alphaind.com
1
Specifications subject to change without notice. 10/99A
GaAs IC High Isolation Positive Control
SPDT Switch DC–3.0 GHz
AS176-59
Preliminary
Features
I Positive Voltage Control (0/+3 to +5 V)
I High Isolation (50 dB @ 0.9, 1.9 GHz)5
I Low DC Power Consumption
I Ideal for Cellular, GSM, DCS,PCS, 3G and
2.4 GHz ISM Applications
MSOP-8
Description
The AS176-59 is a GaAs FET IC SPDT switch packaged
in a MSOP-8 plastic package for low cost, high isolation
commercial applications. Ideal building block for base
station dual band applications where synthesizer isolation
is critical. Use in conjunction with the AS165-59 SPST
switch to meet GSM synthesizer isolation requirements.
Parameter1
Condition
Frequency2
Min.
Typ.
Max.
Unit
Insertion Loss3
DC–1.0 GHz
0.7
0.9
dB
DC–2.0 GHz
0.8
1.0
dB
DC–2.5 GHz
0.8
1.1
dB
DC–3.0 GHz
0.9
1.2
dB
Isolation4
J1–J2/J1–J3
DC–1.0 GHz
45/50
50/55
dB
J1–J2/J1–J3
DC–2.0 GHz
41/38
45/42
dB
DC–2.5 GHz
29
34
dB
DC–3.0 GHz
22
27
dB
Isolation5
J1–J2/J1–J3
DC–1.0 GHz
45/50
50/55
dB
DC–2.0 GHz
47
52
dB
DC–2.5 GHz
36
40
dB
DC–3.0 GHz
30
35
dB
VSWR6
DC–2.0 GHz
1.3:1
1.5:1
DC–3.0 GHz
1.5:1
1.8:1
Electrical Specifications at 25°C (0, +3 V), (0, +5 V)
0.012 (0.30 mm)
PIN 1
PIN 1
INDICATOR
+ 0.006 (0.15 mm)
7.0˚
TYP.
0.038 (0.95 mm)
0.030 (0.75 mm)
0.017
(0.43 mm)
8.0˚
MAX.
0.028 (0.70 mm)
0.016 (0.40 mm)
0.007 (0.18 mm)
± 0.005 (0.12 mm)
0.006 (0.15 mm)
0.002 (0.05 mm)
- 0.002 (0.05 mm)
0.0256 (0.65 mm) TYP.
0.118 (3.00 mm)
± 0.004 (0.1 mm)
SQ.
0.193 (4.90 mm)
REF.
Parameter
Condition
Frequency
Min.
Typ.
Max.
Unit
Switching Characteristics7
Rise, Fall (10/90% or 90/10% RF)
60
ns
On, Off (50% CTL to 90/10% RF)
100
ns
Video Feedthru
50
mV
Intermodulation Intercept Point (IP3)
Two-tone Input Power +5 dBm
+3 V
0.5–3.0 GHz
+41
dBm
+5 V
0.5–3.0 GHz
+45
dBm
Control Voltages
VLow = 0 to 0.2 V @ 20 µA Max.
VHigh = +3 V @ 100 µA Max. to +5 V @ 200 µA Max.
VS = VHigh ± 0.2 V
Operating Characteristics at 25°C (0, +5 V)
1. All measurements made in a 50
Ω system, unless otherwise specified.
2. DC = 300 kHz.
3. Insertion loss changes by 0.003 dB/°C.
4. Pin 4: N/C.
5. Pin 4: GND.
6. Insertion loss state.
7. Video feedthru measured with 1 ns risetime pulse and 500 MHz bandwidth.


Similar Part No. - AS176-59

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
AS176-59 SKYWORKS-AS176-59 Datasheet
116Kb / 4P
   GaAs IC High-Isolation Positive Control SPDT Switch 300 kHz-3 GHz
AS176-59LF SKYWORKS-AS176-59LF Datasheet
116Kb / 4P
   GaAs IC High-Isolation Positive Control SPDT Switch 300 kHz-3 GHz
More results

Similar Description - AS176-59

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
AS177-86 ALPHA-AS177-86 Datasheet
50Kb / 2P
   GaAs IC High Isolation Positive Control SPDT Switch DC-3.0 GHz
AS118-12 ALPHA-AS118-12 Datasheet
23Kb / 2P
   GaAs IC High Isolation Positive Control SPDT Switch DC-2.5 GHz
AS148-24 ALPHA-AS148-24 Datasheet
25Kb / 2P
   GaAs IC High Isolation Positive Control SPDT Switch DC-2.5 GHz
AS164-80 ALPHA-AS164-80 Datasheet
55Kb / 2P
   GaAs IC High Isolation Positive Control SPDT Switch DC-2.5 GHz
logo
Skyworks Solutions Inc.
AS177-86 SKYWORKS-AS177-86 Datasheet
123Kb / 4P
   GaAs IC High-Isolation Positive Control SPDT Switch 300 kHz-3.0 GHz
logo
Alpha Industries
AS186-302 ALPHA-AS186-302 Datasheet
122Kb / 3P
   GaAs IC High Isolation Positive Control SPDT Non-Reflective Switch DC-4.0 GHz
logo
Skyworks Solutions Inc.
AS176-59 SKYWORKS-AS176-59 Datasheet
116Kb / 4P
   GaAs IC High-Isolation Positive Control SPDT Switch 300 kHz-3 GHz
AS186-302 SKYWORKS-AS186-302 Datasheet
241Kb / 5P
   GaAs IC High-Isolation Positive Control SPDT Nonreflective Switch LF-4 GHz
logo
Alpha Industries
AS139-73 ALPHA-AS139-73 Datasheet
23Kb / 2P
   GaAs IC High Linearity Positive Control SPDT Switch DC-2 GHz
AS158-59 ALPHA-AS158-59 Datasheet
46Kb / 2P
   GaAs IC High Linearity Positive Control SPDT Switch DC-2.5 GHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com