Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP6402 Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP6402
Description  Dual, High PSRR 500mA Linear Regulator With Integrated Reset Circuit
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6402 Datasheet(HTML) 6 Page - Monolithic Power Systems

Back Button MP6402 Datasheet HTML 2Page - Monolithic Power Systems MP6402 Datasheet HTML 3Page - Monolithic Power Systems MP6402 Datasheet HTML 4Page - Monolithic Power Systems MP6402 Datasheet HTML 5Page - Monolithic Power Systems MP6402 Datasheet HTML 6Page - Monolithic Power Systems MP6402 Datasheet HTML 7Page - Monolithic Power Systems MP6402 Datasheet HTML 8Page - Monolithic Power Systems MP6402 Datasheet HTML 9Page - Monolithic Power Systems MP6402 Datasheet HTML 10Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
MP6402 –DUAL 500MA LDO LINEAR REGULATORS WITH INTEGRATED RESET IC
MP6402 Rev.1.0
www. MonolithicPower.com
6
4/8/2011
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS
VIN = 3V, VOUT1=1.8V, VOUT2=2.5V, CIN = COUT1= COUT2=3.3µF, TA = +25ºC, unless otherwise noted.
IOUT1=IOUT2=0mA
250
270
290
310
330
350
370
390
410
430
450
-40 -20 0
20 40 60 80 100
Quiescent Current
vs. Temperature
IOUT1=IOUT2=500mA
Quiescent Current
vs. Temperature
900
950
1000
1050
1100
1150
1200
-40 -20 0
20 40 60 80 100
0
50
100
150
200
250
300
350
-40 -20 0
20 40 60 80 100
Dropout Voltage
vs. Temperature
0
50
100
150
200
250
300
0
100
200
300
400
500
OUT P UT C UR R E NT (mA)
Dropout Voltage
vs. Output Current
0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
3
3.5
4
4.5
5
5.5
INP UT V OL T AGE(V )
EN high threshold
EN low threshold
EN threshold
vs. Input Voltage
0.6
0.65
0.7
0.75
0.8
0.85
0.9
0.95
1
-40 -20 0
20 40 60
80 100
EN threshold
vs. Temperature
EN high threshold
EN low threshold
500
600
700
800
900
1000
-40 -20
0
20 40 60 80 100
Current Limit
vs. Temperature
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
3
3.5
4
4.5
5
5.5
INP UT VOL T AG E (V)
VOUT1=1.8V
IOUT=0A
IOUT=500mA
Line Regulation
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
3
3.5
4
4.5
5
5.5
INP UT VOL T AG E (V)
IOUT=0A
IOUT=500mA
VOUT2=2.5V
Line Regulation
TEMPERATURE (oC)
TEMPERATURE (oC)
TEMPERATURE (oC)
TEMPERATURE (oC)
TEMPERATURE (oC)


Similar Part No. - MP6402

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP6400 MPS-MP6400 Datasheet
300Kb / 12P
   Low Quiescent Current Programmable-Delay Supervisory Circuit
MP6400DG-01 MPS-MP6400DG-01 Datasheet
300Kb / 12P
   Low Quiescent Current Programmable-Delay Supervisory Circuit
MP6400DG-09 MPS-MP6400DG-09 Datasheet
300Kb / 12P
   Low Quiescent Current Programmable-Delay Supervisory Circuit
MP6400DG-12 MPS-MP6400DG-12 Datasheet
300Kb / 12P
   Low Quiescent Current Programmable-Delay Supervisory Circuit
MP6400DG-15 MPS-MP6400DG-15 Datasheet
300Kb / 12P
   Low Quiescent Current Programmable-Delay Supervisory Circuit
More results

Similar Description - MP6402

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL8569 BELLING-BL8569 Datasheet
190Kb / 7P
   Dual 500mA High PSRR Linear Regulator
logo
ACE Technology Co., LTD...
ACE519C ACE-ACE519C Datasheet
638Kb / 9P
   500mA High PSRR, Linear Regulator
VER 1.2
logo
Global Mixed-mode Techn...
G9612 GMT-G9612 Datasheet
539Kb / 8P
   Low-Dropout, 500mA Linear Regulator with Reset
logo
Monolithic Power System...
MP6401 MPS-MP6401 Datasheet
318Kb / 16P
   300mA LDO Linear Regulator with Integrated Reset Circuit
logo
SHANGHAI BELLING CO., L...
BL8568 BELLING-BL8568_13 Datasheet
804Kb / 8P
   500mA High PSRR, Linear Regulator, w. Output Discharge
BL8565 BELLING-BL8565 Datasheet
157Kb / 7P
   500mA High PSRR, Low Dropout Voltage Linear Regulator
logo
ACE Technology Co., LTD...
ACE520C ACE-ACE520C Datasheet
1Mb / 8P
   Dual 300mA High PSRR Linear Regulator
VER 1.5
logo
SHANGHAI BELLING CO., L...
BL8568 BELLING-BL8568 Datasheet
1Mb / 7P
   500mA High PSRR, Low Noise, Fast Response Linear Regulator
logo
Holtek Semiconductor In...
HT78BXX HOLTEK-HT78BXX Datasheet
2Mb / 16P
   High PSRR 500mA LDO Regulator
logo
ACE Technology Co., LTD...
ACE520 ACE-ACE520 Datasheet
663Kb / 9P
   Dual 300mA High PSRR Linear Regulator
VER 1.4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com