Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS182-73 Datasheet(PDF) 1 Page - Alpha Industries

Part # AS182-73
Description  PHEMT GaAs IC SPDT Switch DC-2.5 GHz
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHA [Alpha Industries]
Direct Link  http://www.alphaind.com
Logo ALPHA - Alpha Industries

AS182-73 Datasheet(HTML) 1 Page - Alpha Industries

  AS182-73 Datasheet HTML 1Page - Alpha Industries AS182-73 Datasheet HTML 2Page - Alpha Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Alpha Industries, Inc. [781] 935-5150
• Fax [617] 824-4579 • Email sales@alphaind.com • www.alphaind.com
1
Specifications subject to change without notice. 11/99A
PHEMT GaAs IC SPDT
Switch DC–2.5 GHz
Features
I P1 dB +30 dBm Typical @ +3 V
I IP3 43 dBm Typical @ +3 V
I Low Insertion Loss (0.3 dB @ 0.9 GHz)
I Low DC Power Consumption
I Ultra Miniature Low Cost SOT-6
Plastic Package
AS182-73
Description
The AS182-73 is an IC FET SPDT switch in a low cost
SOT-6 plastic package. The AS182-73 features low
insertion loss and positive voltage operation with very low
DC power consumption. This switch is suitable for handset
applications.
Parameter1
Frequency2
Min.
Typ.
Max.
Unit
Insertion Loss3
DC-1.0 GHz
0.30
0.4
dB
DC–2.0 GHz
0.30
0.4
dB
DC-2.5 GHz
0.55
0.6
dB
Isolation
DC-1.0 GHz
18
20
dB
DC–2.0 GHz
12
14
dB
DC-2.5 GHz
11
13
dB
VSWR4
DC-2.5 GHz
1.2:1
1.6:1
Electrical Specifications at 25°C (0, +3 V)
0.074
(1.90 mm REF.)
0.071 (1.80 mm)
0.052 (1.30 mm)
0.037 (0.95 mm) REF.
0.122 (3.10 mm)
0.106 (2.70 mm)
0.006
(0.15 mm)
0.000
(0.00 mm)
0.057 (1.45 mm)
0.035 (0.90 mm)
0.020 (0.51 mm)
0.014 (0.350 mm)
0.126 (3.20 mm)
0.087 (2.20 mm)
PIN 6
PIN 1
PIN 1
INDICATOR
0.022 (0.61 mm)
0.004 (0.10 mm)
0.014
(0.26 mm)
0.004
(0.10 mm)
0.012
(0.30 mm)
TYP.
5.0˚ ± 1˚
5.0˚ ± 1˚
SOT-6
Parameter
Condition
Frequency
Min.
Typ.
Max.
Unit
Switching Characteristics5
Rise, Fall (10/90% or 90/10% RF)
10
ns
On, Off (50% CTL to 90/10% RF)
20
ns
Video Feedthru
25
mV
Input Power for 1 dB Compression
0/+3 V
0.5–2.5 GHz
+30
dBm
0/+5 V
0.5–2.5 GHz
+34
dBm
Intermodulation Intercept Point (IP3)
For Two-tone Input Power +15 dBm
0/+3 V
0.5–2.5 GHz
+43
dBm
0/+5 V
0.5–2.5 GHz
+50
dBm
Control Voltages
VLow = 0 to 0.2 V @ 20 µA Max.
VHigh = +3 V @ 100 µA Max. to +5 V @ 200 µA Max.
Operating Characteristics at 25°C (0, +3 V)
1. All measurements made in a 50
Ω system, unless otherwise specified.
2. DC = 300 kHz.
3. Insertion loss changes by 0.003 dB/°C.
4. Insertion loss state.
5. Video feedthru measured with 1 ns risetime pulse and 500 MHz bandwidth.


Similar Part No. - AS182-73

ManufacturerPart #DatasheetDescription
logo
MotionKing Motor Indust...
AS180 MOTIONKING-AS180 Datasheet
164Kb / 3P
   AC Servo Motors
AS180-10-270E25 MOTIONKING-AS180-10-270E25 Datasheet
164Kb / 3P
   AC Servo Motors
AS180-15-172E25 MOTIONKING-AS180-15-172E25 Datasheet
164Kb / 3P
   AC Servo Motors
AS180-15-190E25 MOTIONKING-AS180-15-190E25 Datasheet
164Kb / 3P
   AC Servo Motors
AS180-20-215E25 MOTIONKING-AS180-20-215E25 Datasheet
164Kb / 3P
   AC Servo Motors
More results

Similar Description - AS182-73

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
AS169-73 ALPHA-AS169-73 Datasheet
40Kb / 2P
   PHEMT GaAs IC SPDT Switch DC-2.5 GHz
AS183-92 ALPHA-AS183-92 Datasheet
38Kb / 2P
   PHEMT GaAs IC SPDT Switch DC-2.5 GHz
logo
Skyworks Solutions Inc.
AS183-92 SKYWORKS-AS183-92 Datasheet
168Kb / 4P
   PHEMT GaAs IC SPDT Switch 300 kHz-2.5 GHz
AS169-73 SKYWORKS-AS169-73 Datasheet
144Kb / 4P
   PHEMT GaAs IC SPDT Switch 300 kHz-2.5 GHz
logo
Alpha Industries
AS179-92 ALPHA-AS179-92 Datasheet
24Kb / 2P
   PHEMT GaAs IC SPDT Switch DC-3 GHz
logo
Skyworks Solutions Inc.
AS213-92 SKYWORKS-AS213-92_08 Datasheet
240Kb / 4P
   PHEMT GaAs IC SPDT Switch 0.1?? GHz
logo
Hexawave, Inc
HWS418 HW-HWS418 Datasheet
74Kb / 2P
   GaAs DC-2.5 GHz SPDT Switch
HWS443_V3 HW-HWS443_V3_15 Datasheet
59Kb / 2P
   GaAs DC-2.5 GHz SPDT Switch
HWS301 HW-HWS301 Datasheet
116Kb / 2P
   GaAs DC-2.5 GHz SPDT Switch
HWS314 HW-HWS314 Datasheet
115Kb / 2P
   GaAs DC-2.5 GHz SPDT Switch
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com