Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPC8A05-H Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TPC8A05-H
Description  High Efficiency DC-DC Converter Applications Notebook PC Applications
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPC8A05-H Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TPC8A05-H Datasheet HTML 1Page - Toshiba Semiconductor TPC8A05-H Datasheet HTML 2Page - Toshiba Semiconductor TPC8A05-H Datasheet HTML 3Page - Toshiba Semiconductor TPC8A05-H Datasheet HTML 4Page - Toshiba Semiconductor TPC8A05-H Datasheet HTML 5Page - Toshiba Semiconductor TPC8A05-H Datasheet HTML 6Page - Toshiba Semiconductor TPC8A05-H Datasheet HTML 7Page - Toshiba Semiconductor TPC8A05-H Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
TPC8A05-H
2009-09-29
3
Electrical Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min
Typ.
Max
Unit
Gate leakage current
IGSS
VGS = ±20 V, VDS = 0 V
±100
nA
Drain cutoff current
IDSS
VDS = 30 V, VGS = 0 V
100
μA
V (BR) DSS
ID = 10 mA, VGS = 0 V
30
Drain-source breakdown voltage
V (BR) DSX
ID = 10 mA, VGS = −20 V
15
V
Gate threshold voltage
Vth
VDS = 10 V, ID = 1 mA
1.3
2.3
V
VGS = 4.5 V, ID = 5 A
12.6
17.6
Drain-source ON-resistance
RDS (ON)
VGS = 10 V, ID = 5 A
9.5
13.3
m
Ω
Forward transfer admittance
|Yfs|
VDS = 10 V, ID = 5 A
13
26
S
Input capacitance
Ciss
1300
1700
Reverse transfer capacitance
Crss
55
80
Output capacitance
Coss
VDS = 10 V, VGS = 0 V, f = 1 MHz
330
pF
Gate resistance
rg
VDS = 10 V, VGS = 0 V, f = 5 MHz
1.8
2.7
Ω
Rise time
tr
2.0
Turn-on time
ton
7.1
Fall time
tf
2.5
Switching time
Turn-off time
toff
Duty
≤ 1%, tw = 10 μs
18
ns
VDD ≈ 24 V, VGS = 10 V, ID = 10 A
15
Total gate charge
(gate-source plus gate-drain)
Qg
VDD ≈ 24 V, VGS = 5 V, ID = 10 A
7.4
Gate-source charge 1
Qgs1
3.6
Gate-drain (“Miller”) charge
Qgd
2.0
Gate switch charge
QSW
VDD ≈ 24 V, VGS = 10 V, ID = 10 A
3.7
nC
Source-Drain Ratings and Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min
Typ.
Max
Unit
Peak forward current
Pulse
(Note 1)
IFP
40
A
IDR = 1 A, VGS = 0 V
−0.4
−0.6
V
Forward voltage (diode)
VDSF
IDR = 10 A, VGS = 0 V
−1.2
V
VDD ≈ 15 V
0 V
VGS
10 V
ID = 5 A
VOUT


Similar Part No. - TPC8A05-H

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPC8A05-H TOSHIBA-TPC8A05-H Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
More results

Similar Description - TPC8A05-H

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPC8037-H TOSHIBA-TPC8037-H Datasheet
215Kb / 7P
   High-Efficiency DC-DC Converter Applications Notebook PC Applications
TPCA8A02-H TOSHIBA-TPCA8A02-H Datasheet
208Kb / 8P
   High Efficiency DC-DC Converter Applications Notebook PC Applications
TPC8009-H TOSHIBA-TPC8009-H_06 Datasheet
226Kb / 7P
   High-Efficiency DC/DC Converter Applications Notebook PC Applications Portable-Equipment Applications
TPCA8003-H TOSHIBA-TPCA8003-H Datasheet
470Kb / 7P
   High Efficiency DC/DC Converter Applications Notebook PC Applications Portable Equipment Applications
TPC8013-H TOSHIBA-TPC8013-H_06 Datasheet
208Kb / 7P
   High-Efficiency DC/DC Converter Applications Notebook PC Applications Portable-Equipment Applications
TPCP8103-H TOSHIBA-TPCP8103-H_09 Datasheet
253Kb / 7P
   High Efficiency DC-DC Converter Applications Notebook PC Applications Portable Equipment Applications CCFL Inverter Applications
TPCA8045-H TOSHIBA-TPCA8045-H Datasheet
206Kb / 7P
   High-Effciency DC-DC Converter Applications Notebook PC Applications Portable Equipment Applications
TPC8017-H TOSHIBA-TPC8017-H_06 Datasheet
543Kb / 7P
   High-Effciency DC/DC Converter Applications Notebook PC Applications Portable-Equipment Applications
TPC8A07-H TOSHIBA-TPC8A07-H Datasheet
283Kb / 12P
   HIgh Effciency DC-DC Converter Applications Notebook PC Applications Portable-Equipment Applications
TK50P03M1 TOSHIBA-TK50P03M1 Datasheet
199Kb / 7P
   High-Efficiency DC-DC Converter Applications Desktop PC Applications
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com