Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATNGW100MKII Datasheet(PDF) 1 Page - ATMEL Corporation

Part # ATNGW100MKII
Description  Product End-of-Life (EOL) Notification
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATNGW100MKII Datasheet(HTML) 1 Page - ATMEL Corporation

  ATNGW100MKII Datasheet HTML 1Page - ATMEL Corporation ATNGW100MKII Datasheet HTML 2Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Atmel Norway
Vestre Rosten 79 7075 Tiller
NORWAY
QF-8003 Rev. 07
Page 1 of 2
04/18/12
Product End-of-Life (EOL) Notification
EOL Number: WE123507A (REVISED 11/16/2012)
Notification Date*: August 31, 2012
See Below Corrected Part Numbers
Product Description & Replacement:
The following mature Atmel AVR development tools will be permanently phased out.
ATATAVRFBKIT ATAVRFBKIT
ATATAVRMC201 ATAVRMC201
ATATSTK520
ATSTK520
ATAVRDB101
ATAVRDISPLAYX
ATAVRQTOUCHX
ATAVRUSBRF01
ATAVRXBNDL
ATEVK525
ATNGW100MKII
ATQT600-UC3L
ATSTK1006
ATSTK525
Reason for EOL:
These development kits are no longer recommended for new designs.
Last Time Buy Date: February 28, 2013
*All orders placed after the notification date are non-cancellable and non-returnable (NCNR).
Last Ship Date: August 30, 2013
Atmel Contact: pcnadm@atmel.com
Information provided herein is in connection with Atmel products and this information is provided “AS IS”.
Atmel assumes no
responsibility for any errors that may appear in this document.
No license, express or implied, by estoppel or otherwise, to any
intellectual property rights is granted by this document. Except as provided in Atmel’s Terms and Conditions of Sale for such products,
Atmel assumes no liability whatsoever, and Atmel disclaims any express or implied warranty, including liability or warranties relating to
fitness for a particular purpose, merchantability, or non-infringement of any patent, copyright or other intellectual property right. Atmel
products are not intended for use in a product or system intended to support or sustain life which, if it fails, can be reasonably expected
to result in significant personal injury. Atmel may make changes to specifications and product descriptions at any time, without notice.
Attention Distributors: Product(s) identified in this notification will become obsolete and as such this EOL notification will act as the
official written notification. All obsolete products will be listed in the next published quarterly distributor price book, following an EOL
change, and listed on the obsolescence form which accompanies said price book. Within thirty (30) days from the published date of the
price book, Distributor shall notify Atmel in writing of Distributor’s then current inventory of the obsolete product
®


Similar Part No. - ATNGW100MKII

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATNGW100 ATMEL-ATNGW100 Datasheet
198Kb / 13P
   ATMEL Norway AS Vestre Roster 79 N-7075 TUKKER Norway
More results

Similar Description - ATNGW100MKII

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IP2034PBF IRF-IP2034PBF Datasheet
72Kb / 2P
   End of Life Notification
IP2034TRPBF IRF-IP2034TRPBF Datasheet
72Kb / 2P
   End of Life Notification
logo
Silicon Laboratories
EM2420-RTR SILABS-EM2420-RTR Datasheet
111Kb / 2P
   End of Life (EOL) Change Notice
logo
Holtek Semiconductor In...
EOL-62L256 HOLTEK-EOL-62L256 Datasheet
58Kb / 2P
   HT62L256 EOL Notification
logo
Bel Fuse Inc.
IAS012ZJ-3 BEL-IAS012ZJ-3 Datasheet
606Kb / 7P
   End of life (EOL) for certain part numbers with little or no activity
logo
STMicroelectronics
STEVAL-ILB008V1 STMICROELECTRONICS-STEVAL-ILB008V1 Datasheet
118Kb / 4P
   End-of-life detection
logo
Texas Instruments
TLV320AIC12 TI-TLV320AIC12 Datasheet
330Kb / 50P
[Old version datasheet]   PRODUCT NOTIFICATION
logo
Aavid, Thermal Division...
371924B00032G AAVID-371924B00032G Datasheet
39Kb / 2P
   Product Change Notification
374324B00032 AAVID-374324B00032 Datasheet
55Kb / 2P
   Product Change Notification
4804_REV_D-G AAVID-4804_REV_D-G Datasheet
55Kb / 2P
   Product Change Notification
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com