Electronic Components Datasheet Search
Selected language     English  ▼


G043 Datasheet(PDF) 2 Page - saftbatteries

Part No. G043
Description  3.0 V Primary lithium-sulfur dioxide High drain capability 1/2 AA- size spiral cell
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SAFT [saftbatteries]
Homepage  www.saftbatteries.com
Logo 

   
 2 page
background image
Time (hours)
Typical discharge profiles at +20ºC
Temperature (°C)
Voltage at mid-discharge versus Current and Temperature (2.0 V cut-off)
Temperature (°C)
Capacity versus Current and Temperature (continuous discharges 2.0 V cut-off)
G 04/3
Overall dimensions in mm
Handling precautions
Cell is pressurised.
Do not puncture, open
or mutilate.
Do not obstruct the safety vent
mechanism.
Do not short circuit or charge.
Do not expose to fire
or temperatures above + 70°C
(+158°F).
Saft
Specialty Battery Group
12, rue Sadi Carnot
93170 Bagnolet - France
Tel +33 (0)1 49 93 19 18
Fax +33 (0)1 49 93 19 69
River Drive, South Shields
Tyne and Wear, NE33 2TR - UK
Tel +44 (0)191 456 14 51
Fax +44 (0)191 456 63 83
www.saftbatteries.com
Doc. N° 31059-2-1005
Information in this document is subject to change without notice
and becomes contractual only after written confirmation by Saft.
For more details on primary lithium technologies please refer to
Primary Lithium Batteries Selector Guide Doc N° 31048-2.
Published by the Communications Department.
Photo credit: Saft.
Société anonyme au capital de 31 944 000
RCS Bobigny B 383 703 873
Produced by Arthur Associates.




Html Pages

1  2 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl