Selected language     English  ▼


G043 Datasheet(PDF) 1 Page - saftbatteries

Part No. G043
Description  3.0 V Primary lithium-sulfur dioxide High drain capability 1/2 AA- size spiral cell
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SAFT [saftbatteries]
Homepage  www.saftbatteries.com
Logo 

   
 1 page
background image
Benefits
High and stable discharge voltage
High pulse capability
Performance not affected by cell
orientation
Long storage possible before use
Ability to withstand extreme
temperature
Key features
Low self-discharge rate
(less than 3% after 1 year of
storage at + 20ºC)
Hermetic glass-to-metal sealing
Built-in safety vent
(at the negative end of the cell)
Meets shock, vibration and other
environmental requirements of
military specifications
Made in UK
Main applications
Radiocommunications and other
military applications
Memory back-up
Cell size reference
AA
3.0 V Primary lithium-sulfur dioxide (Li-SO2)
High drain capability
1/2 AA - size spiral cell
1/2
Primary lithium batteries
G 04/3
Electrical characteristics
(typical values relative to cells stored for one year or less at + 30°C max.)
Nominal capacity
0.45 Ah
(at 50 mA + 20°C 2.0 V cut off. The capacity restored by the cell varies
according to current drain, temperature and cut off)
Open circuit voltage (at + 20°C)
3.0 V
Nominal voltage
(at 0.03 A + 20°C)
2.8 V
Continuous current permitting 50% of the nominal capacity to be achieved
at + 20ºC with 2.0 V cut off.
0.25 A
Pulse capability : Typically up to 0.4 A.
(The voltage readings may vary according to the pulse characteristics,
the temperature and the cell’s previous history. Fitting the cell with a
capacitor may be recommended in severe conditions. Consult Saft)
Storage
(recommended)
+ 30°C (+ 86°F) max
(possible without leakage)
+ 85°C (+ 185°F) max
Operating temperature range
- 60°C/+ 70°C
(Operation above ambient T may lead to reduced capacity and lower
(- 76°F/+158°F)
voltage readings at the beginning of pulses. Consult Saft)
Physical characteristics
Diameter (max)
14.2 mm (0.56 in)
Height (max)
27.9 mm (1.10 in)
Typical weight
8 g (0.28 oz)
Li metal content
0.14 g
Standard cell comes with protruding positive end-cap.
Finish with tabs available on request.
October 2005




Html Pages

1  2 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl