Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Y1625K7560T0R Datasheet(PDF) 3 Page - Vishay Siliconix

Part # Y1625K7560T0R
Description  VSMP Series (0805, 1206, 1506, 2010, 2512) (Z-Foil)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

Y1625K7560T0R Datasheet(HTML) 3 Page - Vishay Siliconix

  Y1625K7560T0R Datasheet HTML 1Page - Vishay Siliconix Y1625K7560T0R Datasheet HTML 2Page - Vishay Siliconix Y1625K7560T0R Datasheet HTML 3Page - Vishay Siliconix Y1625K7560T0R Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Document Number: 63060
For any questions, contact: foil@vishay.com
www.vishay.com
Revision: 24-Mar-09
3
VSMP Series (0805, 1206, 1506, 2010, 2512) (Z-Foil)
Vishay Foil Resistors
Notes
(1) Avoid the use of cleaning agents which could attack epoxy resins, which form part of the resistor construction
(2) Vacuum pick up is recommended for handling
(3) Soldering iron may damage the resistor
Note
(1) For non-standard requests, please contact application engineering.
FIGURE 4 - RECOMMENDED MOUNTING (1)(2)(3)
25 % to 85 % of T
A low profile solder fillet is
recommended to avoid unnecessary
stresses along top edge of
metallization. IR and vapor phase
reflow are best.
TABLE 6 - GLOBAL PART NUMBER INFORMATION (1)
NEW GLOBAL PART NUMBER: Y162612K7560T9R (preferred part number format)
DENOTES PRECISION
VALUE
CHARACTERISTICS
YR =
Ω
K = k
Ω
0 = standard
9 = lead (Pb)-free
1 to 999 = custom
PRODUCT CODE
RESISTANCE TOLERANCE
PACKAGING
1624 = VSMP0805
1625 = VSMP1206
1626 = VSMP1506
1627 = VSMP2010
1628 = VSMP2512
T = ± 0.01 %
Q = ± 0.02 %
A = ± 0.05 %
B = ± 0.10 %
C = ± 0.25 %
D = ± 0.5 %
F = ± 1.0 %
R = tape and reel
W = waffle pack
FOR EXAMPLE: ABOVE GLOBAL ORDER Y1626 12K7560 T 9 R:
TYPE: VSMP1506
VALUES: 12.7560 k
Ω
ABSOLUTE TOLERANCE: 0.01 %
TERMINATION: lead (Pb)-free
PACKAGING: tape and reel
HISTORICAL PART NUMBER: VSMP1506 12K756 TCR0.2 T S T (will continue to be used)
VSMP1506
12K756
TCR0.2
T
S
T
MODEL
RESISTANCE VALUE
TCR
CHARACTERISTICS
TOLERANCE
TERMINATION
PACKAGING
VSMP0805
VSMP1206
VSMP1506
VSMP2010
VSMP2512
12.756 k
Ω
T = ± 0.01 %
Q = ± 0.02 %
A = ± 0.05 %
B = ± 0.10 %
C = ± 0.25 %
D = ± 0.5 %
F = ± 1.0 %
S = lead (Pb)-free
B = tin/lead
T = tape and reel
W = waffle pack
6
261
K
7
5
2
Y1
T9
6
R
0


Similar Part No. - Y1625K7560T0R

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
Y162512K7560A0R VISHAY-Y162512K7560A0R Datasheet
156Kb / 4P
   Ultra High Precision Foil Wraparound Surface Mount Chip Resistor
Revision: 24-Mar-09
Y162512K7560A0W VISHAY-Y162512K7560A0W Datasheet
156Kb / 4P
   Ultra High Precision Foil Wraparound Surface Mount Chip Resistor
Revision: 24-Mar-09
Y162512K7560A9R VISHAY-Y162512K7560A9R Datasheet
156Kb / 4P
   Ultra High Precision Foil Wraparound Surface Mount Chip Resistor
Revision: 24-Mar-09
Y162512K7560A9W VISHAY-Y162512K7560A9W Datasheet
156Kb / 4P
   Ultra High Precision Foil Wraparound Surface Mount Chip Resistor
Revision: 24-Mar-09
Y162512K7560AR0R VISHAY-Y162512K7560AR0R Datasheet
138Kb / 4P
   Ultra High Precision Foil Wraparound Surface Mount Chip Resistor with TCR of 짹 0.05 ppm/째C and Power Coefficient of 5 ppm at
Revision: 18-Sep-08
More results

Similar Description - Y1625K7560T0R

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERJA1AJ102U PANASONIC-ERJA1AJ102U Datasheet
270Kb / 6P
   High Power Chip Resistors / Wide Terminal Type 2512, 2010, 1206, 0805
ERJ-2GEJ472X PANASONIC-ERJ-2GEJ472X Datasheet
84Kb / 2P
   Thick Film Chip Resistors 01005, 0201, 0402, 0603, 0805, 1206, 1210, 1812, 2010, 2512
ERJ-1GEJ101C PANASONIC-ERJ-1GEJ101C Datasheet
297Kb / 4P
   Thick Film Chip Resistors 0201, 0402, 0603, 0805, 1206, 1210, 1812, 2010, 2512
ERJ-2GEJ104X PANASONIC-ERJ-2GEJ104X Datasheet
84Kb / 2P
   Thick Film Chip Resistors 01005, 0201, 0402, 0603, 0805, 1206, 1210, 1812, 2010, 2512
ERJ-3GEYJ106V PANASONIC-ERJ-3GEYJ106V Datasheet
218Kb / 2P
   Thick Film Chip Resistors 01005, 0201, 0402, 0603, 0805, 1206, 1210, 1812, 2010, 2512
ERJ-1TYJ1R0U PANASONIC-ERJ-1TYJ1R0U Datasheet
84Kb / 2P
   Thick Film Chip Resistors 01005, 0201, 0402, 0603, 0805, 1206, 1210, 1812, 2010, 2512
ERJ-1GEJ104C PANASONIC-ERJ-1GEJ104C Datasheet
84Kb / 2P
   Thick Film Chip Resistors 01005, 0201, 0402, 0603, 0805, 1206, 1210, 1812, 2010, 2512
ERJ-1GEJ8R2C PANASONIC-ERJ-1GEJ8R2C Datasheet
127Kb / 5P
   Thick Film Chip Resistors 01005, 0201, 0402, 0603, 0805, 1206, 1210, 1812, 2010, 2512
ERJ-2GEJ221X PANASONIC-ERJ-2GEJ221X Datasheet
84Kb / 2P
   Thick Film Chip Resistors 01005, 0201, 0402, 0603, 0805, 1206, 1210, 1812, 2010, 2512
ERJ-2GEJ183X PANASONIC-ERJ-2GEJ183X Datasheet
84Kb / 2P
   Thick Film Chip Resistors 01005, 0201, 0402, 0603, 0805, 1206, 1210, 1812, 2010, 2512
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com