Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPSR201K0F Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # SPSR201K0F
Description  Type SQ Series
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SPSR201K0F Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SPSR201K0F Datasheet HTML 1Page - List of Unclassifed Manufacturers SPSR201K0F Datasheet HTML 2Page - List of Unclassifed Manufacturers SPSR201K0F Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Power Derating Curve
Load Against Temperature
-50
0
50
100
150
200
250
300
-55
-70
100
80
60
40
20
0
Ambient Temperature (°C)
155°C
275°C
0
20
40
06
80
100
300
250
200
150
100
50
0
Rated Load (%)
5W
7W, 10W
15W-40W
Type SQM - Vertical
Power
Dimensions
Resistance Range
Rating
W ± 1
H ± 1
S ± 1.5
P ± 2.0
Wire
Metal Film
2W
11
20
7
5
R10 - 82R
83R - 10K
3W
12
25
8
5
R10 - 180R
181R - 33K
5W
13
25
9
5
R10 - 180R
181R - 100K
7W
13
39
9
5
R10 - 430R
431R - 100K
10W
13
51
9
5
R10 - 470R
471R - 100K
10WS
16
35
12
7.5
R10 - 360R
361R - 100K
N.B. Custom design versions in wire at low tolerances, better T.C.R., and higher ohmic values are available to special order. Please
enquire.
Type SQH - Horizontal with
Faston Connectors
Power
Dimensions
Resistance Range
Rating
W ± 1
H ± 1
L ± 1.5
P
H1± 1
D±0.5
P1±0.2
P2±0.2
Wire
Metal Film
10W
10
10
48
32 ±1
21
5
2.5
1.7
R50 - 600R
601R - 50K
15W
12.5
11.5
48
32 ±1
21
5
2.5
1.7
1R0 - 600R
601R - 50K
20W
14.5
13.5
60
42 ±1
24
6
3.0
2.5
1R0 - 1K0
1K1 - 50K
30W
19
19
75
55 ±2
31
7.5
1R0 - 2K0
40W
19
19
90
67 ±2
31
7.5
1R0 - 2K0
Type SQB - Horizontal with Faston
Connectors and Bracket
Power
Dimensions
Rating
A ± 0.5
B ± 0.5 C ± 0.5
G ± 0.5
10W
8.0
5.0
12.0
3.0
15W
8.0
5.5
12.0
3.0
20W
8.0
5.5
12.0
3.0
30W
10.5
8.0
18.0
3.5
40W
10.5
8.0
18.0
3.5
High Power Resistors
Type SQ Series
1773285 CIS BI 06/2011
Dimensions are in millimeters
Dimensions are shown for
For email, phone or live chat, go to: te.com/help
and inches unless otherwise
reference purposes only.
specified. Values in brackets
Specifications subject
are standard equivalents.
to change.


Similar Part No. - SPSR201K0F

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SPSR201K0F MACOM-SPSR201K0F Datasheet
255Kb / 3P
   High Power Resistors
More results

Similar Description - SPSR201K0F

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SQMW533RJ MACOM-SQMW533RJ Datasheet
250Kb / 3P
   Type SQ Series
SQMR547KJ MACOM-SQMR547KJ Datasheet
255Kb / 3P
   Type SQ Series
1-1623788-0 MACOM-1-1623788-0 Datasheet
255Kb / 3P
   Type SQ Series
logo
Cree, Inc
C12410 CREE-C12410 Datasheet
649Kb / 7P
   Strada-SQ series
logo
Lumileds Lighting Compa...
CA13509_STRADA-SQ-T2 LUMILEDS-CA13509_STRADA-SQ-T2 Datasheet
1Mb / 19P
   PRODUCT DATASHEET Strada-SQ series
logo
CTS Corporation
VCX2150A CTS-VCX2150A Datasheet
67Kb / 2P
   Surface mount 15.88 mm SQ (.625 SQ)
VCX2154A CTS-VCX2154A Datasheet
67Kb / 2P
   Surface mount 15.88 mm SQ (.625 SQ)
logo
PHOENIX CONTACT
1441558 PHOENIX-1441558 Datasheet
128Kb / 8P
   Flush-type connector - SACC-SQ-M12FSB-5CON-25F/0,5
09/11/2020
1408573 PHOENIX-1408573 Datasheet
234Kb / 5P
   Flush-type connector - SACC-SQ-M12FS-8CON-20-L180
1441590 PHOENIX-1441590 Datasheet
119Kb / 7P
   Flush-type connector - SACC-SQ-M12FS-12CON-25F/0,5
09/11/2020
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com