Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CQ-2235 Datasheet(PDF) 7 Page - Asahi Kasei Microsystems

Part # CQ-2235
Description  High-Speed Small Current Sensor
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

CQ-2235 Datasheet(HTML) 7 Page - Asahi Kasei Microsystems

Back Button CQ-2235 Datasheet HTML 3Page - Asahi Kasei Microsystems CQ-2235 Datasheet HTML 4Page - Asahi Kasei Microsystems CQ-2235 Datasheet HTML 5Page - Asahi Kasei Microsystems CQ-2235 Datasheet HTML 6Page - Asahi Kasei Microsystems CQ-2235 Datasheet HTML 7Page - Asahi Kasei Microsystems CQ-2235 Datasheet HTML 8Page - Asahi Kasei Microsystems CQ-2235 Datasheet HTML 9Page - Asahi Kasei Microsystems CQ-2235 Datasheet HTML 10Page - Asahi Kasei Microsystems CQ-2235 Datasheet HTML 11Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
[CQ-2235]
MS1569-J-00
2013/10
- 7 -
10. 各特性の定義
10.1. 電流感度 Vh [mV/mT], 中点電圧 Vof [V]
出力不飽和範囲(I
NS)の間で一次導体電流(IIN)を牽引した時のVOUT出力(VOUT)から、最小二乗法によっ
て求めた近似直線の傾きを電流感度、切片を中点電圧と定義します。
10.2. 直線性
ρ [%F.S.]
出力不飽和範囲(I
NS)の間で一次導体電流(IIN)を牽引した時のVOUT出力(VOUT)から最小二乗法によっ
て近似直線を求め、近似直線とVOUT出力の間の最大誤差電圧(V
d)を求めます。フルスケール(F.S.)に
対する最大誤差電圧の割合を直線性と定義し、下式で計算されます。
ρ = V
d / F.S. × 100
※ フルスケール(F.S.)は、出力不飽和範囲|I
NS|
− (−|I
NS|) = 2|INS|と電流感度Vhの乗算で定義します。
Figure 5. CQ-2235の出力特性
参考として、CQ-2335の直線性の温度特性代表値をFigure 6に示します。
0
0.5
1
1.5
2
2.5
3
-60
-40
-20
0
20
40
60
80
100
120
Ta [℃]
最小二乗法による近似直線
|INS| IIN(A)
VOUT(V)
−|I
NS|
0
F.S.
=2Vh×|INS|
Vd
85A
81A
78A
70A
54A
Figure 6. CQ-2335の直線性の温度特性代表値


Similar Part No. - CQ-2235

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
CQ-2232 AKM-CQ-2232 Datasheet
773Kb / 15P
   High-Speed Small Current Sensor
CQ-2233 AKM-CQ-2233 Datasheet
770Kb / 15P
   High-Speed Small Current Sensor
CQ-2234 AKM-CQ-2234 Datasheet
770Kb / 15P
   High-Speed Small Current Sensor
More results

Similar Description - CQ-2235

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
CQ-2333 AKM-CQ-2333 Datasheet
767Kb / 15P
   High-Speed Small Current Sensor
CQ-2332 AKM-CQ-2332 Datasheet
767Kb / 15P
   High-Speed Small Current Sensor
CQ-2234 AKM-CQ-2234 Datasheet
770Kb / 15P
   High-Speed Small Current Sensor
CQ-2334 AKM-CQ-2334 Datasheet
703Kb / 15P
   High-Speed Small Current Sensor
CQ-2233 AKM-CQ-2233 Datasheet
770Kb / 15P
   High-Speed Small Current Sensor
CQ-2335 AKM-CQ-2335 Datasheet
771Kb / 16P
   High-Speed Small Current Sensor
CQ-2232 AKM-CQ-2232 Datasheet
773Kb / 15P
   High-Speed Small Current Sensor
CQ-236B AKM-CQ-236B_16 Datasheet
680Kb / 13P
   High-Speed Small-Sized Current Sensor
CQ-236B AKM-CQ-236B Datasheet
680Kb / 13P
   High-Speed Small-Sized Current Sensor
CQ-2366 AKM-CQ-2366 Datasheet
698Kb / 13P
   High-Speed Small-Sized Current Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com