Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CQ-2233 Datasheet(PDF) 10 Page - Asahi Kasei Microsystems

Part # CQ-2233
Description  High-Speed Small Current Sensor
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

CQ-2233 Datasheet(HTML) 10 Page - Asahi Kasei Microsystems

Back Button CQ-2233 Datasheet HTML 6Page - Asahi Kasei Microsystems CQ-2233 Datasheet HTML 7Page - Asahi Kasei Microsystems CQ-2233 Datasheet HTML 8Page - Asahi Kasei Microsystems CQ-2233 Datasheet HTML 9Page - Asahi Kasei Microsystems CQ-2233 Datasheet HTML 10Page - Asahi Kasei Microsystems CQ-2233 Datasheet HTML 11Page - Asahi Kasei Microsystems CQ-2233 Datasheet HTML 12Page - Asahi Kasei Microsystems CQ-2233 Datasheet HTML 13Page - Asahi Kasei Microsystems CQ-2233 Datasheet HTML 14Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
[CQ-2233]
MS1567-J-00
2013/10
- 10 -
12. パッケージ
12.1. 外形寸法図
Unit: mm
※ 公差は特に定める以外は±0.1mmとします
端子材質: Cu
端子めっき材: Sn 100%
パッケージ材料: RoHS対応、ハロゲンフリー
Figure 10. 外形寸法図


Similar Part No. - CQ-2233

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
CQ-2232 AKM-CQ-2232 Datasheet
773Kb / 15P
   High-Speed Small Current Sensor
CQ-2234 AKM-CQ-2234 Datasheet
770Kb / 15P
   High-Speed Small Current Sensor
CQ-2235 AKM-CQ-2235 Datasheet
774Kb / 16P
   High-Speed Small Current Sensor
More results

Similar Description - CQ-2233

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
CQ-2333 AKM-CQ-2333 Datasheet
767Kb / 15P
   High-Speed Small Current Sensor
CQ-2332 AKM-CQ-2332 Datasheet
767Kb / 15P
   High-Speed Small Current Sensor
CQ-2234 AKM-CQ-2234 Datasheet
770Kb / 15P
   High-Speed Small Current Sensor
CQ-2334 AKM-CQ-2334 Datasheet
703Kb / 15P
   High-Speed Small Current Sensor
CQ-2235 AKM-CQ-2235 Datasheet
774Kb / 16P
   High-Speed Small Current Sensor
CQ-2335 AKM-CQ-2335 Datasheet
771Kb / 16P
   High-Speed Small Current Sensor
CQ-2232 AKM-CQ-2232 Datasheet
773Kb / 15P
   High-Speed Small Current Sensor
CQ-236B AKM-CQ-236B_16 Datasheet
680Kb / 13P
   High-Speed Small-Sized Current Sensor
CQ-236B AKM-CQ-236B Datasheet
680Kb / 13P
   High-Speed Small-Sized Current Sensor
CQ-2366 AKM-CQ-2366 Datasheet
698Kb / 13P
   High-Speed Small-Sized Current Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com