Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CQ-2092 Datasheet(PDF) 1 Page - Asahi Kasei Microsystems

Part # CQ-2092
Description  A small high-speed current Center for Applied thermal
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

CQ-2092 Datasheet(HTML) 1 Page - Asahi Kasei Microsystems

  CQ-2092 Datasheet HTML 1Page - Asahi Kasei Microsystems CQ-2092 Datasheet HTML 2Page - Asahi Kasei Microsystems CQ-2092 Datasheet HTML 3Page - Asahi Kasei Microsystems CQ-2092 Datasheet HTML 4Page - Asahi Kasei Microsystems CQ-2092 Datasheet HTML 5Page - Asahi Kasei Microsystems CQ-2092 Datasheet HTML 6Page - Asahi Kasei Microsystems CQ-2092 Datasheet HTML 7Page - Asahi Kasei Microsystems CQ-2092 Datasheet HTML 8Page - Asahi Kasei Microsystems CQ-2092 Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
[CQ-2092]
MS1266-J-05
2013/06
- 1 -
概要
CQ-2092は、電流値に比例したアナログ電圧を出力する、磁気式のオープン型電流センサです。高感度の量子井
戸構造InAsホール素子を採用しており、直流、交流のいずれも高精度で高速に検出できることが特長です。パッケ
ージにはホール素子、磁性体コア、1次導体を内蔵したシンプルな構造のAI-Shell®を採用し、小型化と高い信頼性
を実現しています。
特長
□ 両方向検出タイプ
□ 1 次導体とセンサ部が電気的に絶縁
□ 5V 単一電源で動作
□ レシオメトリック出力
□ 感度と中点電圧のばらつき、温度ドリフトが小さい
□ ローノイズ(2.1mV max.)
□ 高速応答(1μs typ.
□ 小型表面実装パッケージ、ハロゲンフリー
ブロック図
Figure 1. CQ-2092のブロック図
高速応答 小型 電流センサ
Hall
Sensor
Amplifier
Buffer
Compensation
Bias Unit
EEPROM Unit
VOUT
DATA_IO
SCLK
VDD
VSS
P
N
Magnetic
Core
CQ-2092


Similar Part No. - CQ-2092

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
CQ-2093 AKM-CQ-2093 Datasheet
487Kb / 12P
   遙섌?恙쒐춸 弱뤷엹 ?삥탛?삠꺍?
CQ-209A AKM-CQ-209A Datasheet
634Kb / 13P
   Fast response small current sensor
CQ-209B AKM-CQ-209B Datasheet
632Kb / 13P
   Fast response small current sensor
CQ-209D AKM-CQ-209D Datasheet
638Kb / 13P
   Fast response small current sensor
More results

Similar Description - CQ-2092

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
CQ-2066 AKM-CQ-2066 Datasheet
886Kb / 13P
   A small high-speed current Center for Applied thermal
CQ-2064 AKM-CQ-2064 Datasheet
734Kb / 13P
   A small high-speed current Center for Applied thermal
CQ-2065 AKM-CQ-2065 Datasheet
734Kb / 13P
   A small high-speed current Center for Applied thermal
CQ-2233 AKM-CQ-2233 Datasheet
770Kb / 15P
   High-Speed Small Current Sensor
CQ-2333 AKM-CQ-2333 Datasheet
767Kb / 15P
   High-Speed Small Current Sensor
CQ-2332 AKM-CQ-2332 Datasheet
767Kb / 15P
   High-Speed Small Current Sensor
CQ-2234 AKM-CQ-2234 Datasheet
770Kb / 15P
   High-Speed Small Current Sensor
CQ-2334 AKM-CQ-2334 Datasheet
703Kb / 15P
   High-Speed Small Current Sensor
CQ-2235 AKM-CQ-2235 Datasheet
774Kb / 16P
   High-Speed Small Current Sensor
CQ-2335 AKM-CQ-2335 Datasheet
771Kb / 16P
   High-Speed Small Current Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com