Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CQ-2064 Datasheet(PDF) 9 Page - Asahi Kasei Microsystems

Part # CQ-2064
Description  A small high-speed current Center for Applied thermal
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

CQ-2064 Datasheet(HTML) 9 Page - Asahi Kasei Microsystems

Back Button CQ-2064 Datasheet HTML 5Page - Asahi Kasei Microsystems CQ-2064 Datasheet HTML 6Page - Asahi Kasei Microsystems CQ-2064 Datasheet HTML 7Page - Asahi Kasei Microsystems CQ-2064 Datasheet HTML 8Page - Asahi Kasei Microsystems CQ-2064 Datasheet HTML 9Page - Asahi Kasei Microsystems CQ-2064 Datasheet HTML 10Page - Asahi Kasei Microsystems CQ-2064 Datasheet HTML 11Page - Asahi Kasei Microsystems CQ-2064 Datasheet HTML 12Page - Asahi Kasei Microsystems CQ-2064 Datasheet HTML 13Page - Asahi Kasei Microsystems  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
[CQ-2064]
MS1263-J-05
2013/06
- 9 -
推奨接続回路例
6
5
4
IN
3
2
1
7
0.1
mF
+5V
R1
R1
R2
R2
VOUT
SCLK
P
DATA_IO
VDD
VSS
AIN
VSS
VREF
RF
CF
N
A/D
(a) バイパスコンデンサ0.1
mFをCQ-2064のVDD、VSS端子のできるだけ近くに配置してください。
(b) CQ-2064はレシオメトリック出力を有しており、出力をA/Dコンバーターで受ける際にCQ-2064の電源とA/Dコンバーターの
リファレンス電圧を共通とすることで、電源電圧変動によるA/D変換誤差を低減する事が可能です。
R1、R2による抵抗分割はA/Dコンバーターのリファレンス電圧が+5Vより低い場合に必要となります。
(例)A/Dコンバーターのリファレンス電圧が電源電圧レベルで、+3.3Vの場合は、
R1=20kΩ、R2=39kΩが推奨されます。
また、A/Dコンバーターのリファレンス電圧が電源電圧レベルと異なる場合には、更なる抵抗分割が必要となります。
(c) 必要に応じ、VOUTにローパスフィルタを挿入してください。
Figure 11. CQ-2064の推奨接続回路例(A/Dコンバータ使用時)
CQ-2064
(b)
(c)
(a)


Similar Part No. - CQ-2064

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
CQ-2063 AKM-CQ-2063 Datasheet
734Kb / 13P
   Fast response small current sensor
CQ-2065 AKM-CQ-2065 Datasheet
734Kb / 13P
   A small high-speed current Center for Applied thermal
CQ-2066 AKM-CQ-2066 Datasheet
886Kb / 13P
   A small high-speed current Center for Applied thermal
CQ-206A AKM-CQ-206A Datasheet
803Kb / 13P
   Fast response small current sensor
CQ-206B AKM-CQ-206B Datasheet
804Kb / 13P
   Fast response small current sensor
More results

Similar Description - CQ-2064

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
CQ-2092 AKM-CQ-2092 Datasheet
634Kb / 13P
   A small high-speed current Center for Applied thermal
CQ-2066 AKM-CQ-2066 Datasheet
886Kb / 13P
   A small high-speed current Center for Applied thermal
CQ-2065 AKM-CQ-2065 Datasheet
734Kb / 13P
   A small high-speed current Center for Applied thermal
CQ-2233 AKM-CQ-2233 Datasheet
770Kb / 15P
   High-Speed Small Current Sensor
CQ-2333 AKM-CQ-2333 Datasheet
767Kb / 15P
   High-Speed Small Current Sensor
CQ-2332 AKM-CQ-2332 Datasheet
767Kb / 15P
   High-Speed Small Current Sensor
CQ-2234 AKM-CQ-2234 Datasheet
770Kb / 15P
   High-Speed Small Current Sensor
CQ-2334 AKM-CQ-2334 Datasheet
703Kb / 15P
   High-Speed Small Current Sensor
CQ-2235 AKM-CQ-2235 Datasheet
774Kb / 16P
   High-Speed Small Current Sensor
CQ-2335 AKM-CQ-2335 Datasheet
771Kb / 16P
   High-Speed Small Current Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com