Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CQ-2063 Datasheet(PDF) 7 Page - Asahi Kasei Microsystems

Part # CQ-2063
Description  Fast response small current sensor
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

CQ-2063 Datasheet(HTML) 7 Page - Asahi Kasei Microsystems

Back Button CQ-2063 Datasheet HTML 3Page - Asahi Kasei Microsystems CQ-2063 Datasheet HTML 4Page - Asahi Kasei Microsystems CQ-2063 Datasheet HTML 5Page - Asahi Kasei Microsystems CQ-2063 Datasheet HTML 6Page - Asahi Kasei Microsystems CQ-2063 Datasheet HTML 7Page - Asahi Kasei Microsystems CQ-2063 Datasheet HTML 8Page - Asahi Kasei Microsystems CQ-2063 Datasheet HTML 9Page - Asahi Kasei Microsystems CQ-2063 Datasheet HTML 10Page - Asahi Kasei Microsystems CQ-2063 Datasheet HTML 11Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
[CQ-2063]
MS1262-J-05
2013/06
- 7 -
外形寸法図
Unit:mm
注1) 公差は特に定める以外は±0.1mmとします
端子材質: Cu
端子めっき材: Sn 100%
パッケージ材料: RoHS対応、ハロゲンフリー
Figure 9. CQ-2063の外形寸法図


Similar Part No. - CQ-2063

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
CQ-2064 AKM-CQ-2064 Datasheet
734Kb / 13P
   A small high-speed current Center for Applied thermal
CQ-2065 AKM-CQ-2065 Datasheet
734Kb / 13P
   A small high-speed current Center for Applied thermal
CQ-2066 AKM-CQ-2066 Datasheet
886Kb / 13P
   A small high-speed current Center for Applied thermal
CQ-206A AKM-CQ-206A Datasheet
803Kb / 13P
   Fast response small current sensor
CQ-206B AKM-CQ-206B Datasheet
804Kb / 13P
   Fast response small current sensor
More results

Similar Description - CQ-2063

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
CQ-209D AKM-CQ-209D Datasheet
638Kb / 13P
   Fast response small current sensor
CQ-206B AKM-CQ-206B Datasheet
804Kb / 13P
   Fast response small current sensor
CQ-209B AKM-CQ-209B Datasheet
632Kb / 13P
   Fast response small current sensor
CQ-209A AKM-CQ-209A Datasheet
634Kb / 13P
   Fast response small current sensor
CQ-206A AKM-CQ-206A Datasheet
803Kb / 13P
   Fast response small current sensor
logo
Allegro MicroSystems
ACS709 ALLEGRO-ACS709_16 Datasheet
746Kb / 21P
   High-Bandwidth, Fast Fault Response Current Sensor IC
logo
Asahi Kasei Microsystem...
CQ-3301 AKM-CQ-3301 Datasheet
566Kb / 19P
   High-Speed Response Coreless Current Sensor
CQ-3204 AKM-CQ-3204 Datasheet
620Kb / 19P
   High-Speed Response Coreless Current Sensor
CQ-3200 AKM-CQ-3200 Datasheet
620Kb / 19P
   High-Speed Response Coreless Current Sensor
logo
Shanghai Leiditech Elec...
2R1000-5S LEIDITECH-2R1000-5S Datasheet
393Kb / 3P
   Extremely small size Extremely fast response time
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com