Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1812L150 Datasheet(PDF) 2 Page - Littelfuse

Part # 1812L150
Description  Surface Mount > 1812L Series
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

1812L150 Datasheet(HTML) 2 Page - Littelfuse

  1812L150 Datasheet HTML 1Page - Littelfuse 1812L150 Datasheet HTML 2Page - Littelfuse 1812L150 Datasheet HTML 3Page - Littelfuse 1812L150 Datasheet HTML 4Page - Littelfuse 1812L150 Datasheet HTML 5Page - Littelfuse 1812L150 Datasheet HTML 6Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
40
Revised: December 2, 2009
©2009 Littelfuse, Inc.
POLYFUSE® Resettable PTCs
Surface Mount > 1812L Series
1812L Series
Specifications are subject to change without notice.
Please refer to www.littelfuse.com/series/1812L.html for current information.
Ambient Operation Temperature
-40°C
-20°C
0°C
23°C
40°C
50°C
60°C
70°C
85°C
Part Number
Hold Current (A)
1812L010
0.16
0.14
0.12
0.10
0.08
0.07
0.06
0.05
0.03
1812L014
0.23
0.19
0.17
0.14
0.12
0.10
0.09
0.08
0.06
1812L020
0.29
0.26
0.23
0.20
0.17
0.15
0.14
0.12
0.10
1812L050
0.77
0.68
0.59
0.50
0.44
0.40
0.37
0.33
0.29
1812L050/30
0.77
0.68
0.59
0.50
0.44
0.40
0.37
0.33
0.29
1812L075
1.15
1.01
0.88
0.75
0.65
0.60
0.55
0.49
0.43
1812L075/24
1.06
0.95
0.84
0.75
0.60
0.55
0.50
0.45
0.37
1812L075/33
1.10
1.00
0.88
0.75
0.66
0.60
0.56
0.47
0.36
1812L110
1.59
1.43
1.26
1.10
0.95
0.87
0.80
0.71
0.60
1812L110/16
1.58
1.43
1.27
1.10
0.95
0.85
0.77
0.71
0.58
1812L110/24
1.55
1.40
1.25
1.10
0.93
0.83
0.73
0.63
0.50
1812L110/33
1.55
1.40
1.25
1.10
0.93
0.83
0.73
0.63
0.50
1812L125
2.00
1.75
1.52
1.25
1.00
0.95
0.90
0.75
0.53
1812L125/6
2.00
1.75
1.52
1.25
1.00
0.95
0.90
0.75
0.53
1812L150
2.06
1.93
1.79
1.50
1.28
1.10
1.02
0.80
0.68
1812L150/12
2.04
1.88
1.68
1.50
1.25
1.10
1.00
0.80
0.60
1812L150/24
2.05
1.87
1.67
1.50
1.25
1.08
0.95
0.77
0.60
1812L160
2.20
2.06
1.91
1.60
1.36
1.17
1.09
0.85
0.72
1812L160/12
2.20
2.06
1.91
1.60
1.36
1.17
1.09
0.85
0.72
1812L200TH
2.60
2.44
2.22
2.00
1,78
1.67
1.50
1.45
1.29
1812L260TH
3.40
3.16
3.00
2.60
2.30
2.15
2.00
1.85
1.63
1812L260/12
3.40
3.16
3.00
2.60
2.30
2.15
2.00
1.85
1.63
1812L300
4.13
3.75
3.30
3.00
2.61
2.43
2.25
2.00
1.78
Temperature Rerating
Temperature Rerating Curve
-40
-30
-20
-10
0
10
20
30
40
5060
70
80 85
10%
30%
50%
70%
90%
110%
130%
150%
170%
Temperature (°C)
Environmental Specifications
Operating/Storage
Temperature
-40°C to +85°C
Maximum Device Surface
Temperature in Tripped State
125°C
Passive Aging
+85°C, 1000 hours
-/+5% typical resistance change
Humidity Aging
+85°C, 85% R.H.,1000 hours
-/+5% typical resistance change
Thermal Shock
MIL–STD–202, Method 107G
+85°C/-40°C 20 times
-30% typical resistance change
Solvent Resistance
MIL–STD–202, Method 215
No change
Vibration
MIL–STD–883C, Method
2007.1, Condition A
No change
Moisture Level Sesitivity
Level 1, J–STD–020C
Physical Specifications
Terminal Material
Solder-Plated Copper (Solder Material:
Matte Tin (Sn))
Lead Solderability
Meets EIA Specification RS186-9E, ANSI/
J-STD-002 Category 3.


Similar Part No. - 1812L150

ManufacturerPart #DatasheetDescription
logo
Littelfuse
1812L150 LITTELFUSE-1812L150 Datasheet
154Kb / 2P
   Surface Mount PTC
1812L150 LITTELFUSE-1812L150 Datasheet
958Kb / 7P
   POLY-FUSE Resettable PTCs
1812L150 LITTELFUSE-1812L150 Datasheet
409Kb / 6P
   POLYFUSE Resettable PTCs
1812L150-C LITTELFUSE-1812L150-C Datasheet
411Kb / 6P
   POLYFUSE짰 Resettable PTCs Surface Mount
1812L150-C LITTELFUSE-1812L150-C Datasheet
4Mb / 74P
   POLYFUSE짰 Resettable PTCs Surface Mount
More results

Similar Description - 1812L150

ManufacturerPart #DatasheetDescription
logo
Littelfuse
1812L150ZR LITTELFUSE-1812L150ZR Datasheet
820Kb / 6P
   POLY-FUSE짰 Resettable PTCs Surface Mount > 1812L Series
1812L010 LITTELFUSE-1812L010 Datasheet
820Kb / 6P
   The 1812L Series PTC provides surface mount overcurrent protection for applications
logo
Compact Technology Corp...
S1A CTC-S1A Datasheet
51Kb / 2P
   SURFACE MOUNT SURFACE MOUNT
logo
EIC discrete Semiconduc...
MBRA140T3G EIC-MBRA140T3G Datasheet
99Kb / 2P
   SURFACE MOUNT SURFACE MOUNT
logo
Littelfuse
0402L010SL LITTELFUSE-0402L010SL Datasheet
187Kb / 7P
   LoRhoTM Surface Mount Series
logo
Mill-Max Mfg. Corp.
940-44-044-17-400000 MILL-MAX-940-44-044-17-400000 Datasheet
381Kb / 1P
   SERIES 940 ??SURFACE MOUNT
logo
RFE international
RMF50R-4R7-J RFE-RMF50R-4R7-J Datasheet
70Kb / 1P
   SURFACE MOUNT RMF Series: Fusible Thick Film Surface Mount RESISTORS
FSMD005-1210 RFE-FSMD005-1210 Datasheet
193Kb / 2P
   Surface Mount PPTC FSMD1210 Series
logo
Dielectric Laboratories...
L095XG9S DILABS-L095XG9S Datasheet
1Mb / 2P
   Surface Mount Lowpass Filter Series
L204XF4S DILABS-L204XF4S Datasheet
1Mb / 2P
   Surface Mount Lowpass Filter Series
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com