Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK8185A Datasheet(PDF) 3 Page - Asahi Kasei Microsystems

Part # AK8185A
Description  Low - Jitter Clock Generator with Integrated VCO
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK8185A Datasheet(HTML) 3 Page - Asahi Kasei Microsystems

  AK8185A Datasheet HTML 1Page - Asahi Kasei Microsystems AK8185A Datasheet HTML 2Page - Asahi Kasei Microsystems AK8185A Datasheet HTML 3Page - Asahi Kasei Microsystems AK8185A Datasheet HTML 4Page - Asahi Kasei Microsystems AK8185A Datasheet HTML 5Page - Asahi Kasei Microsystems AK8185A Datasheet HTML 6Page - Asahi Kasei Microsystems AK8185A Datasheet HTML 7Page - Asahi Kasei Microsystems AK8185A Datasheet HTML 8Page - Asahi Kasei Microsystems AK8185A Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
AK8185A
draft-E-02
Dec. 2012
- 3 -
- Pin Descriptions -
Pin No.
Pin Name
Pin
Type
Description
1
VCC_OUT
PWR
3.3V Power Supply for output buffers
2
OUTN1
OUT
Differential output pair or two single-ended outputs
3
OUTP1
OUT
Differential output pair or two single-ended outputs
4
VCC_OUT
PWR
3.3V Power Supply for output buffers
5
OUTN0
OUT
Differential output pair or two single-ended outputs
6
OUTP0
OUT
Differential output pair or two single-ended outputs
7
CE
IN
Chip enable control pin
8
NC
No Connection
9
VCC_VCO
PWR
3.3V Power Supply for internal VCO
10
OS1
IN
Output type select control pin
11
OS0
IN
Output type select control pin
12
RSTN
IN
Device reset (active low)
13
OD0
IN
Output divider control pins
14
OD1
IN
Output divider control pins
15
OD2
IN
Output divider control pins
16
VCC_PLL2
PWR
3.3V Power Supply for PLL circuitry
17
REG_CAP2
OUT
Capacitor for internal regulator (connect to a 10-μF Y5V capacitor
to GND)
18
VCC_PLL1
PWR
3.3V Power Supply for PLL circuitry
19
REG_CAP1
OUT
Capacitor for internal regulator (connect to a 10-μF Y5V capacitor
to GND)
20
VCC_IN
PWR
3.3V Power Supply for input buffers
21
XIN
IN
Parallel resonant crystal or LVCMOS inputs
22
GND1
Ground
Additional ground for device
23
OSC_OUT
OUT
Bypass LVCMOS output
24
NC
No Connection
25
PR0
IN
Prescaler and Feedback divider control pins
26
PR1
IN
Prescaler and Feedback divider control pins
27
VCC_OUT
PWR
3.3V Power Supply for output buffers
28
OUTN3
OUT
Differential output pair or two single-ended outputs
29
OUTP3
OUT
Differential output pair or two single-ended outputs
30
VCC_OUT
PWR
3.3V Power Supply for output buffers
31
OUTN2
OUT
Differential output pair or two single-ended outputs
32
OUTP2
OUT
Differential output pair or two single-ended outputs
EPAD
GND
Ground
Thermal Pad (Must be soldered to Ground)


Similar Part No. - AK8185A

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK8180A AKM-AK8180A Datasheet
580Kb / 12P
   2.5V, 3.3V LVCMOS 1:10 Clock Fanout Buffer
AK8180B AKM-AK8180B Datasheet
669Kb / 12P
   2.5V, 3.3V LVCMOS 1:9 Clock Fanout Buffer
AK8180C AKM-AK8180C Datasheet
1,006Kb / 12P
   2.5V, 3.3V LVCMOS 1:12 Clock Fanout Buffer
AK8180D AKM-AK8180D Datasheet
832Kb / 12P
   2.5V, 3.3V LVCMOS 1:10 Clock Fanout Buffer
AK8180E AKM-AK8180E Datasheet
293Kb / 4P
   AK8180E Evaluation Board
More results

Similar Description - AK8185A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCM61001 TI-CDCM61001_10 Datasheet
765Kb / 35P
[Old version datasheet]   One Output, Integrated VCO, Low-Jitter Clock Generator
CDCM61002 TI-CDCM61002 Datasheet
865Kb / 34P
[Old version datasheet]   Two Output, Integrated VCO, Low-Jitter Clock Generator
CDCM61001 TI1-CDCM61001_12 Datasheet
787Kb / 34P
[Old version datasheet]   One Output, Integrated VCO, Low-Jitter Clock Generator
CDCM61002 TI-CDCM61002_10 Datasheet
711Kb / 35P
[Old version datasheet]   Two Output, Integrated VCO, Low-Jitter Clock Generator
CDCM61004_101 TI-CDCM61004_101 Datasheet
714Kb / 35P
[Old version datasheet]   Four Output, Integrated VCO, Low-Jitter Clock Generator
CDCM61001 TI-CDCM61001 Datasheet
857Kb / 33P
[Old version datasheet]   One Output, Integrated VCO, Low-Jitter Clock Generator
CDCM61001 TI1-CDCM61001_17 Datasheet
953Kb / 35P
[Old version datasheet]   One Output, Integrated VCO, Low-Jitter Clock Generator
CDCM61004 TI-CDCM61004_10 Datasheet
790Kb / 34P
[Old version datasheet]   Four Output, Integrated VCO, Low-jitter Clock Generator
CDCM61004 TI1-CDCM61004_17 Datasheet
1Mb / 39P
[Old version datasheet]   Four Output, Integrated VCO, Low-Jitter Clock Generator
CDCM61004 TI-CDCM61004 Datasheet
867Kb / 35P
[Old version datasheet]   Four Output, Integrated VCO, Low-Jitter Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com