Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK8181E Datasheet(PDF) 4 Page - Asahi Kasei Microsystems

Part # AK8181E
Description  3.3V LVPECL 1:4 Clock Fanout Buffer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK8181E Datasheet(HTML) 4 Page - Asahi Kasei Microsystems

  AK8181E Datasheet HTML 1Page - Asahi Kasei Microsystems AK8181E Datasheet HTML 2Page - Asahi Kasei Microsystems AK8181E Datasheet HTML 3Page - Asahi Kasei Microsystems AK8181E Datasheet HTML 4Page - Asahi Kasei Microsystems AK8181E Datasheet HTML 5Page - Asahi Kasei Microsystems AK8181E Datasheet HTML 6Page - Asahi Kasei Microsystems AK8181E Datasheet HTML 7Page - Asahi Kasei Microsystems AK8181E Datasheet HTML 8Page - Asahi Kasei Microsystems AK8181E Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
AK8181E
Feb-2013
draft-E-01
- 4 -
DC Characteristics (LVCMOS/LVTTL)
All specifications at VDD= 3.3V
5%, Ta: -40 to +85℃, unless otherwise noted
Parameter
Symbol
Conditions
MIN
TYP
MAX
Unit
Input High Voltage
VIH
2.0
VDD+0.3
V
Input Low Voltage
VIL
-0.3
0.8
V
Input High Current
CLK_SEL
IH
Vin=VDD=3.465V
150
μA
CLK_EN
Vin=VDD=3.465V
5
μA
Input Low Current
CLK_SEL
IL
Vin=VSS,
VDD=3.465V
-5
μA
CLK_EN
Vin=VSS,
VDD=3.465V
-150
μA
DC Characteristics (Differential)
All specifications at VDD= 3.3V
5%, Ta: -40 to +85℃, unless otherwise noted
Parameter
Symbol
Conditions
MIN
TYP
MAX
Unit
Input High Current
PCLKp
IH
Vin=VDD=3.465V
150
μA
PCLKn
Vin=VDD=3.465V
5
μA
Input Low Current
PCLKp
IL
Vin=VSS,
VDD=3.465V
-5
μA
PCLKn
Vin=VSS,
VDD=3.465V
-150
μA
Peak-to-Peak Input Voltage
VPP
0.15
1.3
V
Common Mode Input Voltage
(1) (2)
VCMR
VSS+0.5
VDD-0.85
V
(1)
For single ended applications, the maximum input voltage for PCLKp and PCLKn is VDD+0.3V.
(2)
Common mode voltage is defined as VIH.
DC Characteristics (LVPECL)
All specifications at VDD= 3.3V
5%, Ta: -40 to +85℃, unless otherwise noted
Parameter
Symbol
Conditions
MIN
TYP
MAX
Unit
Output High Voltage
(3)
VOH
VDD-1.4
VDD-0.9
V
Output Low Voltage
(3)
VOL
VDD-2.0
VDD-1.7
V
Peak-to-Peak Output Voltage Swing
VSWING
0.6
1.0
V
(3)
Outputs terminated with 50
Ω to VDD-2V.


Similar Part No. - AK8181E

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK8181A AKM-AK8181A Datasheet
253Kb / 8P
   3.3V LVPECL 1:4 Clock Fanout Buffer
AK8181B AKM-AK8181B Datasheet
541Kb / 4P
   AK8181B Evaluation Board
AK8181C AKM-AK8181C Datasheet
446Kb / 8P
   3.3V LVPECL 1:2 Clock Fanout Buffer
AK8181D AKM-AK8181D Datasheet
774Kb / 6P
   AK8181D Evaluation Board
AK8181F AKM-AK8181F Datasheet
654Kb / 12P
   3.3V LVDS 1:4 Clock Fanout Buffer
More results

Similar Description - AK8181E

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK8181A AKM-AK8181A Datasheet
253Kb / 8P
   3.3V LVPECL 1:4 Clock Fanout Buffer
AK8181C AKM-AK8181C Datasheet
446Kb / 8P
   3.3V LVPECL 1:2 Clock Fanout Buffer
AK8181H AKM-AK8181H Datasheet
542Kb / 12P
   2.5V, 3.3V LVPECL 1:10 Clock Fanout Buffer
logo
ON Semiconductor
NB3N2304NZ ONSEMI-NB3N2304NZ Datasheet
117Kb / 7P
   3.3V 1:4 Clock Fanout Buffer
September, 2006 ??Rev. 0
NB3N2304NZ ONSEMI-NB3N2304NZ_07 Datasheet
143Kb / 7P
   3.3V 1:4 Clock Fanout Buffer
January, 2007 ??Rev. 1
NB4L339 ONSEMI-NB4L339 Datasheet
117Kb / 7P
   3.3V 1:4 Clock Fanout Buffer
September, 2006 ??Rev. 0
NB3N2304NZ ONSEMI-NB3N2304NZ_09 Datasheet
144Kb / 7P
   3.3V 1:4 Clock Fanout Buffer
October, 2009 ??Rev. 6
logo
Renesas Technology Corp
MC100ES6535 RENESAS-MC100ES6535 Datasheet
450Kb / 10P
   3.3V LVCMOS-to-LVPECL 1:4 Fanout Buffer
2019
logo
Asahi Kasei Microsystem...
AK8181F AKM-AK8181F Datasheet
654Kb / 12P
   3.3V LVDS 1:4 Clock Fanout Buffer
AK8181G AKM-AK8181G Datasheet
585Kb / 10P
   3.3V LVDS 1:4 Clock Fanout Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com